Part Number Hot Search : 
1SMB160A JC547B DTC144 MBR052 MMBZ5244 K1647 1C102 21009
Product Description
Full Text Search
 

To Download MMPQ3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FFB3904 / FMB3904 / MMPQ3904
FFB3904
E2 B2 C1
FMB3904
C2 E1 C1 E1
MMPQ3904
E2 B2 E3 B3 E4 B4
B1
SC70-6
Mark: .1A
pin #1
C2 B1 E1
pin #1 B1
B2 E2 C2 C1 C3 C2
C4 C4 C3
NOTE: The pinouts are symmetrical; pin 1 and pin 4 are interchangeable. Units inside the carrier can be of either orientation and will not affect the functionality of the device.
SuperSOT-6
Mark: .1A
Dot denotes pin #1
SOIC-16
Mark: MMPQ3904
pin #1 C1
NPN Multi-Chip General Purpose Amplifier
This device is designed as a general purpose amplifier and switch. The useful dynamic range extends to 100 mA as a switch and to 100 MHz as an amplifier. Sourced from Process 23.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
40 60 6.0 200 -55 to +150
Units
V V V mA C
4
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 3) All voltages (V) and currents (A) are negative polarity for PNP transistors.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Effective 4 Die Each Die FFB3904 300 2.4 415
Max
FMB3904 700 5.6 180 MMPQ3904 1,000 8.0 125 240
Units
mW mW/C C/W C/W C/W
1998 Fairchild Semiconductor Corporation
FFB3904 / FMB3904 / MMPQ3904
NPN Multi-Chip General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Base Cutoff Current Collector Cutoff Current IC = 1.0 mA, IB = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCE = 30 V, VEB = 0 VCE = 30 V, VEB = 0 40 60 6.0 50 50 V V V nA nA
ON CHARACTERISTICS*
hFE DC Current Gain IC = 0.1 mA, VCE = 1.0 V MMPQ3904 IC = 1.0 mA, VCE = 1.0 V MMPQ3904 IC = 10 mA, VCE = 1.0 V MMPQ3904 IC = 50 mA, VCE = 1.0 V IC = 100 mA, VCE = 1.0 V IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA 40 30 70 50 100 75 60 30
300
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
0.65
0.2 0.3 0.85 0.95
V V V V
SMALL SIGNAL CHARACTERISTICS
fT Cobo Cibo Current Gain - Bandwidth Product Output Capacitance Input Capacitance
(MMPQ3904 only)
IC = 10 mA, VCE = 20 V, f = 100 MHz VCB = 5.0 V, IE = 0, f = 140 kHz VEB = 0.5 V, IC = 0, f = 140 kHz
250 4.0 8.0
MHz pF pF
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
FFB3904 / FMB3904 / MMPQ3904
NPN Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
500 400
125 C
V CE = 5V
VCESAT- COLLECTOR-EMITTER VOLTAGE (V)
h FE - TYP ICAL PULSED CURRE NT GAIN
Typical Pulsed Current Gain vs Collector Current
Collector-Emitter Saturation Voltage vs Collector Current
0.15 = 10
125 C
300
25 C
0.1
25 C
200 100 0 0.1
- 40 C
0.05
- 40 C
1 10 I C - COLLECTOR CURRENT (mA)
100
0.1
1 10 I C - COLLECTOR CURRENT (mA)
100
V BE(ON) BASE-EMITTER ON VOLTAGE (V)
VBESAT- BASE-EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1
= 10
Base-Emitter ON Voltage vs Collector Current
1 VCE = 5V 0.8
- 40 C 25 C
0.8
- 40 C 25 C
0.6
125 C
0.6
125 C
0.4
4
100
0.4 0.1 IC 1 10 - COLLECTOR CURRENT (mA) 100
0.2 0.1
1 10 I C - COLLECTOR CURRENT (mA)
Collector-Cutoff Current vs Ambient Temperature
ICBO- COLLECTOR CURRENT (nA) 500
CAPACITANCE (pF) 10
Capacitance vs Reverse Bias Voltage
f = 1.0 MHz
100 10 1 0.1
VCB = 30V
5 4 3 2
C obo C ibo
25
50 75 100 125 TA - AMBIENT TEMPERATURE ( C)
150
1 0.1
1 10 REVERSE BIAS VOLTAGE (V)
100
FFB3904 / FMB3904 / MMPQ3904
NPN Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Noise Figure vs Frequency
12 NF - NOISE FIGURE (dB) 10 8 6 4 2 0 0.1
I C = 100 A, R S = 500
Noise Figure vs Source Resistance
12 NF - NOISE FIGURE (dB)
I C = 1.0 mA
I C = 1.0 mA R S = 200 I C = 50 A R S = 1.0 k I C = 0.5 mA R S = 200
V CE = 5.0V 10
I C = 5.0 mA
8 6 4 2 0 0.1
I C = 50 A
I C = 100 A
1 10 f - FREQUENCY (kHz)
100
1 10 R S - SOURCE RESISTANCE ( k )
100
Current Gain and Phase Angle vs Frequency
50 45 40 35 30 25 20 15 10 5 0 PD - POWE R DIS SIPATION (W) h fe
Power Dissipation vs Ambient Temperature
0 20 40 60 80 100 120 140 160 180
1000 1
- CURRENT GAIN (dB)
SOIC-16
0.75
SOT-6
- DEGREES
0.5
SC70 -6
0.25
h
V CE = 40V I C = 10 mA 1 10 100 f - FREQUENCY (MHz)
fe
0
0
25
50 75 100 TE MPE RATURE (C)
125
150
Turn-On Time vs Collector Current
500 I B1 = I B2 = 40V TIME (nS) 100 15V t r @ V CC = 3.0V 2.0V 10 t d @ VCB = 0V 5 1 10 I C - COLLECTOR CURRENT (mA) 100
Ic 10
Rise Time vs Collector Current
500 VCC = 40V t r - RISE TIME (ns) I B1 = I B2 =
Ic 10
100
T J = 125C
T J = 25C
10 5 1 10 I C - COLLECTOR CURRENT (mA) 100
FFB3904 / FMB3904 / MMPQ3904
NPN Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Storage Time vs Collector Current
500 t S - STORAGE TIME (ns)
T J = 25C
Fall Time vs Collector Current
500 I B1 = I B2 = t f - FALL TIME (ns)
T J = 125C Ic 10
I B1 = I B2 =
Ic 10
VCC = 40V
100
T J = 125C
100
T J = 25C
10 5 1 10 I C - COLLECTOR CURRENT (mA) 100
10 5 1 10 I C - COLLECTOR CURRENT (mA) 100
Current Gain
V CE = 10 V f = 1.0 kHz T A = 25oC h oe - OUTPUT ADMITTANCE ( mhos) 500 100
Output Admittance
V CE = 10 V f = 1.0 kHz T A = 25oC
h fe - CURRENT GAIN
100
10
4
1 0.1 1 I C - COLLECTOR CURRENT (mA) 10
10 0.1
1 I C - COLLECTOR CURRENT (mA)
10
100 h ie - INPUT IMPEDANCE (k )
h re - VOLTAGE FE EDBACK RATIO (x10 4 )
Input Impedance
V CE = 10 V f = 1.0 kHz T A = 25oC
Voltage Feedback Ratio
10 7 5 4 3 2 V CE = 10 V f = 1.0 kHz T A = 25oC
10
1
0.1 0.1
_
1 I C - COLLECTOR CURRENT (mA)
10
1 0.1
1 I C - COLLE CTOR CURRENT (mA)
10
FFB3904 / FMB3904 / MMPQ3904
NPN Multi-Chip General Purpose Amplifier
(continued)
Test Circuits
3.0 V
300 ns 10.6 V Duty Cycle = 2% 0 - 0.5 V < 1.0 ns 10 K
275
C1 < 4.0 pF
FIGURE 1: Delay and Rise Time Equivalent Test Circuit
3.0 V
10 < t1 < 500 s
t1 10.9 V 275
Duty Cycle = 2% 0 10 K C1 < 4.0 pF - 9.1 V < 1.0 ns 1N916
FIGURE 2: Storage and Fall Time Equivalent Test Circuit
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of MMPQ3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X