Part Number Hot Search : 
0V390 142181 SLE5536 SL4060BN EH8008ZI SB630DC SA26ARL 1000A
Product Description
Full Text Search
 

To Download MMBZ27VCLT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ15VDLT1, MMBZ27VCLT1
Preferred Devices
40 Watt Peak Power Zener Transient Voltage Suppressors
SOT-23 Dual Common Cathode Zeners for ESD Protection
These dual monolithic silicon zener diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. Their dual junction common cathode design protects two separate lines using only one package. These devices are ideal for situations where board space is at a premium. The MMBZ27VCLT1 can be used to protect a single wire communication network form EMI and ESD transient surge voltages. T h e M M B Z 2 7 V C LT 1 i s r e c o m m e n d e d b y t h e Society of Automotive Engineers (SAE), February 2000, J2411 "Single Wire Can Network for Vehicle Applications" specification as a solution for transient voltage problems.
Specification Features: http://onsemi.com
1 3 2 PIN 1. ANODE 2. ANODE 3. CATHODE
3 1 2 SOT-23 CASE 318 STYLE 9
MARKING DIAGRAM
XXX MG G 1
* SOT-23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
* Working Peak Reverse Voltage Range - 12.8 V, 22 V * Standard Zener Breakdown Voltage Range - 15 V, 27 V * Peak Power - 40 W @ 1.0 ms (Bidirectional), * * * *
per Figure 5 Waveform ESD Rating of Class N (exceeding 16 kV) per the Human Body Model Low Leakage < 100 nA Flammability Rating: UL 94 V-O Pb-Free Packages are Available
xxx = 15D or 27C M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
Device MMBZ15VDLT1 Package SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel
MMBZ15VDLT1G SOT-23 (Pb-Free) MMBZ15VDLT3 SOT-23
Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic case FINISH: Corrosion resistant finish, easily solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
MMBZ15VDLT3G SOT-23 10,000/Tape & Reel (Pb-Free) MMBZ27VCLT1 SOT-23 3000/Tape & Reel 3000/Tape & Reel
MMBZ27VCLT1G SOT-23 (Pb-Free)
260C for 10 Seconds
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
July, 2005 - Rev. 7
Publication Order Number: MMBZ15VDLT1/D
MMBZ15VDLT1, MMBZ27VCLT1
MAXIMUM RATINGS
Rating Peak Power Dissipation @ 1.0 ms (Note 1) @ TL 25C Total Power Dissipation on FR-5 Board (Note 2) @ TA = 25C Derate above 25C Thermal Resistance Junction-to-Ambient Total Power Dissipation on Alumina Substrate (Note 3) @ TA = 25C Derate above 25C Thermal Resistance Junction-to-Ambient Junction and Storage Temperature Range Lead Solder Temperature - Maximum (10 Second Duration) Symbol Ppk PD RqJA PD RqJA TJ, Tstg TL Value 40 225 1.8 556 300 2.4 417 - 55 to +150 260 Unit Watts mW mW/C C/W mW mW/C C/W C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Nonrepetitive current pulse per Figure 5 and derate above TA = 25C per Figure 6. 2. FR-5 = 1.0 x 0.75 x 0.62 in. 3. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted)
I IF
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol IPP VC VRWM IR VBR IT VBR IF VF Parameter Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Maximum Temperature Coefficient of VBR Forward Current Forward Voltage @ IF VC VBR VRWM
IR VF IT
V
IPP
Uni-Directional TVS
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3)
(VF = 0.9 V Max @ IF = 10 mA) Breakdown Voltage Device Marking 15D VRWM Volts 12.8 IR @ VRWM nA 100 VBR (Note 4) (V) Min 14.3 Nom 15 Max 15.8 @ IT mA 1.0 VC @ IPP (Note 5) VC V 21.2 IPP A 1.9 VBR mV/5C 12
Device MMBZ15VDLT1, G*
(VF = 1.1 V Max @ IF = 200 mA) Breakdown Voltage Device Marking 27C VRWM Volts 22 IR @ VRWM nA 50 VBR (Note 4) (V) Min 25.65 Nom 27 Max 28.35 @ IT mA 1.0 VC @ IPP (Note 5) VC V 38 IPP A 1.0 VBR mV/5C 26
Device MMBZ27VCLT1, G*
*The "G" suffix indicates Pb-Free package available. 4. VBR measured at pulse test current IT at an ambient temperature of 25C. 5. Surge current waveform per Figure 5 and derate per Figure 6
http://onsemi.com
2
MMBZ15VDLT1, MMBZ27VCLT1
TYPICAL CHARACTERISTICS
MMBZ15VDLT1
BREAKDOWN VOLTAGE (VOLTS) (VBR @ I T ) BREAKDOWN VOLTAGE (VOLTS) (VBR @ I T ) 17 BIDIRECTIONAL 29 BIDIRECTIONAL 28
MMBZ27VCLT1
16
15
27
14 UNIDIRECTIONAL 13 -40 +25 +85 TEMPERATURE (C) +125
26
25 -55
+25 +85 TEMPERATURE (C)
+125
Figure 1. Typical Breakdown Voltage versus Temperature
Figure 2. Typical Breakdown Voltage versus Temperature
10000 100 10 1 0.1 0.01 -40
300 250 200 150 100 50 0
PD , POWER DISSIPATION (mW)
ALUMINA SUBSTRATE
IR (nA)
FR-5 BOARD
+25 +85 TEMPERATURE (C)
+125
0
25
50
75 100 125 TEMPERATURE (C)
150
175
Figure 3. Typical Leakage Current versus Temperature
Figure 4. Steady State Power Derating Curve
tr 10 ms 100 VALUE (%) PEAK VALUE IPP
PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IPP.
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ TA = 25 C
100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) 175 200
HALF VALUE 50 tP 0
IPP 2
0
1
2
3 t, TIME (ms)
4
Figure 5. Pulse Waveform http://onsemi.com
3
Figure 6. Pulse Derating Curve
MMBZ15VDLT1, MMBZ27VCLT1
TYPICAL APPLICATIONS
VBatt Single Wire CAN Transceiver 47 mH Bus Loss of Ground Protection Circuit Load GND
ECU Connector
RLoad 9.09 kW 1% * CLoad 220 pF 10%
*ESD Protection - MMBZ27VCLT1 or equivalent. May be located in each ECU (CLoad needs to be reduced accordingly) or at a central point near the DLC.
Figure 7. Single Wire CAN Network
Figure is the recommended solution for transient EMI/ESD protection. This circuit is shown in the Society of Automotive Engineers February, 2000 J2411 "Single Wire CAN Network for Vehicle Applications" specification (Figure 6, page 11).
http://onsemi.com
4
MMBZ15VDLT1, MMBZ27VCLT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A A1 b c D E e L HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.35 2.10 MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.54 0.69 2.40 2.64 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.014 0.083 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.021 0.094 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.029 0.104
D
3 1 2
E HE
e
A b A1 L C
STYLE 9: PIN 1. ANODE 2. ANODE 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MMBZ15VDLT1, MMBZ27VCLT1
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MMBZ15VDLT1/D


▲Up To Search▲   

 
Price & Availability of MMBZ27VCLT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X