Part Number Hot Search : 
BFT29X 74AC04 U1001 CO55CC BFT29X TDA7439 B3020 38M00
Product Description
Full Text Search
 

To Download MMBZ27VCL-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ15VDL, MMBZ27VCL
40W PEAK POWER DUAL SURFACE MOUNT TVS Features
NEW PRODUCT
* * * * * * * * * * * * * *
Dual TVS in Common Cathode Configuration for ESD Protection 40 Watt Peak Power Dissipation @1.0ms (Unidirectional) 225 mW Power Dissipation Ideally Suited for Automatic Insertion Low Leakage
E
SOT-23
A
Dim
B
TOP VIEW
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
C
A B C D E
D G H K J L M
Mechanical Data
Case: SOT-23, Molded Plastic Case Material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: Marking Code & Date Code, See Page 2 Marking Code: See Table Below Weight: 0.008 grams (Approx.) Ordering Information: See Page 2
G H J K L M a
All Dimensions in mm
Maximum Ratings @TA = 25C unless otherwise specified
Characteristic Power Dissipation (Note 1) Peak Power Dissipation (Note 2) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol Pd PPK RqJA Tj ,TSTG Value 225 40 420 -65 to +150 Unit mW W C/W C
Electrical Characteristics
VF = 0.9V max @ IF = 10mA (Note 3)
@TA = 25C unless otherwise noted
Breakdown Voltage Type Number Marking Code VRWM Volts MMBZ15VDL KVJ 12.8 IR @ VRWM nA 100 Min 14.3 VBR (Note 3) (V) Nom 15 Max 15.8 @ IT mA 1.0
VC @ IPP (Note 2) VC V 21.2 IPP A 1.9
Typical Temperature Coefficient TC (%/C) +0.080
VF = 1.1V max @ IF = 200mA (Note 3)
Breakdown Voltage Type Number Marking Code VRWM Volts MMBZ27VCL Note: KVP 22 IR @ VRWM nA 50 Min 25.65 VBR (Note 3) (V) Nom 27 Max 28.35 @ IT mA 1.0 VC @ IPP (Note 2) VC V 38 IPP A 1.0 Typical Temperature Coefficient TC (%/C) +0.090
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 200mW per element must not be exceeded. 2. Non-repetitive current pulse per Figure 2 and derate above TA = 25C per Figure 1. 3. Short duration test pulse used to minimize self-heating effect.
DS30352 Rev. 3 - 2
1 of 3 www.diodes.com
MMBZ15VDL, MMBZ27VCL
Ordering Information
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
NEW PRODUCT
Device MMBZ15VDL-7 MMBZ27VCL-7 Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
Date Code Key Year Code Month Code Jan 1 2001 M Feb 2 March 3 2002 N Apr 4
XXX = Product Type Marking Code, ex: KVP = MMBZ27VCL YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2003 P May 5 Jun 6
2004 R Jul 7
2005 S Aug 8 Sep 9
2006 T Oct O
2007 U Nov N
2008 V Dec D
100 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
IP, PEAK PULSE CURRENT (%Ipp)
100
75
50
Half Value Ipp/2
50
25
10 X 1000 Waveform as defined by REA
tp
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Pulse Derating Curve
300
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
t, TIME (ms) Fig. 2 Pulse Waveform
80
70
f = 1MHz
PD, POWER DISSIPATION (mW)
C, CAPACITANCE (pF)
250
60 50 40 30 20 10
MMBZ27VCL MMBZ15VDL
200
150
FR-5 Board
100
50
0
0
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE Fig. 3 Steady State Power Derating Curve
1
2
3
BIAS (V) Fig. 4 Typical Capacitance vs. Bias Voltage (Lower curve is Bidirectional mode, Upper curve is Unidirectional mode)
DS30352 Rev. 3 - 2
2 of 3 www.diodes.com
MMBZ15VDL, MMBZ27VCL
100
NEW PRODUCT
Tj = 25C
Ppk, PEAK PULSE POWER (W)
Bidirectional
10
Unidirectional
Non Repetitive Pulse Waveform (Rectangular)
1.0
0.1 0.1 1.0 10 100 1000 10000
PULSE WIDTH (ms) Fig. 5 Pulse Rating Curve, Ppk (W) vs. Pulse Width (ms) Power is defined as Ppk = VC x Ipp
100 Ppk (NOM), PEAK PULSE POWER (W)
Tj = 25C
Non Repetitive Pulse Waveform (Rectangular)
Bidirectional
10
Unidirectional
1.0
0.1 0.1 1.0 10 100 1000 10000
PULSE WIDTH (ms) Fig. 6 Pulse Rating Curve, Ppk (NOM) (W) vs. Pulse Width (ms) Power is defined as Ppk(NOM) = VBR(NOM) x Ipp where VBR(NOM) is the nominal breakdown voltage
DS30352 Rev. 3 - 2
3 of 3 www.diodes.com
MMBZ15VDL, MMBZ27VCL


▲Up To Search▲   

 
Price & Availability of MMBZ27VCL-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X