Part Number Hot Search : 
74AC1 AN2N3 3731I 56HFA D20LC20 2N5604 P300J FA13844P
Product Description
Full Text Search
 

To Download MMBTH241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMBTH24
MMBTH24
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Features
* * * * Designed for VHF/UHF Amplifier Applications and High Output VHF Oscillators High Current Gain Bandwidth Product Ideal for Mixer and RF Amplifier Applications with collector currents in the 100A - 30 mA Range Lead Free/RoHS Compliant (Note 3)
C
SOT-23 Dim A Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
B
E
B C D E G H J K L M
Mechanical Data
* * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate)
*
All Dimensions in mm
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RJA Tj, TSTG Value 40 40 4.0 50 300 417 -55 to +150 Unit V V V mA mW C/W C
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage SMALL SIGNAL CHARACTERISTICS Current Gain-Bandwidth Product Collector-Base Capacitance Collector-Base Feedback Capacitance Collector-Base Time Constant
Notes: 1. 2. 3.
@TA = 25C unless otherwise specified Symbol V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO hFE VCE(SAT) VBE(SAT) fT CCB CRB Rb'Cc Min 40 40 4.0 30 400 Max 100 100 0.5 0.95 0.7 0.65 9 Unit V V V nA nA V V MHz pF pF ps Test Condition IC = 1mA, IB = 0 IC = 100A, IE = 0 IE = 10A, IC = 0 VCB = 30V, IE = 0 VEB = 2V, IC = 0
B
IC = 8mA, VCE = 10.0V IC = 4mA, IB = 400A IC = 4mA, VCE = 10.0V
B
VCE = 10V, f = 100MHz, IC = 8mA VCB = 10V, f = 1.0MHz, IE = 0 VCB = 10V, f = 1.0MHz, IE = 0 IC = 4mA, VCB = 10V, f = 31.8MHz
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch pad layout, as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. No purposefully added lead.
DS31034 Rev. 12 - 2
1 of 3 www.diodes.com
MMBTH24
(c) Diodes Incorporated
DS31034 Rev. 12 - 2
2 of 3 www.diodes.com
MMBTH24
(c) Diodes Incorporated
Ordering Information (Note 4)
Device MMBTH24-7-F
Notes: 4.
Packaging SOT-23
Shipping 3000/Tape & Reel
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K3Z = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year 1998 Code Month Code J Jan 1
1999 K Feb 2
2000 L
2001 M Mar 3
2002 N Apr 4
2003 P May 5
2004 R Jun 6
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS31034 Rev. 12 - 2
3 of 3 www.diodes.com
MMBTH24
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBTH241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X