|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MMBTA63LT1, MMBTA64LT1 MMBTA64LT1 is a Preferred Device Darlington Transistors PNP Silicon Features http://onsemi.com COLLECTOR 3 BASE 1 EMITTER 2 3 1 2 Symbol PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW mW/C C/W C = Device Code x = U for MMBTA63LT1 x = V for MMBTA64LT1 M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location. 2x 1 2x M G G 556 mW mW/C C/W Max Unit SOT-23 (TO-236) CASE 318 STYLE 6 * Pb-Free Packages are Available MAXIMUM RATINGS Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Symbol VCES VCBO VEBO IC Value -30 -30 -10 -500 Unit Vdc Vdc Vdc mAdc THERMAL CHARACTERISTICS Characteristic Total Device Dissipation FR-5 Board, (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature MARKING DIAGRAM Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. ORDERING INFORMATION Device MMBTA63LT1 MMBTA63LT1G MMBTA64LT1 MMBTA64LT1G Package SOT-23 Shipping 3,000 / Tape & Reel SOT-23 3,000 / Tape & Reel (Pb-Free) SOT-23 3,000 / Tape & Reel SOT-23 3,000 / Tape & Reel (Pb-Free) For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Preferred devices are recommended choices for future use and best overall value. (c) Semiconductor Components Industries, LLC, 2006 1 January, 2006 - Rev. 2 Publication Order Number: MMBTA63LT1/D MMBTA63LT1, MMBTA64LT1 ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = -100 mAdc) Collector Cutoff Current (VCB = -30 Vdc) Emitter Cutoff Current (VEB = -10 Vdc) ON CHARACTERISTICS DC Current Gain (Note 3) (IC = -10 mAdc, VCE = -5.0 Vdc) (IC = -10 mAdc, VCE = -5.0 Vdc) (IC = -100 mAdc, VCE = -5.0 Vdc) (IC = -100 mAdc, VCE = -5.0 Vdc) Collector -Emitter Saturation Voltage (IC = -100 mAdc, IB = -0.1 mAdc) Base - Emitter On Voltage (IC = -100 mAdc, VCE = -5.0 Vdc) SMALL- SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = -10 mAdc, VCE = -5.0 Vdc, f = 100 MHz) 3. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. fT 125 - MHz hFE MMBTA63 MMBTA64 MMBTA63 MMBTA64 VCE(sat) - VBE(on) - -2.0 -1.5 Vdc 5,000 10,000 10,000 20,000 - - - - Vdc - V(BR)CEO -30 ICBO - IEBO - -100 -100 nAdc - nAdc Vdc Symbol Min Max Unit http://onsemi.com 2 MMBTA63LT1, MMBTA64LT1 200 hFE , DC CURRENT GAIN (X1.0 K) 100 70 50 30 20 10 7.0 5.0 3.0 2.0 -0.3 25C VCE = -2.0 V -5.0 V TA = 125C -10 V -55C -0.5 -0.7 -1.0 -2.0 -3.0 -5.0 -7.0 -10 -20 -30 -50 -70 -100 -200 -300 IC, COLLECTOR CURRENT (mA) Figure 1. DC Current Gain VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS -2.0 TA = 25C -1.6 V, VOLTAGE (VOLTS) -1.2 VBE(on) @ VCE = -5.0 V -0.8 -0.4 0 -0.3 -0.5 VCE(sat) @ IC/IB = 1000 IC/IB = 100 VBE(sat) @ IC/IB = 100 -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.8 IC = -10 mA -50 mA -100 mA -175 mA TA = 25C -300 mA -1.0 -2 -3 -5 -10 -20 -30 -50 IC, COLLECTOR CURRENT (mA) -100 -200 -300 -0.6 -0.1-0.2 -0.5 -1 -2 -5 -10 -20 -50 -100-200-500 -1K-2K -5K-10K IB, BASE CURRENT (mA) Figure 3. "On" Voltage Figure 2. Collector Saturation Region |h FE |, HIGH FREQUENCY CURRENT GAIN 10 4.0 3.0 2.0 1.0 0.4 0.2 0.1 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 IC, COLLECTOR CURRENT (mA) -500 -1K VCE = -5.0 V f = 100 MHz TA = 25C Figure 4. High Frequency Current Gain http://onsemi.com 3 MMBTA63LT1, MMBTA64LT1 PACKAGE DIMENSIONS SOT-23 (TO-236) CASE 318-08 ISSUE AN D 3 SEE VIEW C E 1 2 HE c b e q 0.25 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094 A L A1 L1 VIEW C DIM A A1 b c D E e L L1 HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104 STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR SOLDERING FOOTPRINT* 0.95 0.037 0.95 0.037 2.0 0.079 0.9 0.035 SCALE 10:1 0.8 0.031 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 4 MMBTA63LT1/D |
Price & Availability of MMBTA64LT1G |