Part Number Hot Search : 
50N06 UT54ACS LC20U DTGXXX 78L08 HD64F MIC24420 040BI
Product Description
Full Text Search
 

To Download MMBTA42E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-03A Plastic-Encapsulate Transistors
MMBTA42E
TRANSISTOR
C WBFBP-03A
(1.6x1.6x0.5) unit: mm
DESCRIPTION NPN Epitaxial Silicon Transistor FEATURES Power dissipation PCM : 0.15 W (Tamb=25) APPLICATION High Voltage Amplifier For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) MARKING:1D C
TOP B E C BACK E B
1. BASE 2. EMITTER 3. COLLECTOR
1D
BE MAXIMUM RATINGS TA=25 unless otherwise noted
Symbol VCBO VCEO VEBO IC TJ Tstg RJA RJC
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Junction Temperature Storage Temperature Thermal Resistance, junction to Ambient Thermal Resistance, unction to Case
Parameter
Value 310 305 5 300 150 -55-150 200 83.3
Units V V V mA /W /W
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
unless
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO I CEO IEBO hFE(1) hFE(2) hFE(3) VCE(sat) VBE(sat)
otherwise
Test
specified)
MIN 310 305 5 0.25 0.25 5 0.1 60 100 75 0.2 0.9 50 V V MHz 200 MAX UNIT V V V
conditions
IC= 100A, IE=0 IC= 1mA, IB=0 IE= 100A, IC=0 VCB=200V, IE=0 VCE=200V, IB=0 VCE=300V, IB=0 VEB= 5V, IC=0 VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=30mA IC=20mA, IB= 2mA IC= 20mA, IB=2mA VCE=20V, IC= 10mA
A A A A
fT
f=30MHz
MMBTA42E
Sym bol A A1 b b1 D E D2 E2 e L L1 L2 L3 L4 k z
D im e n s io n s In M illim e t e r s M in . M ax. 0 .4 5 0 0 .5 5 0 0 .0 1 0 0 .0 9 0 0 .2 3 0 0 .3 3 0 0 .3 2 0 R E F . 1 .5 5 0 1 .6 5 0 1 .5 5 0 1 .6 5 0 0 .7 5 0 R E F . 1 .0 0 0 R E F . 1 .0 0 0 T Y P . 0 .2 8 0 R E F . 0 .2 3 0 R E F . 0 .1 8 0 R E F . 0 .2 5 0 R E F . 0 .2 0 0 R E F . 0 .3 2 0 R E F . 0 .1 6 0 R E F .
D im e n s io n s In In c h e s M in . M ax. 0 .0 1 8 0 .0 2 2 0 .0 0 0 0 .0 0 4 0 .0 0 9 0 .0 1 3 0 .0 1 3 R E F . 0 .0 6 1 0 .0 6 5 0 .0 6 1 0 .0 6 5 0 .0 3 0 R E F . 0 .0 4 0 R E F . 0 .0 4 0 T Y P . 0 .0 1 1 R E F . 0 .0 0 9 R E F . 0 .0 0 7 R E F . 0 .0 1 0 R E F . 0 .0 0 8 R E F . 0 .0 1 3 R E F . 0 .0 0 6 R E F .


▲Up To Search▲   

 
Price & Availability of MMBTA42E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X