Part Number Hot Search : 
MRF20030 P14B100 GP2L01 W86L488Y RC121 RC121 LW3021A 1N6279
Product Description
Full Text Search
 

To Download MMBT44031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMBT4403
MMBT4403
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * *
Epitaxial Planar Die Construction Complementary NPN Type Available (MMBT4401) Ideal for Medium Power Amplification and Switching Available in Lead Free/RoHS Compliant Version (Note 2)
B B TOP VIEW E C C A
SOT-23 Dim A B C D E
K J L
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
Mechanical Data
* * * * * * * * *
Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Please see Ordering Information, Note 5, on Page 2 Terminal Connections: See Diagram Marking (See Page 2): K2T Ordering & Date Code Information: See Page 2 Weight: 0.008 grams (approximate)
E
D G H
G
M
H J K L M a
C
B
E
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG Value -40 -40 -5.0 -600 300 417 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30058 Rev. 7 - 2
1 of 4 www.diodes.com
MMBT4403
a Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 3) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 3)
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX IBL Min -40 -40 -5.0 3/4 3/4 30 60 100 100 20 3/4 -0.75 3/4 3/4 3/4 1.5 0.1 60 1.0 200 Max 3/4 3/4 3/4 -100 -100 3/4 3/4 3/4 300 3/4 -0.40 -0.75 -0.95 -1.30 8.5 30 15 8.0 500 100 3/4 Unit V V V nA nA Test Condition IC = -100mA, IE = 0 IC = -1.0mA, IB = 0 IE = -100mA, IC = 0 VCE = -35V, VEB(OFF) = -0.4V VCE = -35V, VEB(OFF) = -0.4V IC = -100A, VCE = IC = -1.0mA, VCE = IC = -10mA, VCE = IC = -150mA, VCE = IC = -500mA, VCE = -1.0V -1.0V -1.0V -2.0V -2.0V
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small Signal Current Gain Output Admittance Current Gain-Bandwidth Product SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time
VCE(SAT) VBE(SAT)
V V
IC = -150mA, IB = -15mA IC = -500mA, IB = -50mA IC = -150mA, IB = -15mA IC = -500mA, IB = -50mA VCB = -10V, f = 1.0MHz, IE = 0 VEB = -0.5V, f = 1.0MHz, IC = 0
Ccb Ceb hie hre hfe hoe fT
pF pF kW x 10-4 3/4 mS MHz
VCE = -10V, IC = -1.0mA, f = 1.0kHz
VCE = -10V, IC = -20mA, f = 100MHz
td tr ts tf
3/4 3/4 3/4 3/4
15 20 225 30
ns ns ns ns
VCC = -30V, IC = -150mA, VBE(off) = -2.0V, IB1 = -15mA VCC = -30V, IC = -150mA, IB1 = IB2 = -15mA
Ordering Information
Device MMBT4403-7
Note:
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
3. Short duration pulse test used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. For Lead Free/RoHS Compliant version part number, please add "-F" suffix to the part number above. Example: MMBT4403-7-F.
Marking Information
K2T
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4
K2T = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
2002 N May 5
YM
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS30058 Rev. 7 - 2
2 of 4 www.diodes.com
MMBT4403
30 20
Cibo
CAPACITANCE (pF)
10
5.0
Cobo
1.0 -0.1
-1.0
-10
-30
REVERSE VOLTS (V) Fig. 1 Typical Capacitance
VCE, COLLECTOR-EMITTER VOLTAGE (V)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
IC = 10mA IC = 1mA IC = 100mA I = 300mA C IC = 30mA
0.01
0.1
1
10
100
IB,BASE CURRENT (mA) Fig. 2 Typical Collector Saturation Region
0.5
VBE(ON), BASE EMITTER VOLTAGE (V)
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
IC IB = 10 0.4 TA = 25C
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 1 10 100 TA = 150C TA = -50C TA = 25C VCE = 5V
0.3
0.2
TA = 150C
0.1 TA = 50C 0 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 3 Collector Emitter Saturation Voltage vs. Collector Current
IC, COLLECTOR CURRENT (mA) Fig. 4 Base-Emitter Voltage vs. Collector Current
DS30058 Rev. 7 - 2
3 of 4 www.diodes.com
MMBT4403
1000 VCE = 5V TA = 150C TA = 25C 100 TA = -50C
1000
fT, GAIN BANDWIDTH PRODUCT (MHz)
VCE = 5V
hFE, DC CURRENT GAIN
100
10
10
1 1 10 1000 100 IC, COLLECTOR CURRENT (mA) Fig. 5 DC Current Gain vs. Collector Current
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 6 Gain Bandwidth Product vs. Collector Current
350 PD, POWER DISSIPATION (mW) 300 250 200 150 100 50 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 7, Max Power Dissipation vs Ambient Temperature
DS30058 Rev. 7 - 2
4 of 4 www.diodes.com
MMBT4403


▲Up To Search▲   

 
Price & Availability of MMBT44031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X