Part Number Hot Search : 
303F047 MAC7111 2412D PT78N 2C100 0ELT2 PS2701 R6520
Product Description
Full Text Search
 

To Download MMBT3904M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-03B Plastic-Encapsulate Transistors
C
MMBT3904M
TRANSISTOR
WBFBP-03B
(1.2x1.2x0.5) unit: mm
DESCRIPTION NPN Epitaxial Silicon Transistor FEATURES
Epitaxial Planar Die Construction Complementary PNP Type Available (MMBT3906M) Ultra-Small Surface Mount Package Also Available in Lead Free Version
TOP
B
1. BASE 2. EMITTER 3. COLLECTOR
E C
BACK
APPLICATION General Purpose Amplifier, switching For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) MARKING:1N
C
E
B
1N
B E Symbol VCBO VCEO VEBO IC PC TJ Tstg Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction Temperature Storage Temperature Parameter Value 60 40 6 0.2 0.15 150 -55-150 Units V V V A W
MAXIMUM RATINGS* TA=25 unless otherwise noted

ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX IEBO hFE(1) hFE(2) DC current gain hFE(3) hFE(4) hFE(5) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT
unless
Test
otherwise
conditions
specified)
MIN 60 40 6 0.05 0.1 40 70 100 60 30 0.2 0.3 0.65 300 0.85 0.95 V V V V MHz 300 TYP MAX UNIT V V V A A
IC=10A,IE=0 IC=1mA,IB=0 IE=10A,IC=0 VCE=30V,VEB(off)=3V VEB=5V,IC=0 VCE=1V,IC=0.1mA VCE=1V,IC=1mA VCE=1V,IC=10mA VCE=1V,IC=50mA VCE=1V,IC=100mA IC=10mA,IB=1mA IC=50mA,IB=5mA IC=10mA,IB=1mA IC=50mA,IB=5mA VCE=20V,IC=10mA,f=100MHz
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector output capacitance Noise figure Delay time Rise time Storage time Fall time Symbol Cob NF td tr tS tf
unless
Test
otherwise
conditions
specified)
MIN TYP MAX 4 5 35 35 200 50 UNIT pF dB nS nS nS nS
VCB=5V,IE=0,f=1MHz VCE=5V,Ic=0.1mA, VCC=3V, VBEoff=-0.5V, IC=10mA , IB1=1mA VCC=3V, IC=10mA IB1= IB2= 1mA
Typical Characteristics
MMBT3904M
Sym bol A A1 b b1 b2 D E D2 E2 e L L1 L2 k z
D im e n s io n s In M illim e t e r s M in . M ax. 0 .4 5 0 0 .5 5 0 0 .0 1 0 0 .0 9 0 0 .1 7 0 0 .2 7 0 0 .2 7 0 0 .3 7 0 0 .2 5 0 R E F . 1 .1 5 0 1 .2 5 0 1 .1 5 0 1 .2 5 0 0 .4 7 0 R E F . 0 .8 1 0 R E F . 0 .8 0 0 T Y P . 0 .2 8 0 R E F . 0 .2 3 0 R E F . 0 .1 5 0 R E F . 0 .3 0 0 R E F . 0 .0 9 0 R E F .
D im e n s io n s In In c h e s M in . M ax. 0 .0 1 8 0 .0 2 2 0 .0 0 0 0 .0 0 4 0 .0 0 7 0 .0 1 1 0 .0 1 1 0 .0 1 5 0 .0 1 0 R E F . 0 .0 4 5 0 .0 4 9 0 .0 4 5 0 .0 4 9 0 .0 0 2 R E F . 0 .0 3 2 R E F . 0 .0 3 2 T Y P . 0 .0 1 1 R E F . 0 .0 0 9 R E F . 0 .0 0 6 R E F . 0 .0 1 2 R E F . 0 .0 0 4 R E F .


▲Up To Search▲   

 
Price & Availability of MMBT3904M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X