Part Number Hot Search : 
MAX3969 MB1505G MB3829 AN4470 LA7629 SF5511 M3R23TAJ 60101
Product Description
Full Text Search
 

To Download MMBT2907AWT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2907AWT1
Preferred Device
General Purpose Transistor
PNP Silicon
These transistors are designed for general purpose amplifier applications. They are housed in the SC-70/SOT-323 package which is designed for low power surface mount applications.
Features
http://onsemi.com
COLLECTOR 3 1 BASE
* Pb-Free Package is Available
MAXIMUM RATINGS
Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Value -60 -60 -5.0 -600 Unit Vdc Vdc Vdc mAdc
2 EMITTER
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (Note 1) TA = 25C Thermal Resistance Junction-to-Ambient Junction and Storage Temperature Symbol PD RqJA TJ, Tstg Max 150 833 -55 to +150 Unit mW C/W C
1 2
3
SC -70/SOT-323 CASE 419 -04 STYLE 3
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 x 0.75 x 0.062 in. 20
20
= Specific Device Code
ORDERING INFORMATION
Device MMBT2907AWT1 MMBT2907AWT1G Package SC-70 Shipping 3000 Tape & Reel
SC-70 3000 Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
April, 2004 - Rev. 3
Publication Order Number: MMBT2907AWT1/D
MMBT2907AWT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (Note 2) (IC = -10 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = -10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = -10 mAdc, IC = 0) Base Cutoff Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc) Collector Cutoff Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc) ON CHARACTERISTICS(3) DC Current Gain (Note 2) (IC = -0.1 mAdc, VCE = -10 Vdc) (IC = -1.0 mAdc, VCE = -10 Vdc) (IC = -10 mAdc, VCE = -10 Vdc) (IC = -150 mAdc, VCE = -10 Vdc) (IC = -500 mAdc, VCE = -10 Vdc) Collector -Emitter Saturation Voltage (Note 2) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc) Base -Emitter Saturation Voltage (Note 2) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc) SMALL-SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = -50 mAdc, VCE = 20 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = -2.0 Vdc, IC = 0, f = 1.0 MHz) SWITCHING CHARACTERISTICS Turn-On Time Delay Time Rise Time Storage Time Fall Time Turn-Off Time 2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%. (VCC = -6.0 Vdc, IC = -150 mAdc, IB1 = IB2 = 15 mAdc) (VCC = -30 Vdc, IC = -150 mAdc, IB1 = -15 mAdc) ton td tr ts tf toff - - - - - - 45 10 40 80 30 100 ns fT Cobo Cibo 200 - - - 8.0 30 MHz pF pF HFE 75 100 100 100 50 VCE(sat) - - VBE(sat) - - -1.3 -2.6 -0.4 -1.6 Vdc - - - - - Vdc - V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX -60 -60 -5.0 - - - - - -50 -50 Vdc Vdc Vdc nAdc nAdc Symbol Min Max Unit
http://onsemi.com
2
MMBT2907AWT1
PACKAGE DIMENSIONS
SC-70/SOT-323 CASE 419-04 ISSUE L
A L
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D G H J K L N S INCHES MIN MAX 0.071 0.087 0.045 0.053 0.032 0.040 0.012 0.016 0.047 0.055 0.000 0.004 0.004 0.010 0.017 REF 0.026 BSC 0.028 REF 0.079 0.095 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.00 0.30 0.40 1.20 1.40 0.00 0.10 0.10 0.25 0.425 REF 0.650 BSC 0.700 REF 2.00 2.40
S
1 2
B
D G
C 0.05 (0.002)
N K
J
STYLE 3: PIN 1. BASE 2. EMITTER 3. COLLECTOR
H
SOLDERING FOOTPRINT*
0.65 0.025
0.65 0.025
1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
3
MMBT2907AWT1
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
MMBT2907AWT1/D


▲Up To Search▲   

 
Price & Availability of MMBT2907AWT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X