Part Number Hot Search : 
T2D10 153M000 CY7C1372 BR20100 EGA16 TC51V CRBV55B DI2CMS
Product Description
Full Text Search
 

To Download MMBT2484LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Low Noise Transistor
NPN Silicon
MMBT2484LT1
3 COLLECTOR 1 BASE 1 2
3
2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol V CEO V CBO V
EBO
CASE 318-08, STYLE 6
Value 60 60 6.0 50
Unit Vdc Vdc Vdc mAdc
SOT-23 (TO-236AB)
IC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
RJA PD
RJA TJ , Tstg
DEVICE MARKING
MMBT2484LT1 = 1U
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (I C = 10 mAdc, I B = 0) Collector-Emitter Breakdown Voltage (I C = 10 Adc, I E = 0) Emitter-Base Breakdown Voltage (I E = 10 Adc, I C = 0) Collector Cutoff Current( V CB = 45Vdc, I E = 0) ( V CB = 45Vdc, I E = 0, T A=150 C) Emitter Cutoff Current ( V EB =5.0 Vdc, I C = 0) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. I CBO I EBO -- -- -- 10 10 10 nAdc Adc nAdc V
(BR)EBO
V (BR)CEO V (BR)CBO
60 60 5.0
-- -- --
Vdc Vdc Vdc
O7-1/4
LESHAN RADIO COMPANY, LTD.
MMBT2484LT1
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (Continued)
Characteristic Symbol hFE 250 -- VCE(sat) -- V
BE(on)
Min
Max
Unit --
ON CHARACTERISTICS
DC Current Gain (I C = 1.0 mAdc, V CE = 5.0 Vdc) (I C = 10 mAdc, V CE = 5.0Vdc) Collector-Emitter Saturation Voltage (I C = 1.0 mAdc, I B = 1.0 mAdc) Base-Emitter On Voltage (I C = 1.0 mAdc, I CE = 5.0 mAdc) -- 800 Vdc 0.35 Vdc -- 0.95
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance (V CB = 5.0 Vdc, I E = 0, f = 1.0 MHz) Input Capacitance C obo -- -- -- 6.0 6.0 3.0 pF pF dB
C ibo (V EB=0.5 Vdc, I C = 0 , f = 1.0 MHz) Noise Finure NF (V CE=5.0 Vdc, I C = 10 Adc , R S =10 k, f = 1.0 MHz, BW =200 Hz)
RS in
en
IDEAL TRANSISTOR
Figure 1. Transistor Noise Model
O7-2/4
LESHAN RADIO COMPANY, LTD.
MMBT2484LT1
NOISE CHARACTERISTICS
(V CE = 5.0 Vdc, T A = 25C) NOISE VOLTAGE
30 30
BANDWIDTH = 1.0 Hz
20 20
BANDWIDTH = 1.0 Hz
e n , NOISE VOLTAGE (nV)
10 7.0 5.0
3.0 mA 1.0 mA
e n , NOISE VOLTAGE (nV)
I C=10 mA
~ RS~ 0
RS ~ 0 ~
f = 10 Hz 100 Hz
7.0
10
1.0 kHz
5.0
10 kHz
300A
3.0 10 20 50 100 200 500 1 k 2k 5 k 10 k 20 k 50 k 100 k
3.0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0
100 kHz
5.0 10
f, FREQUENCY (Hz)
I C , COLLECTOR CURRENT (mA)
Figure 2. Effects of Frequency
10 7.0 5.0 20
Figure 3. Effects of Collector Current
BANDWIDTH = 1.0 Hz
NF, NOISE FIGURE (dB)
I n , NOISE CURRENT (pA)
I C = 10 mA 3.0 mA 1.0 mA 300 A 100 A 10 A
50 100 200 500 1 k 2k
16
3.0 2.0 1.0 0.7 0.5 0.3 0.2
BANDWIDTH = 10 Hz to 15.7 kHz
12
I C = 1.0 mA
8.0
500 mA 100 mA
4.0
10 mA
RS ~ 0 ~
0.1 10 20
30 A
0 5 k 10 k 20 k 50 k 100 k 10 20 50 100 200 500 1 k 2k 5 k 10 k 20 k 50 k 100 k
f, FREQUENCY (Hz)
R S , SOURCE RESISTANCE (OHMS)
Figure 4. Noise Current
Figure 5. Wideband Noise Figure
100 Hz NOISE DATA
10 20
V T , TOTAL NOISE VOLTAGE (nV)
7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 10
BANDWIDTH = 1.0 Hz 300 A 100 A 30 A 10 A
I C = 10 mA
16
NF, NOISE FIGURE (dB)
I C = 10 mA
3.0 mA 1.0 mA
12
300 A
8.0
3.0 A 1.0 A
100 A
4.0
30 A BANDWIDTH = 1.0 Hz
10 A
0 20 50 100 200 500 1 k 2k 5 k 10 k 20 k 50 k 100 k 10 20 50 100 200 500 1 k 2k 5 k 10 k 20 k 50 k 100 k
R S , SOURCE RESISTANCE (OHMS)
R S , SOURCE RESISTANCE (OHMS)
Figure 6. Total Noise Voltage
Figure 7. Noise Figure
O7-3/4
LESHAN RADIO COMPANY, LTD.
MMBT2484LT1
h FE , DC CURRENT GAIN (NORMALIZED)
4.0 3.0
V CE = 5.0 V
2.0
T A = 125C 25C
1.0
-55C
0.7 0.5 0.4 0.3 0.2 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10
I C , COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
RVBE , BASE- EMITTER TEMPERATURE COEFFICIENT (mV/ C)
1.0
-0.4
T J = 25C
0.8
-0.8
V, VOLTAGE (VOLTS)
0.6
V BE@ V CE= 5.0 V
-1.2
0.4
-1.6
TJ = 25C to125C
0.2
-2.0
-55C to 25C
-2.4 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100
VCE(sat) @I C/I B=10
0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 9. "On" Voltages
Figure 10. Temperature Coefficients
f T , CURRENT- GAIN -- BANDWIDTH PRODUCT (MHz)
8.0 6.0
500
T J = 25C C ob C eb C ib
300
C, CAPACITANCE (pF)
4.0 3.0
200
C cb
2.0
1.00
70 50 1.0
V CE = 5.0 V T J = 25C
2.0 3.0 5.0 7.0 10 20 30 50 70 100
1.0 0.8 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100
V R , REVERSE VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT (mA)
Figure 11. Capacitance
Figure 12. Current-Gain -- Bandwidth Product
O7-4/4


▲Up To Search▲   

 
Price & Availability of MMBT2484LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X