|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ON Semiconductort Low Noise Transistor NPN Silicon MMBT2484LT1 3 MAXIMUM RATINGS Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol VCEO VCBO VEBO IC Value 60 60 6.0 100 Unit Vdc Vdc Vdc mAdc 1 2 CASE 318-08, STYLE 6 SOT-23 (TO-236) COLLECTOR 3 1 BASE 2 EMITTER THERMAL CHARACTERISTICS Characteristic Total Device Dissipation FR-5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C DEVICE MARKING MMBT2484LT1 = 1U ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0) Collector-Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 45 Vdc, IE = 0) (VCB = 45 Vdc, IE = 0, TA = 150C) Emitter Cutoff Current (VEB = 5.0 Vdc, IC = 0) 1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina. V(BR)CEO 60 V(BR)CBO 60 V(BR)EBO 5.0 ICBO -- -- IEBO -- 10 10 10 nAdc Adc nAdc -- -- Vdc -- Vdc Vdc (c) Semiconductor Components Industries, LLC, 2001 1 October, 2001 - Rev. 2 Publication Order Number: MMBT2484LT1/D MMBT2484LT1 ELECTRICAL CHARACTERISTICS (continued) (TA = 25C unless otherwise noted) Characteristic Symbol Min Max Unit ON CHARACTERISTICS DC Current Gain (IC = 1.0 mAdc, VCE = 5.0 Vdc) (IC = 10 mAdc, VCE = 5.0 Vdc) Collector-Emitter Saturation Voltage (IC = 1.0 mAdc, IB = 0.1 mAdc) Base-Emitter On Voltage (IC = 1.0 mAdc, VCE = 5.0 Vdc) hFE 250 -- VCE(sat) -- VBE(on) -- 0.95 0.35 Vdc -- 800 Vdc -- SMALL-SIGNAL CHARACTERISTICS Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Noise Figure (IC = 10 mAdc, VCE = 5.0 Vdc, RS = 10 k, f = 1.0 kHz, BW = 200 Hz) Cobo -- Cibo -- NF -- 3.0 6.0 dB 6.0 pF pF RS in en IDEAL TRANSISTOR Figure 1. Transistor Noise Model http://onsemi.com 2 MMBT2484LT1 NOISE CHARACTERISTICS (VCE = 5.0 Vdc, TA = 25C) NOISE VOLTAGE 30 20 en , NOISE VOLTAGE (nV) BANDWIDTH = 1.0 Hz en , NOISE VOLTAGE (nV) IC = 10 mA 3.0 mA 1.0 mA RS 0 30 BANDWIDTH = 1.0 Hz 20 RS 0 f = 10 Hz 100 Hz 10 kHz 10 7.0 5.0 10 7.0 5.0 1.0 kHz 3.0 300 A 10 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k f, FREQUENCY (Hz) 3.0 0.01 0.02 100 kHz 0.05 0.1 0.2 0.5 1.0 2.0 IC, COLLECTOR CURRENT (mA) 5.0 10 Figure 2. Effects of Frequency 10 7.0 5.0 In, NOISE CURRENT (pA) 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 RS 0 10 20 10 A 50 100 200 20 16 NF, NOISE FIGURE (dB) 12 8.0 4.0 0 10 Figure 3. Effects of Collector Current BANDWIDTH = 1.0 Hz IC = 10 mA 3.0 mA 1.0 mA 300 A 100 A 30 A BANDWIDTH = 10 Hz to 15.7 kHz 500 A 100 A 10 A IC = 1.0 mA 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k f, FREQUENCY (Hz) 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k RS, SOURCE RESISTANCE (OHMS) Figure 4. Noise Current 100 Hz NOISE DATA 300 200 VT, TOTAL NOISE VOLTAGE (nV) 100 70 50 30 20 10 7.0 5.0 3.0 10 20 20 BANDWIDTH = 1.0 Hz 100 A 3.0 mA 1.0 mA 300 A 30 A 10 A IC = 10 mA NF, NOISE FIGURE (dB) 16 12 8.0 Figure 5. Wideband Noise Figure IC = 10 mA 3.0 mA 1.0 mA 300 A 100 A 4.0 0 BANDWIDTH = 1.0 Hz 10 20 30 A 10 A 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k RS, SOURCE RESISTANCE (OHMS) 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k RS, SOURCE RESISTANCE (OHMS) Figure 6. Total Noise Voltage Figure 7. Noise Figure http://onsemi.com 3 MMBT2484LT1 h FE, DC CURRENT GAIN (NORMALIZED) 4.0 3.0 2.0 VCE = 5.0 V TA = 125C 25C 1.0 0.7 0.5 0.4 0.3 0.2 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 IC, COLLECTOR CURRENT (mA) 1.0 2.0 3.0 5.0 10 -55C Figure 8. DC Current Gain 1.0 0.8 V, VOLTAGE (VOLTS) 0.6 0.4 0.2 0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA) VCE(sat) @ IC/IB = 10 VBE @ VCE = 5.0 V RVBE, BASE-EMITTER TEMPERATURE COEFFICIENT (mV/ C) TJ = 25C -0.4 -0.8 -1.2 -1.6 -2.0 -2.4 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 IC, COLLECTOR CURRENT (mA) TJ = 25C to 125C -55C to 25C 20 50 100 50 100 Figure 9. "On" Voltages BANDWIDTH PRODUCT (MHz) Figure 10. Temperature Coefficients 8.0 6.0 C, CAPACITANCE (pF) 4.0 3.0 2.0 Cob Ccb Ceb Cib TJ = 25C 500 300 200 f T, CURRENT-GAIN 100 70 50 1.0 VCE = 5.0 V TJ = 25C 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 70 100 1.0 0.8 0.1 0.2 1.0 2.0 5.0 0.5 10 20 VR, REVERSE VOLTAGE (VOLTS) 50 100 Figure 11. Capacitance Figure 12. Current-Gain -- Bandwidth Product http://onsemi.com 4 MMBT2484LT1 INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection 0.037 0.95 interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process. 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 inches mm SOT-23 SOT-23 POWER DISSIPATION The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows: PD = TJ(max) - TA RJA SOLDERING PRECAUTIONS The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts. PD = 150C - 25C 556C/W = 225 milliwatts The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint. The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. http://onsemi.com 5 MMBT2484LT1 PACKAGE DIMENSIONS SOT-23 (TO-236) CASE 318-08 ISSUE AF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. A L 3 1 2 BS V G C D H K J DIM A B C D G H J K L S V INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60 STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR http://onsemi.com 6 MMBT2484LT1 Notes http://onsemi.com 7 MMBT2484LT1 Thermal Clad is a registered trademark of the Bergquist Company ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. PUBLICATION ORDERING INFORMATION Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative. http://onsemi.com 8 MMBT2484LT1/D |
Price & Availability of MMBT2484LT1 |