Part Number Hot Search : 
M2039TNG CA3138 MAX3222 12001 LTT67S 211423 K573AB 50074
Product Description
Full Text Search
 

To Download MMBD770T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Schottky Barrier Diodes
Schottky barrier diodes are designed primarily for high-efficiency UHF and VHF detector applications. Readily available to many other fast switching RF and digital applications. They are housed in the SOT-323/SC-70 package which is designed for low-power surface mount applications. * Extremely Low Minority Carrier Lifetime * Very Low Capacitance * Low Reverse Leakage * Available in 8 mm Tape and Reel
MMBD110T1 MMBD330T1 MMBD770T1
3
1 2
CASE 419-02, STYLE 2
DEVICE MARKING MMBD110T1 = 4M MAXIMUM RATINGS Rating Reverse Voltage
SOT-323 /SC - 70
MMBD330T1 = 4T
MMBD770T1 = 5H Symbol VR Value 7.0 30 70 120 -55 to +125 -55 to +150 C Typ 10 -- -- 0.88 0.9 0.5 20 13 9.0 6.0 0.5 0.38 0.52 0.42 0.7 Unit Vdc
MMBD110T1 MMBD330T1
MMBD770T1 Forward Power Dissipation TA = 25C Junction Temperature Storage Temperature Range
PF TJ Tstg
mW C
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic Symbol Min Reverse Breakdown Voltage V(BR)R (IR = 10 A) MMBD110T1 7.0 MMBD330T1 MMBD770T1 Diode Capacitance (VR = 0, f = 1.0 MHZ, Note 1) (VR = 15 Volts, f = 1.0 MHZ) (VR = 20 Volts, f = 1.0 MHZ) Reverse Leakage (VR = 3.0 V) (VR = 25 V) (VR = 35 V) Noise Figure (f = 1.0 GHz, Note 2) Forward Voltage (IF = 10 mA) (IF= 1.0 mAdc) (IF = 10 mA) (IF = 1.0 mAdc) (IF = 10 mA) CT MMBD110T1 MMBD330T1 MMBD770T1 IR MMBD110T1 MMBD330T1 MMBD770T1 NF MMBD110T1 VF MMBD110T1 MMBD330T1 MMBD770T1 -- -- -- -- -- -- -- -- -- -- -- -- 30 70
Max -- -- --
Unit Volts
pF 1.0 1.5 1.0 nAdc 250 200 200 dB -- Vdc 0.6 0.45 0.6 0.5 1.0
MMBD110. 330. 770T1-1/4
LESHAN RADIO COMPANY, LTD.
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS MMBD110T1
1.0 0.7 0.5 IR, REVERSE LEAKAGE (m A) VR = 3.0 Vdc 0.2 0.1 0.07 0.05 100
IF, FORWARD CURRENT (mA)
10 TA = 85C TA = - 40C
1.0 TA = 25C MMBD110T1
0.02 MMBD110T1 0.01 30 40 50 60 70 80 90 100 110 TA, AMBIENT TEMPERATURE (C) 120 130
0.1 0.3
0.4
0.5 0.6 VF, FORWARD VOLTAGE (VOLTS)
0.7
0.8
Figure 1. Reverse Leakage
Figure 2. Forward Voltage
1.0
11 10 NF, NOISE FIGURE (dB) LOCAL OSCILLATOR FREQUENCY = 1.0 GHz (Test Circuit Figure 5)
C, CAPACITANCE (pF)
0.9
9 8 7 6 5 4 3 MMBD110T1 2 4.0 1 0.1 0.2
0.8
0.7
MMBD110T1 0.5 1.0 2.0 5.0 PLO, LOCAL OSCILLATOR POWER (mW) 10
0.6
0
1.0 2.0 3.0 VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
Figure 4. Noise Figure
NOTES ON TESTING AND SPECIFICATIONS Note 1 -- CC and CT are measured using a capacitance bridge (Boonton Electronics Model 75A or equivalent). Note 2 -- Noise figure measured with diode under test in tuned diode mount using UHF noise source and local oscillator (LO) frequency of 1.0 GHz. The LO power is adjusted for 1.0 mW. IF amplifier NF = 1.5 dB, f = 30 MHz, see Figure 5
Figure 5. Noise Figure Test Circui
MMBD110. 330. 770T1-2/4
LESHAN RADIO COMPANY, LTD.
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS MMBD330T1
2.8 CT, TOTAL CAPACITANCE (pF) 2.4 2.0 1.6 1.2 0.8 0.4 0 f = 1.0 MHz 500
t , MINORITY CARRIER LIFETIME (ps)
MMBD330T1
MMBD330T1 400 KRAKAUER METHOD 300
200
100
0 0 3.0 6.0 18 9.0 12 15 21 VR, REVERSE VOLTAGE (VOLTS) 24 27 30 0 10 20 40 60 30 50 70 IF, FORWARD CURRENT (mA) 80 90 100
Figure 6. Total Capacitance
Figure 7. Minority Carrier Lifetime
10 MMBD330T1 1.0 TA = 100C
100 MMBD330T1 IF, FORWARD CURRENT (mA) TA = - 40C 10 TA = 85C
IR, REVERSE LEAKAGE (m A)
TA = 75C 0.1
0.01
TA = 25C
1.0 TA = 25C
0.001 0 6.0 12 18 VR, REVERSE VOLTAGE (VOLTS) 24 30
0.1 0.2 0.4 0.6 0.8 VF, FORWARD VOLTAGE (VOLTS) 1.0 1.2
Figure 8. Reverse Leakage
Figure 9. Forward Voltage
MMBD110. 330. 770T1-3/4
LESHAN RADIO COMPANY, LTD.
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS MMBD770T1
2.0 CT, TOTAL CAPACITANCE (pF) f = 1.0 MHz 1.6 500 MMBD770T1 MMBD770T1 400 KRAKAUER METHOD 300
1.2
t , MINORITY CARRIER LIFETIME (ps)
50
0.8
200
0.4
100
0
0 0 5.0 10 15 20 25 30 35 VR, REVERSE VOLTAGE (VOLTS) 40 45 0 10 20 30 40 50 60 70 IF, FORWARD CURRENT (mA) 80 90 100
Figure 10. Total Capacitance
Figure 11. Minority Carrier Lifetime
10 MMBD770T1 1.0 TA = 100C
100 MMBD770T1 IF, FORWARD CURRENT (mA)
IR, REVERSE LEAKAGE (m A)
10 TA = 85C TA = - 40C
TA = 75C 0.1
1.0 TA = 25C
0.01
TA = 25C
0.001 0 10 20 30 VR, REVERSE VOLTAGE (VOLTS) 40 50
0.1 0.2 0.4 0.8 1.2 VF, FORWARD VOLTAGE (VOLTS) 1.6 2.0
Figure 12. Reverse Leakage
Figure 13. Forward Voltage
MMBD110. 330. 770T1-4/4


▲Up To Search▲   

 
Price & Availability of MMBD770T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X