Part Number Hot Search : 
ORD311 208GA TRLPB SM16JZ47 202BMM2 5R190 AN10808 RF620F
Product Description
Full Text Search
 

To Download MMBD452 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET MMBD452
SURFACE MOUNT SCHOTTKY DIODE
VOLTAGE FEATURES
* * * *
.119(3.00) .110(2.80)
30 Volts
POWER
200 mWatts
SOT- 23
Unit: inch (mm)
Extremely Fast Switching Speed Isolated, Schottky Pairs in Small Surface Mount Package
MECHANICAL DATA
.047(1.20)
.056(1.40)
Very Low VF: 0.36V (Typ) at IF = 1mA
.007(.20)MIN
Low Capacitance: 1.5 pF (Max) at VR=15V
.103(2.60)
.083(2.10) .066(1.70) .006(.15) .002(.05)
.044(1.10)
.006(.15)MAX
.020(.50) .013(.35)
ABSOLUTE RATINGS
PARAMETER Maximum Reverse Voltage Peak Reverse Voltage Maximum Forward Current SYMBOL VR VRRM IF Value 30 30 0.2 UNIT V V A
THERMAL CHARACTERISTICS
PARAMETER Power Dissipation (Note 1) Thermal Resistance , Junction to Ambient (Note 1) Junction Temperature Storage Temperature SYMBOL Ptot RJ A Tj Tstg Value 200 556 -55 to 125 -55 to 150
O
.035(0.90)
Case: SOT-23 plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx Weight: 0.008 gram Marking: 452
UNIT mW C/ W
O
Note 1. FR-5 Board = 1.0 x 0.75 x 0.062 in.
SERIES
STAD-SEP.29.2003
.086(2.20)
C C
O
PAGE . 1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
PARAMETER Reverse Breakdown Voltage Reverse Leakage Current Forward Voltage Forward Voltage Total Capacitance SYMBOL V(BR) IR VF VF CT Test Condition IR=10 uA VR=25V IF=1.0mA IF=10mA VR=15V, f=1.0MHz MIN. 30 0.2 0.45 0.6 1.5 TYP. MAX. UNIT V uA V V pF
RATING AND CHARACTERISTIC CURVES
100
100
10
T A =125 OC
IR, Reverse Current (mA)
IF, Forward Current (mA)
10
1
T A =75 C
O
0.1
T A =25 OC
1
125 OC 75 C 25 C T A =-25 OC
O O
0.01
0.001
0
10
20
30
40
0.1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VR, Reverse Voltage (V)
VF, Forward Voltage (V)
Fig.1 TYPICAL REVERSE CHARACTERISTICS
Fig.2-TYPICAL FORWARD CHARACTERISTICS
2.4 f = 1MHz 2.0
C T, Total Capacitance (pF)
1.6
1.2
0.8
0.4
0.0 0 5 10 15 20 25 30
V R Reverse Voltage (Volts) ,
Fig.3 TYPICAL TOTAL CAPACITANCE
STAD-SEP.29.2003
PAGE . 2
MOUNTING PAD LAYOUT
SOT-23
Unit: inch (mm)
0.035 MIN
(0.9 MIN)
0.078 MAX
0.031 MIN (0.8 MIN)
0.037 MAX (0.95 MAX)
STAD-SEP.29.2003
(2.0 MAX)
PAGE . 3
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3.0K per 7" plastic Reel
LEGAL STATEMENT
IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. The information will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and product characterization are constantly in process. Therefore, the factory should be consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract. The information presented is believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
STAD-SEP.29.2003
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMBD452

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X