Part Number Hot Search : 
R1E10 ABR5008W 21620 UPD78054 LB125HE 1N4007G BC846A 5G4S2HCA
Product Description
Full Text Search
 

To Download MMBD4448DW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free
MMBD4448DW
SURFACE MOUNT SWITCHING DIODE
Features
* * * * * * * * * * * * * *
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance Ultra Miniature Package Lead Free/RoHS Compliant (Note 3)
K G H M BC A
SOT-363 Dim A B C D F H
D F L
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
Mechanical Data
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagram Marking: KA3 (See Page 3) Weight: 0.006 grams (approx.) = 25C unless otherwise specified Symbol VRM VRRM VRWM VR VR(RMS) IFM IO @ t < 1ms @ t < 1s IFSM Pd RqJA Tj , TSTG
J
0.65 Nominal
J K L M
C1
NC
A2
A1
NC
C2
a
TOP VIEW
All Dimensions in mm
Maximum Ratings @ T
A
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Value 100 75 53 500 250 4 2 200 625 -65 to +150
Unit V V V mA mA A mW C/W C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Symbol V(BR)R VF Min 75 0.62 3/4 3/4 3/4 3/4 3/4 3/4 Max 3/4 0.720 0.855 1.0 1.25 2.5 50 30 25 4.0 4.0 Unit V V mA mA mA nA pF ns Test Condition IR = 10mA IF = 5.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
Notes:
IR CT trr
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating. 3. No purposefully added lead.
DS31035 Rev. 6 - 2
1 of 3 www.diodes.com
MMBD4448DW
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (mA)
IR, INSTANTANEOUS REVERSE CURRENT (nA)
1000
10000
TA = 125C
1000
100
TA = 75C
100
10
TA = -40C TA = 0C
10
TA = 25C
1
TA = 25C TA = 75C TA = 125C
1
TA = 0C TA = -40C
0.1 0 0.4 0.8 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
3
f = 1MHz
0.1 0 20 40 60 80 100 VR, REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
250
2
Pd, POWER DISSIPATION (mW)
0 10 20 30 40
CT, TOTAL CAPACITANCE (pF)
2.5
200
150
1.5
100
1
0.5
50
0
0 0 40 80 120 160 200 TA, AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve, Total Package
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Total Capacitance vs. Reverse Voltage
2.5
trr, REVERSE RECOVERY TIME (nS)
2.0
1.5
1.0
0.5
0 0 2 4 6 8 10
IF, FORWARD CURRENT (mA) Fig. 5 Reverse Recovery Time vs. Forward Current
DS31035 Rev. 6 - 2
2 of 3 www.diodes.com
MMBD4448DW
Ordering Information (Note 4)
Device MMBD4448DW-7-F Packaging SOT-363 Shipping 3000/Tape & Reel
Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KA3
KA3 = Product Type Marking Code, YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
SOT-363 Date Code Key Year Code Month Code 2000 L 2001 M Jan 1 2002 N Feb 2 2003 P March 3 2004 R Apr 4 2005 S May 5 2006 T Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS31035 Rev. 6 - 2
YM
IMPORTANT NOTICE
3 of 3 www.diodes.com
MMBD4448DW


▲Up To Search▲   

 
Price & Availability of MMBD4448DW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X