|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS MMBD4448 Pb SURFACE MOUNT FAST SWITCHING DIODE Features ! ! ! ! ! High Conductance Fast Switching Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose and Switching Plastic Material - UL Recognition Flammability Classification 94V-O A L B C M E H D Dim A B C D E G H J K L M SOT-23 Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076 Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178 Mechanical Data ! ! ! ! ! ! ! Case: SOT-23, Molded Plastic K Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 0.008 grams (approx.) Mounting Position: Any Marking: A3 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 J G TOP VIEW All Dimensions in mm Maximum Ratings @TA=25C unless otherwise specified Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Peak Forward Surge Current (Note 1) Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s Symbol VRM VRRM VRWM VR IF IO IFSM Pd RJA Tj, TSTG Value 100 75 500 250 4.0 350 357 -65 to +150 Unit V V mA mA A mW C/W C MMBD4448 1 of 4 (c) 2006 Won-Top Electronics Electrical Characteristics @TA=25C unless otherwise specified Characteristic Forward Voltage Reverse Leakage Current Junction Capacitance Reverse Recovery Time Symbol VF IR Cj trr Min -- -- -- -- Max 0.72 1.0 2.5 4.0 4.0 Unit V A pF nS Test Condition @ IF = 5mA @ IF = 100mA @ VR = 75V VR = 0V, f = 1.0MHz IF = IR = 10mA, IRR = 0.1 x IR, RL = 100 Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm. IF, INSTANTANEOUS FORWARD CURRENT (mA) 1000 10,000 IR, LEAKAGE CURRENT (nA) 100 1000 10 100 1.0 10 0.1 VR = 20V 0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics 1 0 100 200 Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature MMBD4448 2 of 4 (c) 2006 Won-Top Electronics MARKING INFORMATION RECOMMENDED FOOTPRINT 0.035 (0.90) A3 A3 = Device Code 0.035 (0.90) 0.079 (2.0) 0.031 (0.8) 0.037 (0.95) inches(mm) PACKAGING INFORMATION TAPE & REEL Inspection Hole Direction of Unreeling 4mm 178mm 8mm 4mm 8mm Product ID Label 1.6mm Reel Diameter (mm) 178 Quantity (PCS) 3,000 Inner Box Size L x W x H (mm) 187 x 187 x 65 Quantity (PCS) 15,000 Carton Size L x W x H (mm) 390 x 240 x 420 Quantity (PCS) 150,000 Approx. Gross Weight (KG) 10.0 Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2. MMBD4448 3 of 4 (c) 2006 Won-Top Electronics ORDERING INFORMATION Product No. MMBD4448-T1 1. 2. Package Type SOT-23 Shipping Quantity 3000/Tape & Reel Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, MMBD4448-T1-LF. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. MMBD4448 4 of 4 (c) 2006 Won-Top Electronics |
Price & Availability of MMBD444806 |