Part Number Hot Search : 
1N5819U SMAJ33A L6246ES4 S6203 SQ680 M3E71XPD PSA1875A C1602G
Product Description
Full Text Search
 

To Download MMBD4148TS-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Switching Diodes
MMBD4148TS-G (RoHS Device)
Voltage: 100V Power: 200mW
FEATURES
* Fast switching Speed. * Electrically ldentical to Standerd JEDEC * Surface Mount Package ldeally Suited for Automatic lnsertion. * Pb free product are available : 99% Sn above can meet RoHS environment substance directive request
POWER
SOD-523
MECHANICAL DATA
Case: SOD-523 plastic case. Terminals : Solderable per MIL-STD-750,Method 2026 Standard packaging: 8mm tape Marking Code: A2
Unit: inch (mm)
ABSOLUTE RATINGS
(T =25 C , unless otherwise noted) A SYMBOL MMBD4148TS 75 100 50 75 150 2 200 125 -40 to 125 UNITS V V V V mA A mW
O
O
PARAMETER Reverse Voltage Peak Reverse Voltage RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at T A =25 Peak Forward Surge Current, 1.0 s Power Dissipation Derate Above 25 Junction Temperature Storage Temperature Range
O O
VR VRRM VRMS VDC
C
IF (A V ) IFSM
C
PTOT TJ TSTG
C C
O
THERMAL CHARACTERISTICS
PARAMETER Maximum Thermal Resistance SYMBOL
MMBD4148TS 635
UNITS
O
RJA
C/W
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
Surface Mount Switching Diodes
MMBD4148TS-G (RoHS Device)
ELECTRICAL CHARACTERISTICS (TA=25 C , unless otherwise noted)
O
PARAMETER
SYMBOL
TEST CONDITIONS IF=1mA IF=10mA IF=50mA IF=150mA VR=20V VR=75V VR=0V, f=1MHz IF=10mA,IR=1mA VR=6V,RL=100
VALUE 0.715 0.855 1.00 1.25 0.025 2.5 1.5 4
UNITS
Maximum Forward Voltage
VF
V
Reverse Leakage Current Maximum Total Capacitance Maximum Reverse Recovery Time
1000
IR CT trr
10
A pF ns
TJ =125 OC
FORWARD CURRENT, mA
100
REVERSE CURRENT, u A
1.0
10
0.1
TJ =75 OC
1
0.01
TJ =25 OC
0.1 0.2
0.001 0.4 0.6 0.8 1.0 1.2 1.4
0
20
40
60
80
100
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
P D, POWER DISSIPATION (mW)
0 2 4 6 8
DIODE CAPACIT ANCE, pF
4.0
500
400
3.0
300
2.0
200
1.0
100
0
0
50
100
150
200
REVERSE VOLTAGE, Volts
AMBIENT TEMPERATURE( C) FIG. 4 POWER DERATING CURVE
O
FIG. 3 TYPICAL JUNCTION CAPACITANCE
Surface Mount Switching Diodes
MMBD4148TS-G (RoHS Device)
MOUNTING PAD LAYOUT
SOD-523
Unit: inch (mm)
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel


▲Up To Search▲   

 
Price & Availability of MMBD4148TS-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X