Part Number Hot Search : 
24LC41A 08J1A H1959 NTE492 2A6HTB1 ML6101 102MP FIP8B11C
Product Description
Full Text Search
 

To Download MMBD4148E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-03A Plastic-Encapsulate DIODE
MMBD4148E
SWITCHING DIODE WBFBP-03A
TOP
(1.6x1.6x0.5) unit: mm
DESCRIPTION Epitaxial planar Silicon diode FEATURES Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Lead Free Product APPLICATION High Conductance Ultra Fast Diode For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) MARKING: A2
+
1. ANODE 2. NC 3.CATHODE
NC
BACK
NC
+
A2
+ NC
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter Non-Repetitive Peak reverse voltage Peak Repetitive Peak reverse Voltage Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM PD RJA Tj TSTG 53 300 150 2.0 1.0 150 625 125 -65~+150 V mA mA A mW /W 75 V Limite 100 Unit V
Working Peak Reverse Voltage DC Blocking Voltage
RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Peak forward surge current @=1.0s @=1.0s Power Dissipation Thermal Resistance Junction to Ambient Junction temperature Storage temperature
Electrical Ratings @TA=25 Parameter
Symbol VF1 Forward voltage VF2 VF3 VF4 Reverse current Capacitance between terminals Reverse Recovery Time IR1 IR2 CT trr Min. Typ. Max. 0.715 0.855 1.0 1.25 1 25 2 4 Unit. V V V V A nA pF ns Conditions IF=1mA IF=10mA IF=50mA IF=150mA VR=75V VR=20V VR=0V,f=1MHz IF=IR=10mA Irr=0.1XIR,RL=100
Typical Characteristics
MMBD4148E
Sym bol A A1 b b1 D E D2 E2 e L L1 L2 L3 L4 k z
D im e n s io n s In M illim e t e r s M in . M ax. 0 .4 5 0 0 .5 5 0 0 .0 1 0 0 .0 9 0 0 .2 3 0 0 .3 3 0 0 .3 2 0 R E F . 1 .5 5 0 1 .6 5 0 1 .5 5 0 1 .6 5 0 0 .7 5 0 R E F . 1 .0 0 0 R E F . 1 .0 0 0 T Y P . 0 .2 8 0 R E F . 0 .2 3 0 R E F . 0 .1 8 0 R E F . 0 .2 5 0 R E F . 0 .2 0 0 R E F . 0 .3 2 0 R E F . 0 .1 6 0 R E F .
D im e n s io n s In In c h e s M in . M ax. 0 .0 1 8 0 .0 2 2 0 .0 0 0 0 .0 0 4 0 .0 0 9 0 .0 1 3 0 .0 1 3 R E F . 0 .0 6 1 0 .0 6 5 0 .0 6 1 0 .0 6 5 0 .0 3 0 R E F . 0 .0 4 0 R E F . 0 .0 4 0 T Y P . 0 .0 1 1 R E F . 0 .0 0 9 R E F . 0 .0 0 7 R E F . 0 .0 1 0 R E F . 0 .0 0 8 R E F . 0 .0 1 3 R E F . 0 .0 0 6 R E F .


▲Up To Search▲   

 
Price & Availability of MMBD4148E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X