Part Number Hot Search : 
BAW56 F1604 S0400 KDR720UL MC341 284971 GPP20G 1N5948C
Product Description
Full Text Search
 

To Download MM74HCT574WM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HCT573 * MM74HCT574 Octal D-Type Latch * 3-STATE Octal D-Type Flip-Flop
February 1990 Revised May 2005
MM74HCT573 * MM74HCT574 Octal D-Type Latch * 3-STATE Octal D-Type Flip-Flop
General Description
The MM74HCT573 octal D-type latches and MM74HCT574 octal D-type flip-flop advanced silicon-gate CMOS technology, which provides the inherent benefits of low power consumption and wide power supply range, but are LS-TTL input and output characteristic and pin-out compatible. The 3-STATE outputs are capable of driving 15 LS-TTL loads. All inputs are protected from damage due to static discharge by internal diodes to VCC and ground. When the MM74HCT573 Latch Enable input is HIGH, the Q outputs will follow the D inputs. When the Latch Enable goes LOW, data at the D inputs will be retained at the outputs until Latch Enable returns HIGH again. When a high logic level is applied to the Output Control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. The MM74HCT574 are positive edge triggered flip-flops. Data at the D inputs, meeting the setup and hold time requirements, are transferred to the Q outputs on positive going transitions of the Clock (CK) input. When a high logic level is applied to the Output Control (OC) input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. The MM74HCT devices are intended to interface between TTL and NMOS components and standard CMOS devices. These parts are also plug in replacements for LS-TTL devices and can be used to reduce power consumption in existing designs.
Features
s TTL input characteristic compatible s Typical propagation delay: 18 ns s Low input current: 1 PA maximum s Low quiescent current: 80 PA maximum s Compatible with bus-oriented systems s Output drive capability: 15 LS-TTL loads
Ordering Codes:
Order Number MM74HCT573WM MM74HCT573SJ MM74HCT573MTC MM74HCT573N MM74HCT574WM MM74HCT574SJ MM74HCT574MTC MM74HCT574N Package Number M20B M20D MTC20 N20A M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
(c) 2005 Fairchild Semiconductor Corporation
DS010627
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
Connection Diagrams
Truth Tables
MM74HCT573 Output Control L L L H LE H H L X Data H L X X Output H L Q0 Z
H HIGH Level L LOW Level Q0 Level of output before steady-state input conditions were established. Z High Impedance State
Top View MM74HCT573 MM74HCT574 Output Control L L L H
H L Q0 X Z
LE
Data H L X X
Output H L Q0 Z
n n
L X
n
HIGH Level LOW Level Level of output before steady-state input conditions were established. Don't Care High Impedance State Transition from LOW-to-HIGH
Top View MM74HCT574
www.fairchildsemi.com
2
MM74HCT573 * MM74HCT574
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC ) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S. O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260qC 600 mW 500 mW
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times tr, tf 500 ns
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: 12 mW/qC from 65qC to 85qC.
0.5 to 7.0V 1.5 to VCC 1.5V 0.5 to VCC 0.5V r 20 mA r 35 mA r 70 mA 65qC to 150qC
Max 5.5 VCC
Units V V
4.5 0
40
85
qC
DC Electrical Characteristics
VCC 5V r 10% (unless otherwise specified) Parameter Minimum HIGH Level Input Voltage VIL VOH Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VIN |IOUT| |IOUT| |IOUT| VOL Maximum LOW Level Voltage VIN |IOUT| |IOUT| |IOUT| IIN IOZ Maximum Input Current Maximum 3-STATE Output Leakage Current ICC Maximum Quiescent Supply Current VIN IOUT VIN VCC or GND 0 PA 2.4V or 0.5V (Note 4) 1.5 1.8 2.0 mA 8.0 80 160 VIN VOUT Enable VIH or VIL 20 PA 6.0 mA, VCC 7.2 mA, VCC VIH or VIL 20 PA 6.0 mA, VCC 7.2 mA, VCC VCC or GND, VCC or GND VIH or VIL 4.5V 5.5V 0 0.2 0.2 0.1 0.26 0.26 0.1 0.33 0.33 0.1 0.4 0.4 V 4.5V 5.5V VCC 4.2 5.7 VCC 0.1 3.98 4.98 VCC 0.1 3.84 4.84 VCC 0.1 3.7 4.7 V 0.8 0.8 0.8 V Conditions TA Typ 2.0 25qC TA Symbol VIH
40 to 85qC TA 55 to 125qC
Guaranteed Limits 2.0 2.0
Units V
r0.1 r0.5
r1.0 r5.0
r1.0 r10
PA PA
VIH or VIL
PA
Note 4: Measured per pin. All others tied to VCC or ground.
3
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
AC Electrical Characteristics MM74HCT573
VCC tPHL tPLH tPHL tPLH tPZH tPZL tPHZ tPLZ tW tS tH
5.0V, tr
tf
6 ns, TA 25qC (unless otherwise specified)
Parameter Conditions CL CL 45 pF 45 pF 45 pF 1 k: 5 pF 1 k: 15 5 12 ns ns ns 14 23 ns Typ 17 16 21 Guaranteed Limit 27 27 30 Units ns ns ns
Symbol
Maximum Propagation Delay Data to Output Maximum Propagation Delay Latch Enable to Output
Maximum Enable Propagation Delay CL Control to Output Control to Output Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data RL RL Maximum Disable Propagation Delay CL
AC Electrical Characteristics MM74HCT573
VCC 5.0V Symbol tPHL tPLH tPHL tPLH tPZH tPZL tPHZ tPLZ tTHL tTLH tW tS tH CIN COUT CPD
r 10%, tr tf
6 ns (unless otherwise specified) Conditions CL CL CL RL CL RL CL 50 pF 50 pF 50 pF 1 k: 50 pF 1 k: 50 pF 6 12 15 15 20 6 15 10 20 18 24 8 18 10 20 ns ns ns ns pF pF pF 15 30 38 45 ns TA Typ 18 17 22 30 30 30 25q TA
Parameter Maximum Propagation Delay Data to Output Maximum Propagation Delay Latch Enable to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Maximum Output Rise and Fall Time Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data Maximum Input Capacitance Maximum Output Capacitance Power Dissipation Capacitance (Note 5) OC OC
40 to 85qC TA
Guaranteed Limits 38 44 38
55 to 125qC
45 53 45
Units ns ns ns
3
4
5 12 10 20
VCC GND
5 52
CPD VCC2 fICC VCC, and the no load dynamic current consumption,
Note 5: CPD determines the no load dynamic power consumption, PD IS CPD VCC fICC.
www.fairchildsemi.com
4
MM74HCT573 * MM74HCT574
AC Electrical Characteristics
VCC fMAX tPHL tPLH tPZH tPZL tPHZ tPLZ tW tS tH
MM74HCT574
Conditions Typ 60 17 19 14 Guaranteed Limit 33 27 28 25 15 12 5 Units MHz ns ns ns ns ns ns
5.0V, tr
tf
6 ns, TA 25qC
Parameter
Symbol
Maximum Clock Frequency Maximum Propagation Delay to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data CL RL CL RL 45 pF 1 k: 45 pF 1 k: CL 45 pF
AC Electrical Characteristics MM74HCT574
VCC
5.0V r 10%, tr
tf 6 ns (unless otherwise specified)
Parameter Conditions TA Typ 25qC TA
Symbol fMAX tPHL tPLH tPZH tPZL tPHZ tPLZ tTHL tTLH tW tS tH CIN COUT CPD
40 to 85qC TA
28 38 38 38 15 20 15 6 10 20
55 to 125qC
23 45 45 45 18 24 18 8 10 20
Units MHz ns ns ns ns ns ns ns pF pF pF
Guaranteed Limits 33 30 30 30 12 15
Maximum Clock Frequency Maximum Propagation Delay Clock to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Maximum Output Rise and Fall Time Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data Maximum Input Capacitance Maximum Output Capacitance Power Dissipation Capacitance (Note 6) OC OC V CC GND 5 58 6 CL RL CL RL CL 50 pF 1 k: 50 pF 1 k: 50 pF 6 15 22 CL 50 pF 18
12 5 10 20
1
Note 6: CPD determines the no load power consumption, PD
CPD VCC2 f ICC VCC, and the no load dynamic current consumption, IS
CPD VCC f ICC.
5
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
www.fairchildsemi.com
6
MM74HCT573 * MM74HCT574
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
7
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
www.fairchildsemi.com
8
MM74HCT573 * MM74HCT574 Octal D-Type Latch * 3-STATE Octal D-Type Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HCT574WM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X