Part Number Hot Search : 
2012S CPT30050 073A202 20010TS SK218 56160 VIPER 25M020A
Product Description
Full Text Search
 

To Download MM74HCT541WM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HCT540 * MM74HCT541 Inverting Octal 3-STATE Buffer * Octal 3-STATE Buffer
February 1984 Revised May 2005
MM74HCT540 * MM74HCT541 Inverting Octal 3-STATE Buffer * Octal 3-STATE Buffer
General Description
The MM74HCT540 and MM74HCT541 3-STATE buffers utilize advanced silicon-gate CMOS technology and are general purpose high speed inverting and non-inverting buffers. They possess high drive current outputs which enable high speed operation even when driving large bus capacitances. These circuits achieve speeds comparable to low power Schottky devices, while retaining the low power consumption of CMOS. Both devices are TTL input compatible and have a fanout of 15 LS-TTL equivalent inputs. MM74HCT devices are intended to interface between TTL and NMOS components and standard CMOS devices. These parts are also plug-in replacements for LS-TTL devices and can be used to reduce power consumption in existing designs. The MM74HCT540 is an inverting buffer and the MM74HCT541 is a non-inverting buffer. The 3-STATE control gate operates as a two-input NOR such that if either G1 or G2 are HIGH, all eight outputs are in the high-impedance state. In order to enhance PC board layout, the MM74HCT540 and MM74HCT541 offers a pinout having inputs and outputs on opposite sides of the package. All inputs are protected from damage due to static discharge by diodes to VCC and ground.
Features
s TTL input compatible s Typical propagation delay: 12 ns s 3-STATE outputs for connection to system buses s Low quiescent current: 80 PA s Output current: 6 mA (min.)
Ordering Code:
Order Number MM74HCT540WM MM74HCT540SJ MM74HCT540MTC MM74HCT540N MM74HCT541WM MM74HCT541SJ MM74HCT541MTC MM74HCT541N Package Number M20B M20D MTC20 N20A M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View MM74HCT540
Top View MM74HCT541
(c) 2005 Fairchild Semiconductor Corporation
DS006040
www.fairchildsemi.com
MM74HCT540 * MM74HCT541
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC)
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) 500 ns
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: 12 mW/qC from 65qC to 85qC.
0.5 to 7.0V 1.5 to VCC 1.5V DC Output Voltage (VOUT) 0.5 to VCC 0.5V Clamp Diode Current (IIK, IOK) r20 mA r35 mA DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC ) r70 mA Storage Temperature Range (TSTG) 65qC to 150qC
DC Input Voltage (VIN) Power Dissipation (PD) (Note 3) S.O. Package only 600 mW 500 mW 260qC
Max 5.5 VCC
Units V V
4.5 0
40
85
qC
Lead Temperature (TL) (Soldering 10 seconds)
DC Electrical Characteristics
VCC 5V r 10% (unless otherwise specified) Parameter Minimum HIGH Level Input Voltage VIL VOH Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VIN |IOUT| |IOUT| |IOUT| VOL Maximum LOW Level Voltage VIN |IOUT| |IOUT| |IOUT| IIN IOZ Maximum Input Current Maximum 3-STATE Output Leakage Current ICC Maximum Quiescent Supply Current VIN IOUT VIN VCC or GND 0 PA 2.4V or 0.5V (Note 4) 0.6 1.0 1.3 1.5 mA 8.0 80 160 VOUT G VIH VCC or GND VIN VIH or VIL 20 PA 6.0 mA, VCC 7.2 mA, VCC VIH or VIL 20 PA 6.0 mA, VCC 7.2 mA, VCC VCC or GND 4.5V 5.5V 0 0.2 0.2 0.1 0.26 0.26 0.1 0.33 0.33 0.1 0.4 0.4 V V V 4.5V 5.5V VCC 4.2 5.2 VCC 0.1 3.98 4.98 VCC 0.1 3.84 4.84 VCC 0.1 3.7 4.7 V V V 0.8 0.8 0.8 V Conditions TA Typ 2.0 25qC TA Symbol VIH
40 to 85qC TA 55 to 125qC
Guaranteed Limits 2.0 2.0
Units V
r0.1 r0.5
r1.0 r5.0
r1.0 r10
PA PA
PA
Note 4: Measured per input. All other inputs at VCC or GND.
www.fairchildsemi.com
2
MM74HCT540 * MM74HCT541
AC Electrical Characteristics
MM74HCT540: VCC
Symbol tPHL, tPLH tPZL, tPZH tPLZ, tPHZ
5.0V, tr
tf
6 ns, TA
25qC, (unless otherwise specified)
Conditions CL CL RL CL RL 45 pF 45 pF 1 k: 5 pF 1 k: 13 25 ns Typ 12 14 Guaranteed Limits 18 28 Units ns ns
Parameter Maximum Output Propagation Delay Maximum Output Enable Time Maximum Output Disable Time
AC Electrical Characteristics
MM74HCT540: VCC
Symbol
5.0V r 10%, tr
tf
6 ns (unless otherwise specified)
Conditions TA Typ 12 22 CL CL 50 pF 150 pF 15 20 15 6 5 15 25qC TA
Parameter CL CL RL RL CL CL
40 to 85qC TA 55 to 125qC
Guaranteed Limits 25 38 38 50 38 15 10 20 30 45 45 60 45 18 10 20
Units ns ns ns ns ns ns pF pF
tPHL, tPLH Maximum Output Propagation Delay tPZH, tPZL Maximum Output Enable Time tPHZ, tPLZ Maximum Output Disable Time tTHL, tTLH Maximum Output Rise and Fall Time CIN COUT Maximum Input Capacitance Maximum Output Capacitance CPD Power Dissipation Capacitance (Note 5)
50 pF 150 pF 1 k: 1 k: 50 pF 50 pF
20 30 30 40 30 12 10 20
(per output)
G G
VCC GND
12 50
pF pF
Note 5: CPD determines the no load dynamic power consumption, PD IS CPD VCC f ICC.
CPD VCC2 f ICC VCC,and the no load dynamic current consumption,
3
www.fairchildsemi.com
MM74HCT540 * MM74HCT541
AC Electrical Characteristics
MM74HCT541: VCC Symbol tPHL, tPLH tPZL, tPZH tPLZ, tPHZ
5.0V, tr
tf
6 ns, TA 25qC, (unless otherwise specified)
Conditions CL CL RL CL RL 45 pF 45 pF 1 k: 5 pF 1 k: 15 25 ns Typ 13 17 Guaranteed Limits 20 28 Units ns ns
Parameter Maximum Output Propagation Delay Maximum Output Enable Time Maximum Output Disable Time
AC Electrical Characteristics
MM74HCT541: VCC
Symbol
5.0V r 10%, tr
tf
6 ns (unless otherwise specified)
Conditions TA Typ 14 17 CL CL 50 pF 150 pF 17 22 17 6 5 15 25qC TA
Parameter CL CL RL RL CL
40 to 85qC TA 55 to 125qC
Guaranteed Limits 29 42 38 50 38 15 10 20 34 49 45 60 45 18 10 20
Units ns ns ns ns ns ns pF pF
tPHL, tPLH Maximum Output Propagation Delay tPZH, tPZL Maximum Output Enable Time tPHZ, tPLZ Maximum Output Disable Time tTHL, tTLH Maximum Output Rise and Fall Time CIN COUT Maximum Input Capacitance Maximum Output Capacitance CPD Power Dissipation Capacitance (Note 6)
50 pF 150 pF 1 k: 1 k: 50 pF
23 33 30 40 30 12 10 20
CL 5 0 pF
(per output)
G G
VCC GND
12 45
pF pF
Note 6: CPD determines the no load dynamic power consumption, PD IS CPD V CC f ICC.
C PD VCC2 f ICC VCC,and the no load dynamic current consumption,
www.fairchildsemi.com
4
MM74HCT540 * MM74HCT541
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
5
www.fairchildsemi.com
MM74HCT540 * MM74HCT541
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
6
MM74HCT540 * MM74HCT541
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
7
www.fairchildsemi.com
MM74HCT540 * MM74HCT541 Inverting Octal 3-STATE Buffer * Octal 3-STATE Buffer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HCT541WM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X