Part Number Hot Search : 
BD00FC 2SC3065 1414626 856278 34404 A7BW99AA LB1408 01915
Product Description
Full Text Search
 

To Download MM74HC59704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC597 8-Bit Shift Registers with Input Latches
January 1988 Revised January 2004
MM74HC597 8-Bit Shift Registers with Input Latches
General Description
This high speed register utilizes advanced silicon-gate CMOS technology. It has the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as the ability to drive 10 LS-TTL loads. The MM74HC597 comes in a 16-pin package and consists of an 8-bit storage latch feeding a parallel-in, serial-out 8-bit shift register. Both the storage register and shift register have positive-edge triggered clocks. the shift register also has direct load (from storage) and clear inputs. The 74HC logic family is speed, function, and pin-out compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s 8-bit parallel storage register inputs s Wide operating voltage range: 2V-6V s Shift register has direct overriding load and clear s Guaranteed shift frequency: DC to 30 MHz s Low quiescent current: 80 A maximum
Ordering Code:
Order Number MM74HC597M (Note 1) MM74HC597SJ MM74HC597N Package Number M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Truth Table
RCK SCK SLOAD SCLR Function Data Loaded to input latches Data loaded from inputs to shift register Data transferred from X L H input latches to shift register Invalid logic, state of X X X X X L H H L L H shift register indeterminate when signals removed Shift register cleared Shift register clocked Qn = Qn-1, Q 0 = SER

No clock edge
X X
X L
X H
Top View
(c) 2004 Fairchild Semiconductor Corporation
DS005343
www.fairchildsemi.com
MM74HC597
Functional Block Diagram
(Positive Logic)
Timing Diagram
www.fairchildsemi.com
2
MM74HC597
Absolute Maximum Ratings(Note 2)
(Note 3) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 4) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) VCC = 2.0V VCC = 4.5V VCC = 6.0V 1000 500 400 ns ns ns 0 VCC V 2 Max 6 Units V
-0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 25 mA 70 mA -65C to +150C
-40
+85
C
Note 2: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 3: Unless otherwise specified all voltages are referenced to ground. Note 4: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage (Note 6) VOH Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT| 20 A Conditions
(Note 5)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0 4.5 6.0 4.2 5.2 0 0 0 0.2 0.2 TA = 25C Typ 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 8.0 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 80 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 160 A A V V V V Units
V
VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA VOL Maximum LOW Level Output Voltage VIN = VIH or VIL |IOUT| 20 A 2.0V 4.5V 6.0V VIN = VIH or VIL |IOUT| 4 mA |IOUT| 5.2 mA IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN = VCC or GND VIN = VCC or GND IOUT = 0 A 4.5V 6.0V 6.0V 6.0V V 4.5V 6.0V
Note 5: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used. Note 6: VIL limits are currently tested at 20% of VCC. The above VIL specification (30% of VCC) will be implemented no later than Q1, CY'89.
3
www.fairchildsemi.com
MM74HC597
AC Electrical Characteristics
Symbol fMAX tPHL tPLH tPHL tPLH tPHL tPLH tPHL tREM tS tS tS Parameter Maximum Operating Frequency of SCK Maximum Propagation Delay from SCK to QH Maximum Propagation Delay from SLOAD to QH Maximum propagation Delay from RCK to QH Maximum Propagation Delay from SCLR to QH Minimum Removal Time, SCLR to SCK Minimum Setup Time from RCK to SCK Minimum Setup Time from SER to SCK Minimum Setup Time from inputs A thru H to RCK tH tW Minimum Hold Time Minimum Pulse Width SCK, RCK, SCLR SLOAD
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns
Conditions Typ 50 20 20 Guaranteed Limit 30 30 30 Units MHz ns ns
SLOAD = logic "0"
25 20 10 30 10
45 30 20 40 20
ns ns ns ns ns
10 -2 10
20 0 16
ns ns ns
AC Electrical Characteristics
Symbol fMAX Parameter Maximum Operating Frequency tPHL tPLH tPHL tPLH tPHL tPLH tPHL Maximum Propagation Delay from SCK to QH Maximum Propagation Delay from SLOAD to QH Maximum Propagation Delay from RCK to QH Maximum Propagatin Delay from SCLR to QH tREM Minimum Removal Time SCLR to SCK tS Minimum Setup Time from RCK to SCK tS Minimum Setup Time from SER to SCK
VCC = 2.0-6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V TA = 25C Typ 10 45 50 62 20 18 65 20 18 120 30 28 66 20 18 6.0 30 35 175 35 30 175 35 30 205 41 35 175 35 30 100 20 17 200 40 34 100 20 17 TA=-40 to 85C TA=-55 to 125C Guaranteed Limits 4.8 24 28 220 44 38 220 44 38 255 51 43 220 44 38 125 25 21 250 50 42 125 25 21 4.0 20 24 263 53 45 263 53 45 310 62 53 263 53 45 150 30 25 300 60 50 150 30 25 ns ns ns ns ns ns ns MHz Units
Conditions
SLOAD = Logic "0"
4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V
www.fairchildsemi.com
4
MM74HC597
AC Electrical Characteristics
Symbol tS Parameter Minimum Setup Time from Inputs A thru H to RCK tH Minimum Hold Time
(Continued)
TA = 25C Typ 100 20 17 0 0 0 30 9 8 80 16 14 1000 500 400 30 10 8 75 15 13 75 15 13 87 5 15
2
Conditions
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V
TA=-40 to 85C TA=-55 to 125C Guaranteed Limits 125 25 21 0 0 0 100 20 18 1000 500 400 95 19 16 95 19 16 150 30 25 0 0 0 120 24 20 1000 500 400 110 22 19 110 22 19
Units
ns
ns
tW
Minimum Pulse Width SCK, RCK, SCLR, SLOAD
2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V
ns
tr, tf
Maximum Input Rise and Fall Time
ns
tTHL, tTLH
Maximum Output Rise and Fall Time
ns
tTHL, tTLH
Maximum Output Rise and Fall Time
ns
CPD CIN COUT
Power Dissipation Capacitance, Outputs (Note 7) Maximum Input Capacitance Maximum Output Capacitance
pF 10 20 10 20 10 20 pF pF
Note 7: CPD determines the no load dynamic power consumption, PD = CPD VCC f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
5
www.fairchildsemi.com
MM74HC597
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
www.fairchildsemi.com
6
MM74HC597
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
7
www.fairchildsemi.com
MM74HC597 8-Bit Shift Registers with Input Latches
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HC59704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X