Part Number Hot Search : 
P819I T110018 4001G RXXXZJ F5518R7F XXXXE RB751 SDA48
Product Description
Full Text Search
 

To Download MM3Z5546 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM3Z5518 thru MM3Z5546
SCOTTSDALE DIVISION
LOW VOLTAGE AVALANCHE DIODE
PRODUCT PREVIEW
FEATURES
* * * LOW ZENER NOISE SPECIFIED LOW ZENER IMPEDANCE LOW LEAKAGE CURRENT SOD323 PACKAGE
SOD323 PACKAGE
WWW. Microsemi . COM
*
MAXIMUM RATINGS
*
* *
OPERATING TEMPERATURE: -55C TO +150C STORAGE TEMPERATURE: -55C TO +150C POWER: 200mW
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless otherwise specified
PART NUMBER (NOTE 1) DEVICE MARKING NOMINAL ZENER VOLTAGE VZ @ I Z T VOLTS (NOTE 2) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 28.0 30.0 33.0 TEST CURRENT IZT mAdc MAX. REVERSE LEAKAGE MAX ZENER CURRENT IMPEDANCE B-C D SUFFIX VR - VOLTS ZZT @ I ZT IR Adc OHMS (NOTE 3) (NOTE 4) NON & A B C D SUFFIX SUFFIX 26 24 22 18 22 26 30 30 30 35 40 45 60 80 90 90 100 100 100 100 100 100 100 100 100 100 100 100 100 5.0 3.0 1.0 3.0 2.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.0 1 0.01 0.01 0.01 0.01 0.01 0.9 0.9 0.9 1.0 1.5 2.0 3.0 4.5 5.5 6.0 6.5 7.0 8.0 9.0 9.5 10.5 11.5 12.5 13.0 14.0 15.0 16.0 17.0 18.0 20.0 21.0 23.0 24.0 28.0 1.0 1.0 1.0 1.5 2.0 2.5 3.5 5.0 6.2 6.8 7.5 8.2 9.1 9.9 10.8 11.7 12.6 13.5 14.4 15.3 16.2 17.1 18.0 19.8 21.6 22.4 25.2 27.0 29.7 BCD B C D SUFFIX SUFFIX MAX. NOISE REGULATION LOW MAXIMUM DENSITY FACTOR VZ DC ZENEER AT IZ =250 A ?VZ CURRENT CURRENT ND VOLTS IZL IZ M (MICRO-VOLTS (NOTE 6) mAdc mAdc PER SQUARE (NOTE 5) ROOT CYCLE) 0.5 2.0 57.5 0.90 52.5 49.0 43.0 40.5 37.5 34.0 30.5 28.0 25.5 23.0 21.0 19.0 17.5 16.0 14.5 13.5 12.5 12.0 11.0 10.5 10.0 9.5 8.5 8.0 7.5 7.0 6.5 6.0 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 2.0 4.0 4.0 4.0 5.0 10 15 20 20 20 20 20 20 20 20 20 20 20 20 20 0.90 0.85 0.75 0.60 0.65 0.30 0.20 0.10 0.05 0.05 0.05 0.10 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.30 0.35 0.40 0.45 0.50 2.0 2.0 2.0 1.0 0.25 0.25 0.01 0.01 0.01 0.01 0.0 1 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
PACKAGE DIMENSIONS
MM3Z5518 MM3Z5519 MM3Z5520 MM3Z5521 MM3Z5522 MM3Z5523 MM3Z5524 MM3Z5525 MM3Z5526 MM3Z5527 MM3Z5528 MM3Z5529 MM3Z5530 MM3Z5531 MM3Z5532 MM3Z5533 MM3Z5534 MM3Z5535 MM3Z5536 MM3Z5537 MM3Z5538 MM3Z5539 MM3Z5540 MM3Z5541 MM3Z5542 MM3Z5543 MM3Z5544 MM3Z545 MM3Z5546
20 20 20 20 10 5.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
DIM A B C D E F G H
INCHES MILLIMETERS MIN MAX MIN MAX -.043 -1.092 -.004 -.102 -.006 -.152 .010 .016 .254 .406 .003 .006 .076 .152 .063 .075 1.600 1.905 .045 .057 1.143 1.448 .094 .106 2.388 2.692
NOTES
MM3Z5518-MM3Z5546
1 2 3 4
TOLERANCE AND VOLTAGE DESIGNATION: The type part numbers shown are +/- 20 % with guaranteed limits for only VZ, IR and V F. Units with A suffix are +/- 10% with guaranteed limits for only V Z, IR and VF. Units with guaranteed limits for all six parameters are indicated by a B suffix for +/ - 5.0% units. C suffix for +/- 2.0% and D suffix for +/- 1.0%. ZENER (V Z) VOLTAGE MEASUREMENT: Nominal zener voltage is measured with the device junction in thermal equilibrium with ambient temperature of 25C at the specified current of IZT . ZENER IMPEDANCE (ZZ) DERIVATION: The zener impedance is derived from the 60 Hz voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (I ZT ) is superimposed on IZT . REVERSE LEAKAGE CURRENT (I R): Reverse leakage current is guaranteed and measured at VR as shown on the table. MAXIMUM REGULATOR CURRENT (I ZM): The maximum current shown is based on the maximum voltage of a 5.0% type unit; therefore, it applies only to the B C, or D suffix devices. The actual I ZM for any devices may not exceed the value of 200 milliwatts divided by the actual VZ of the device. MAXIMUM REGULATION FACTOR (? V Z): ? V Z is the maximum difference between Vz at IZT and VZ at IZL measured with the device junction in thermal equilibrium.
5 6
Copyright (c) 2001 MSCXXXX.PDF 02-12-2001 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
MM3Z5518 thru MM3Z5546
SCOTTSDALE DIVISION
LOW VOLTAGE AVALANCHE DIODE
PRODUCT PREVIEW GRAPHS WWW. Microsemi . COM
Pd MAXIMUM DISSIPATION
500
100
400
Typical Capacitance in pF
60 40
300
200
20
100
10 8
0 25 50 75 100 125 150 175 200
TL Lead Temperature (C)
4
POWER-TEMPERATURE DERATING CURVE
2
1 0 20 40 60 80 100 120 140 160 180 200 220
Zener Voltage
CAPACITANCE VS. ZENER VOLTAGE (TYPICAL)
VZ ?VZ REVERSE VOLTAGE (VOLTS) IZL IZT IR @ VR IZ (mA) VF (VOLTS)
IF (mA)
FORWARD CHARACTERISTIC
GRAPHS
REVERSE CHARACTERISTIC IZM
ZENER DIODE CHARACTERISTICS AND SYMBOL IDENTIFICATION
Copyright (c) 2001 MSCXXXX.PDF 02-12-2001 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2


▲Up To Search▲   

 
Price & Availability of MM3Z5546

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X