Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download MM3002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
CMOS Operational Amplifier (Single) MM3002
CMOS Operational Amplifier (Single)
Monolithic IC MM3002
Outline
This IC is a CMOS (Single) operating amp for which input/output voltage both can be used up to the power supply voltage. Further, low offset voltage, low drift and low consumption current have been achieved. The package is the ultra-small SOT-25.
Features
(1) Input voltage range (VDD=3V) (2) Output voltage range (VDD=3V) (3) Input offset voltage (4) Input offset voltage temperature drift (5) Input bias current (6) Consumption current (7) Output current (8) Through rate -0.1V~VDD+0.1V typ. 0.03V~2.97V typ. 1mV typ. 5V/C typ. 5pA typ. 120A typ. 5mA typ. 0.6V/S
Package
SOT-25
Applications
(1) Communication equipment (mobile telephones, cordless telephones, etc.) (2) Computers and computer peripherals (notebook PCs, mini PCs, PDA, digital cameras, printers, scanners, etc.) (3) AV equipment (movies, CD players, MD players, etc.) (4) Other (navigation equipment, measurement equipment, handy terminals, etc.)
Block Diagram
Pin Assignment
TOP VIEW 1 2 5 4 3 4 1 2 3 5 OUT VDD IN+ INVSS
SOT-25
MITSUMI
CMOS Operational Amplifier (Single) MM3002
Pin Description
Pin No. 1 Pin name OUT Functions Output pin Internal Equivaalent Circuit
2 3
VDD IN+
Power supply input pin Non - inverting input pin
4
IN-
Inverting input pin
5
VSS
VSS PIN
Absolute Maximum Ratings (Except where noted otherwise, Ta=25C)
Item Storage temperature Operating temperature Power supply voltage Input voltage Symbol TSTG TOPR VDD max. VI Ratings -40~+125 -30~+85 10 -0.3~VDD+0.3 Units C C V V
MITSUMI
CMOS Operational Amplifier (Single) MM3002
Recommended Operating Conditions
Item Operating temperature Power supply voltage Input voltage Symbol TOPR VOPR VI Ratings -30~+85 +2.7~+9 0~VDD Units C V V
Electrical Characteristics
Item Input offset voltage Input offset voltage temperature Drift Input bias current Common - mode signal rejection ratio Power supply voltage rejection ratio Current consumption Input voltage L Input voltage H Voltage gain Gain band area Output voltage L Output voltage H Output flow current Output inflow current Through rate
(Except where noted otherwise, Ta=25C, VDD=3V, VIN=1.5V) Measurement Min. Typ. Max. Units curcuit 1 1 2 1 VDD=3V~5V 1 3 4 5 6 6 7 8 9 10 11 60 70 50 1 5 5 70 90 3 mV V/C pA dB dB
Symbol VOS VOS/ Ta IB CMRR PSRR IDD VIL VIH AV GBW VOL VOH ISO ISI SR
Measurement conditions Rs < 10k = Ta=30C~+85C
RL > 100k = AV=0dB
120 240 A -0.1 0 V VDD VDD+0.1 V 80 95 dB 800 kHz 0.03 0.05 V 2.95 2.97 V 2.5 5 mA 2.5 5 mA 0.6 V/S
NOTE1 Put capacitors of number F between VDD -VSS when using.
Measuring Circuit
Measuring circuit 1
(Except where noted otherwise, Ta=25C, VDD=3V, VIN=VDD/2, SW1;A)
VOS=
Vo1-VIN 100 100 vi1 vo1 SW1 ; B vi1=1V(P-P) (5-3) 100 (vo1-VIN1) - (vo2-VIN2) VIN2, VO2 ; VDD=5V
CMRR=20log PSRR=20log
MITSUMI
CMOS Operational Amplifier (Single) MM3002
Measuring circuit 2
Measuring circuit 3
IB=
IB1 + IB2 2
Measuring circuit 4
Measuring circuit 5
Measuring circuit 6
Av=20log
vo6 104 vi6 vo6=1VP-P
Measuring circuit 7
Measuring circuit 8
Measuring circuit 9
Measuring circuit 10
Measuring circuit 11
MITSUMI
CMOS Operational Amplifier (Single) MM3002
Characteristics
Current consumption vs power supply voltage
Current Consumption (A)
300 250 200 150 100 50 0 0 2 4 6 8 10 12
(Ta=25C, VIN=VDD/2)
Input offset voltage vs power supply voltage
Input Offset Voltage (mV)
3 2 1 0 -1 -2 -3 2 4 6 8 10 12
(Ta=25C, VIN=VDD/2)
Power Supply Voltage (V)
Power Supply Voltage (V)
Input offset voltage vs power supply voltage
Input Offset Voltage (mV)
3 2 1 0 -1 -2 -3 2 4 6 8 10 12
(Ta=25C, VIN=0.5V)
Input offset voltage vs power supply voltage
Input Offset Voltage (mV)
3 2 1 0 -1 -2 -3 2 4 6 8 10 12
(Ta=25C, VIN=VDD-0.5V)
Power Supply Voltage (V)
Power Supply Voltage (V)
Current consumption vs ambient temperature
Current Consumption (A)
300 250 200 150 100 50 0 -40 -20 0 20 40 60 80 100
(VDD=3V, VIN=1.5V)
Input offset voltage vs ambient temperature
Input Offset Voltage (mV)
3 2 1 0 -1 -2 -3 -40 -20 0 20 40 60 80 100
(VDD=3V, VIN=1.5V)
Ambient Temperature (C)
Ambient Temperature (C)
Input offset voltage vs input voltage
Input Offset Voltage (mV)
3 2 1 0 -1 -2 -3 0 0.5 1 1.5 2 2.5 3
(Ta=25C, VDD=3V)
Output voltage vs input voltage
3.5 3 2.5 2 1.5 1 0.5 0 -0.5 -0.5 0
(Ta=25C, VDD=3V, RL=)
OutputVoltage (V)
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (mV)
Input Voltage (V)
MITSUMI
CMOS Operational Amplifier (Single) MM3002
Output voltage vs sinking current
Output Voltage (V)
2.5 2 1.5 1 0.5 0 0 1 2 3 4 5
(Ta=25C, VDD=3V, VIN=1.5V)
Output voltage vs sourcing current
VDD-Output Voltage (V)
2.5 2 1.5 1 0.5 0 0 1 2 3 4 5
(Ta=25C, VDD=3V, VIN=1.5V)
Sinking Current (mA)
Sourcing Current (mA)
PSRR vs frequency
120 100
(Ta=25C, VDD=3V, VIN=1.5V)
CMRR vs frequency
120
(Ta=25C, VDD=3V, VIN=1.5V)
80 60 40 20 0 10 10 1k 10k 100k 1M
CMRR (dB)
100 80 60 40 20 0 10 100 1k 10k 100k 1M
PSRR (dB)
Frequency (Hz)
Frequency (Hz)
Voltage gain vs frequency
Voltage Gain (dB)
120 100 80 60 40 20 0 1 10 100 1k 10k 100k 1M
(Ta=25C, VDD=3V, VIN=1.5V, RL=)
Frequency (Hz)


▲Up To Search▲   

 
Price & Availability of MM3002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X