Part Number Hot Search : 
SMBG15A BC847DS THI0512 MB91103 0TFI023 MIC2586 BLF88 C68HC11
Product Description
Full Text Search
 

To Download MLP1N06CL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLP1N06CL
Preferred Device
SMARTDISCRETESt MOSFET 1 Amp, 62 Volts, Logic Level
N-Channel TO-220
These SMARTDISCRETES devices feature current limiting for short circuit protection, an integral gate-to-source clamp for ESD protection and gate-to-drain clamp for over-voltage protection. No additional gate series resistance is required when interfacing to the output of a MCU, but a 40 k gate pulldown resistor is recommended to avoid a floating gate condition. The internal gate-to-source and gate-to-drain clamps allow the devices to be applied without use of external transient suppression components. The gate-to-source clamp protects the MOSFET input from electrostatic gate voltage stresses up to 2.0 kV. The gate-to-drain clamp protects the MOSFET drain from drain avalanche stresses that occur with inductive loads. This unique design provides voltage clamping that is essentially independent of operating temperature. * Temperature Compensated Gate-to-Drain Clamp Limits Voltage Stress Applied to the Device and Protects the Load From Overvoltage * Integrated ESD Diode Protection * Controlled Switching Minimizes RFI * Low Threshold Voltage Enables Interfacing Power Loads to Microprocessors
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 M) Gate-to-Source Voltage - Continuous Drain Current - Continuous Drain Current - Single Pulse Total Power Dissipation Electrostatic Discharge Voltage (Human Body Model) Operating and Storage Junction Temperature Range Symbol VDSS VDGR VGS ID IDM PD ESD TJ, Tstg Value Clamped Clamped 10 Self-limited 1.8 40 2.0 -50 to 150 Unit Vdc Vdc Vdc Adc Watts kV C L1N06CL LL Y WW 1 2 TO-220AB CASE 221A STYLE 5 4
http://onsemi.com
1 AMPERE 62 VOLTS (Clamped) RDS(on) = 750 m
N-Channel D
G
R1
R2
S
MARKING DIAGRAM & PIN ASSIGNMENT
4 Drain
L1N06CL LLYWW 3 Source 2 Drain
3
1 Gate
THERMAL CHARACTERISTICS
Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8 from case RJC RJA TL 3.12 62.5 260 C/W
= Device Code = Location Code = Year = Work Week
C
ORDERING INFORMATION
Device MLP1N06CL Package TO-220AB Shipping 50 Units/Rail
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2000
1
November, 2000 - Rev. 2
Publication Order Number: MLP1N06CL/D
MLP1N06CL
UNCLAMPED DRAIN-TO-SOURCE AVALANCHE CHARACTERISTICS
Rating Single Pulse Drain-to-Source Avalanche Energy (Starting TJ = 25C, ID = 2.0 A, L = 40 mH) (Figure 6) Symbol EAS Value 80 Unit mJ
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Sustaining Voltage (Internally Clamped) (ID = 20 mA, VGS = 0) (ID = 20 mA, VGS = 0, TJ = 150C) Zero Gate Voltage Drain Current (VDS = 45 V, VGS = 0) (VDS = 45 V, VGS = 0, TJ = 150C) Gate-Body Leakage Current (VG = 5.0 V, VDS = 0) (VG = 5.0 V, VDS = 0, TJ = 150C) ON CHARACTERISTICS (Note 1.) Gate Threshold Voltage (ID = 250 A, VDS = VGS) (ID = 250 A, VDS = VGS, TJ = 150C) Static Drain-to-Source On-Resistance (ID = 1.0 A, VGS = 4.0 V) (ID = 1.0 A, VGS = 5.0 V) (ID = 1.0 A, VGS = 4.0 V, TJ = 150C) (ID = 1.0 A, VGS = 5.0 V, TJ = 150C) Forward Transconductance (ID = 1.0 A, VDS = 10 V) Static Source-to-Drain Diode Voltage (IS = 1.0 A, VGS = 0) Static Drain Current Limit (VGS = 5.0 V, VDS = 10 V) (VGS = 5.0 V, VDS = 10 V, TJ = 150C) RESISTIVE SWITCHING CHARACTERISTICS (Note 1.) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time 1. Indicates Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. (VDD = 25 V, ID = 1.0 A, VGS = 5.0 V, RG = 50 Ohms) td(on) tr td(off) tf - - - - 1.2 4.0 4.0 3.0 2.0 6.0 6.0 5.0 s VGS(th) 1.0 0.6 RDS(on) - - - - gFS VSD ID(lim) 2.0 1.1 2.3 1.3 2.75 1.8 1.0 - 0.63 0.59 1.1 1.0 1.4 1.1 0.75 0.75 1.9 1.8 - 1.5 mhos Vdc A 1.5 - 2.0 1.6 Ohms Vdc V(BR)DSS 59 59 IDSS - - IGSS - - 0.5 1.0 5.0 20 0.6 6.0 5.0 20 Adc 62 62 65 65 Adc Vdc Symbol Min Typ Max Unit
http://onsemi.com
2
MLP1N06CL
4 TJ = 25C ID , DRAIN CURRENT (AMPS) VDS 7.5 V
4
-50C
ID , DRAIN CURRENT (AMPS)
3
10 V 6V
8V 4V
3 25C 2 TJ = 150C
2
1
VGS = 3 V
1 0
0
0
2 4 6 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
8
0
2 4 6 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
8
Figure 1. Output Characteristics THE SMARTDISCRETES CONCEPT
Figure 2. Transfer Function SHORT CIRCUIT PROTECTION AND THE EFFECT OF TEMPERATURE
From a standard power MOSFET process, several active and passive elements can be obtained that provide on-chip protection to the basic power device. Such elements require only a small increase in silicon area and/or the addition of one masking layer to the process. The resulting device exhibits significant improvements in ruggedness and reliability as well as system cost reduction. The SMARTDISCRETES device functions can now provide an economical alternative to smart power ICs for power applications requiring low on-resistance, high voltage and high current. These devices are designed for applications that require a rugged power switching device with short circuit protection that can be directly interfaced to a microcontroller unit (MCU). Ideal applications include automotive fuel injector driver, incandescent lamp driver or other applications where a high in-rush current or a shorted load condition could occur.
OPERATION IN THE CURRENT LIMIT MODE
The amount of time that an unprotected device can withstand the current stress resulting from a shorted load before its maximum junction temperature is exceeded is dependent upon a number of factors that include the amount of heatsinking that is provided, the size or rating of the device, its initial junction temperature, and the supply voltage. Without some form of current limiting, a shorted load can raise a device's junction temperature beyond the maximum rated operating temperature in only a few milliseconds. Even with no heatsink, the MLP1N06CL can withstand a shorted load powered by an automotive battery (10 to 14 Volts) for almost a second if its initial operating temperature is under 100C. For longer periods of operation in the current-limited mode, device heatsinking can extend operation from several seconds to indefinitely depending on the amount of heatsinking provided.
The on-chip circuitry of the MLP1N06CL offers an integrated means of protecting the MOSFET component from high in-rush current or a shorted load. As shown in the schematic diagram, the current limiting feature is provided by an NPN transistor and integral resistors R1 and R2. R2 senses the current through the MOSFET and forward biases the NPN transistor's base as the current increases. As the NPN turns on, it begins to pull gate drive current through R1, dropping the gate drive voltage across it, and thus lowering the voltage across the gate-to-source of the power MOSFET and limiting the current. The current limit is temperature dependent as shown in Figure 3, and decreases from about 2.3 Amps at 25C to about 1.3 Amps at 150C. Since the MLP1N06CL continues to conduct current and dissipate power during a shorted load condition, it is important to provide sufficient heatsinking to limit the device junction temperature to a maximum of 150C. The metal current sense resistor R2 adds about 0.4 ohms to the power MOSFET's on-resistance, but the effect of temperature on the combination is less than on a standard MOSFET due to the lower temperature coefficient of R2. The on-resistance variation with temperature for gate voltages of 4 and 5 Volts is shown in Figure 5. Back-to-back polysilicon diodes between gate and source provide ESD protection to greater than 2 kV, HBM. This on-chip protection feature eliminates the need for an external Zener diode for systems with potentially heavy line transients.
http://onsemi.com
3
MLP1N06CL
4 R DS(on), ON-RESISTANCE (OHMS) ID(lim) , DRAIN CURRENT (AMPS) VGS = 5 V VDS = 7.5 V 3 4 ID = 1 A
3
2
2 25C 1 TJ = -50C
150C
1
0 -50
0 0 50 100 TJ, JUNCTION TEMPERATURE (C) 150
0
2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
10
Figure 3. ID(lim) Variation With Temperature
Figure 4. RDS(on) Variation With Gate-To-Source Voltage
1.25 RDS(on), ON-RESISTANCE (OHMS)
ID = 1 A
1 VGS = 4 V 0.75 VGS = 5 V 0.5
0.25 -50
0 50 100 TJ, JUNCTION TEMPERATURE (C)
150
Figure 5. On-Resistance Variation With Temperature
BV(DSS) , DRAIN-SOURCE SUSTAINING VOLTAGE (VOLTS)
WAS , SINGLE PULSE AVALANCHE ENERGY (mJ)
100 80 60 40 20 0
64
63
62
61
25
50
75 100 125 TJ, JUNCTION TEMPERATURE (C)
150
60 -50
0 50 100 TJ, JUNCTION TEMPERATURE (C)
150
Figure 6. Single Pulse Avalanche Energy versus Junction Temperature
Figure 7. Drain-Source Sustaining Voltage Variation With Temperature
http://onsemi.com
4
MLP1N06CL
FORWARD BIASED SAFE OPERATING AREA
The FBSOA curves define the maximum drain-to-source voltage and drain current that a device can safely handle when it is forward biased, or when it is on, or being turned on. Because these curves include the limitations of simultaneous high voltage and high current, up to the rating of the device, they are especially useful to designers of linear systems. The curves are based on a case temperature of 25C and a maximum junction temperature of 150C. Limitations for repetitive pulses at various case temperatures can be determined by using the thermal response curves. ON Semiconductor Application Note, AN569, "Transient Thermal Resistance - General Data and Its Use" provides detailed instructions.
MAXIMUM DC VOLTAGE CONSIDERATIONS
(1.8 A at 150C) and not the RDS(on). The maximum voltage can be calculated by the following equation:
Vsupply = (150 - TA) ID(lim) (RJC + RCA)
where the value of RCA is determined by the heatsink that is being used in the application.
DUTY CYCLE OPERATION
When operating in the duty cycle mode, the maximum drain voltage can be increased. The maximum operating temperature is related to the duty cycle (DC) by the following equation:
TC = (VDS x ID x DC x RCA) + TA
The maximum drain-to-source voltage that can be continuously applied across the MLP1N06CL when it is in current limit is a function of the power that must be dissipated. This power is determined by the maximum current limit at maximum rated operating temperature
10 6 I D , DRAIN CURRENT (AMPS) 3 2 1 0.6 0.3 0.2 ID(lim) - MAX ID(lim) - MIN
The maximum value of VDS applied when operating in a duty cycle mode can be approximated by:
VDS = 150 - TC ID(lim) x DC x RJC
1.5 ms 5 ms dc
1 ms
VGS = 5 V SINGLE PULSE TC = 25C 0.1 1 2 3
DEVICE/POWER LIMITED RDS(on) LIMITED
6
10
20
30
60
100
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 8. Maximum Rated Forward Bias Safe Operating Area (MLP1N06CL)
r(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 0.7 0.5 0.3 0.2
D = 0.5 0.2 0.1 0.05 0.02 0.01 SINGLE PULSE 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 t, TIME (ms)
0.1 0.07 0.05 0.03 0.02 0.01 0.01
RJC(t) = r(t) RJC RJC(t) = 3.12C/W Max D Curves Apply for Power Pulse Train Shown Read Time at t1 TJ(pk) - TC = P(pk) RJC(t) P(pk) t2 DUTY CYCLE, D =t1/t2 100 200 300 500 1000 t1
Figure 9. Thermal Response (MLP1N06CL)
http://onsemi.com
5
MLP1N06CL
VDD RL Vin z = 50 50 INPUT, Vin Vout DUT td(on) ton tr 90% td(off) toff tf 90%
PULSE GENERATOR Rgen 50
OUTPUT, Vout INVERTED
10% 90% 50% 10% PULSE WIDTH 50%
Figure 10. Switching Test Circuit ACTIVE CLAMPING
Figure 11. Switching Waveforms
SMARTDISCRETES technology can provide on-chip realization of the popular gate-to-source and gate-to-drain Zener diode clamp elements. Until recently, such features have been implemented only with discrete components which consume board space and add system cost. The SMARTDISCRETES technology approach economically melds these features and the power chip with only a slight increase in chip area. In practice, back-to-back diode elements are formed in a polysilicon region monolithicly integrated with, but electrically isolated from, the main device structure. Each back-to-back diode element provides a temperature compensated voltage element of about 7.2 volts. As the polysilicon region is formed on top of silicon dioxide, the diode elements are free from direct interaction with the conduction regions of the power device, thus eliminating parasitic electrical effects while maintaining excellent thermal coupling. To achieve high gate-to-drain clamp voltages, several voltage elements are strung together; the MLP1N06CL uses 8 such elements. Customarily, two voltage elements are used to provide a 14.4 volt gate-to-source voltage clamp. For the
MLP1N06CL, the integrated gate-to-source voltage elements provide greater than 2.0 kV electrostatic voltage protection. The avalanche voltage of the gate-to-drain voltage clamp is set less than that of the power MOSFET device. As soon as the drain-to-source voltage exceeds this avalanche voltage, the resulting gate-to-drain Zener current builds a gate voltage across the gate-to-source impedance, turning on the power device which then conducts the current. Since virtually all of the current is carried by the power device, the gate-to-drain voltage clamp element may be small in size. This technique of establishing a temperature compensated drain-to-source sustaining voltage (Figure 7) effectively removes the possibility of drain-to-source avalanche in the power device. The gate-to-drain voltage clamp technique is particularly useful for snubbing loads where the inductive energy would otherwise avalanche the power device. An improvement in ruggedness of at least four times has been observed when inductive energy is dissipated in the gate-to-drain clamped conduction mode rather than in the more stressful gate-to-source avalanche mode.
TYPICAL APPLICATIONS: INJECTOR DRIVER, SOLENOIDS, LAMPS, RELAY COILS The MLP1N06CL has been designed to allow direct interface to the output of a microcontrol unit to control an isolated load. No additional series gate resistance is required, but a 40 k gate pulldown resistor is recommended to avoid a floating gate condition in the event of an MCU failure. The internal clamps allow the device to be used without any external transistent suppressing components.
VBAT VDD
D MCU G S MLP1N06CL
http://onsemi.com
6
MLP1N06CL
PACKAGE DIMENSIONS
TO-220 THREE-LEAD TO-220AB CASE 221A-09 ISSUE AA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 ----0.080 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 ----2.04
-T- B
4
SEATING PLANE
F T S
C
Q
123
A U K
H Z L V G D N R J
STYLE 5: PIN 1. 2. 3. 4.
http://onsemi.com
7
MLP1N06CL
SMARTDISCRETES is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (Mon-Fri 2:30pm to 7:00pm CET) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (Mon-Fri 2:00pm to 7:00pm CET) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (Mon-Fri 12:00pm to 5:00pm GMT) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, UK, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com Toll-Free from Mexico: Dial 01-800-288-2872 for Access - then Dial 866-297-9322 ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MLP1N06CL/D


▲Up To Search▲   

 
Price & Availability of MLP1N06CL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X