Part Number Hot Search : 
74352 0V10X AN630 00M16 20400 4674BEP 00M16 TC74LC
Product Description
Full Text Search
 

To Download MLG1005SR39BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/6)
SMD Inductors(Coils) For High Frequency(Multilayer)
MLG Series MLG1005S Type
FEATURES * Nominal inductance values are supported from 0.3 to 390nH. * Provides high Q characteristics. * Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for high-frequency. * The products contain no lead and also support lead-free soldering. * It is a product conforming to RoHS directive. APPLICATIONS For high-frequency applications including mobile phones, high frequency modules (PA, VCO, FEM etc.), Bluetooth, W-LAN, UWB and tuners. SHAPES AND DIMENSIONS
1.00.05
Conformity to RoHS Directive
PRODUCT IDENTIFICATION MLG 1005 S 2N2 S T (1) (2) (3) (4) (5) (6) (1) Series name (2) Dimensions
1005 1.0x 0.5mm (Lx W)
(3) Material code (4) Inductance value
2N2 12N R10 2.2nH 12nH 100nH
(5) Inductance tolerance
B C S H J 0.1nH 0.2nH 0.3nH 3% 5%
0.50.05
(6) Packaging style
0.250.1
T
Taping (reel)
SPECIFICATIONS
0.50.05
Operating temperature range Storage temperature range
Weight: 1mg
-55 to +125C -55 to +125C [Unit of products]
PACKAGING STYLE AND QUANTITIES RECOMMENDED PC BOARD PATTERN
0.4 to 0.6
Packaging style Taping
Quantity 10000 pieces/reel
0.4 to 0.5 0.4 to 0.5 0.4 to 0.5
Dimensions in mm
RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING
10s max. 250 to 260C 230C Natural cooling
HANDLING AND PRECAUTIONS * Before soldering, be sure to preheat components. The preheating temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150C. * After mounting components onto the printed circuit board, do not apply stress through board bending or mishandling. * When hand soldering, apply the soldering iron to the printed circuit board only. Temperature of the iron tip should not exceed 350C. Soldering time should not exceed 3 seconds.
180C 150C Preheating 60 to 120s Time(s) Soldering 30 to 60s
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. * Please contact our Sales office when your application are considered the following: The device's failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
* All specifications are subject to change without notice. 006-01 / 20070703 / e521_mlg1005.fm
(2/6)
ELECTRICAL CHARACTERISTICS
Inductance (nH) 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390
Inductance tolerance 0.1, 0.2nH 0.1, 0.2nH 0.1, 0.2nH 0.1, 0.2nH 0.1, 0.2nH 0.1, 0.2nH 0.1, 0.2nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.2, 0.3nH 0.2, 0.3nH 0.2, 0.3nH 0.2, 0.3nH 3%, 0.3nH 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5% 3, 5%
Q min. -- -- -- -- -- -- -- 7 7 7 7 7 7 7 7 7 7 7 7 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 6 6
Test frequency L, Q (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50
Self-resonant frequency (GHz) min. typ. 10.0 20up 10.0 20up 10.0 20up 10.0 20up 10.0 18.7 10.0 16.4 10.0 17.7 10.0 13.8 10.0 19.3 10.0 11.6 8.00 11.7 8.00 9.6 7.50 9.4 7.50 10.3 7.50 9.3 7.00 8.6 7.00 8.2 6.00 7.3 5.50 6.8 5.00 6.1 5.00 6.7 5.00 6.5 4.50 6.0 4.50 5.4 4.00 5.0 4.00 5.3 4.00 4.7 3.50 4.4 3.00 4.1 3.00 4.0 3.00 3.8 2.50 3.4 2.50 3.0 2.20 2.8 2.00 2.5 1.70 2.2 1.60 2.0 1.40 1.8 1.20 1.6 1.10 1.4 1.00 1.3 0.80 1.1 0.70 1.0 0.70 0.9 0.60 0.8 0.55 0.7 0.50 0.6 0.45 0.5 0.40 0.5 0.35 0.4 0.30 0.4
DC resistance () max. 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.12 0.15 0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.20 0.20 0.25 0.25 0.25 0.25 0.25 0.25 0.30 0.30 0.35 0.40 0.55 0.60 0.70 0.80 0.90 1.00 1.20 1.30 1.50 1.60 2.00 2.20 3.50 3.80 4.20 4.80 7.00 8.00 typ. 0.01 0.01 0.01 0.01 0.02 0.02 0.04 0.04 0.03 0.04 0.04 0.06 0.05 0.06 0.07 0.08 0.08 0.08 0.09 0.09 0.09 0.11 0.11 0.12 0.13 0.14 0.16 0.15 0.15 0.19 0.20 0.22 0.25 0.35 0.40 0.46 0.53 0.59 0.65 0.75 0.83 0.87 1.01 1.37 1.48 2.44 2.88 3.02 3.54 5.21 5.97
Rated current (mA)max. 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 900 900 900 800 800 800 800 700 700 700 700 600 600 600 600 500 500 500 500 400 400 350 350 300 300 250 250 200 200 200 200 150 150 150 100 100 50 50
Part No. MLG1005S0N3 MLG1005S0N4 MLG1005S0N5 MLG1005S0N6 MLG1005S0N7 MLG1005S0N8 MLG1005S0N9 MLG1005S1N0 MLG1005S1N1 MLG1005S1N2 MLG1005S1N3 MLG1005S1N5 MLG1005S1N6 MLG1005S1N8 MLG1005S2N0 MLG1005S2N2 MLG1005S2N4 MLG1005S2N7 MLG1005S3N0 MLG1005S3N3 MLG1005S3N6 MLG1005S3N9 MLG1005S4N3 MLG1005S4N7 MLG1005S5N1 MLG1005S5N6 MLG1005S6N2 MLG1005S6N8 MLG1005S7N5 MLG1005S8N2 MLG1005S9N1 MLG1005S10N MLG1005S12N MLG1005S15N MLG1005S18N MLG1005S22N MLG1005S27N MLG1005S33N MLG1005S39N MLG1005S47N MLG1005S56N MLG1005S68N MLG1005S82N MLG1005SR10 MLG1005SR12 MLG1005SR15 MLG1005SR18 MLG1005SR22 MLG1005SR27 MLG1005SR33 MLG1005SR39
T
T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T
: Please specify inductance tolerance, B (0.1nH), C (0.2nH), S (0.3nH), H (3%) or J (5%). * Test equipment Inductance Q : HP4291A+16193A, or equivalent SRF: HP8720C, or equivalent Rdc: YOKOGAWA TYPE7561, or equivalent * Rated current : Value obtained when current flows and temperature has risen to under 20C.
* All specifications are subject to change without notice. 006-01 / 20070703 / e521_mlg1005.fm
(3/6)
L, Q vs. FREQUENCY CHARACTERISTICS
Part No. MLG1005S0N3 MLG1005S0N4 MLG1005S0N5 MLG1005S0N6 MLG1005S0N7 MLG1005S0N8 MLG1005S0N9 MLG1005S1N0 MLG1005S1N1 MLG1005S1N2 MLG1005S1N3 MLG1005S1N5 MLG1005S1N6 MLG1005S1N8 MLG1005S2N0 MLG1005S2N2 MLG1005S2N4 MLG1005S2N7 MLG1005S3N0 MLG1005S3N3 MLG1005S3N6 MLG1005S3N9 MLG1005S4N3 MLG1005S4N7 MLG1005S5N1 MLG1005S5N6 MLG1005S6N2 MLG1005S6N8 MLG1005S7N5 MLG1005S8N2 MLG1005S9N1 MLG1005S10N MLG1005S12N MLG1005S15N MLG1005S18N MLG1005S22N MLG1005S27N MLG1005S33N MLG1005S39N MLG1005S47N MLG1005S56N MLG1005S68N MLG1005S82N MLG1005SR10 MLG1005SR12 MLG1005SR15 MLG1005SR18 MLG1005SR22 MLG1005SR27 MLG1005SR33 MLG1005SR39
T
T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T T
Inductance(nH)typ. 500MHz 800MHz 0.3 0.3 0.4 0.4 0.5 0.5 0.6 0.6 0.7 0.7 0.8 0.8 0.9 0.8 0.9 0.9 1.0 1.0 1.1 1.1 1.2 1.2 1.4 1.4 1.5 1.5 1.7 1.7 1.9 1.9 2.1 2.1 2.3 2.3 2.6 2.6 2.9 2.9 3.2 3.2 3.4 3.4 3.7 3.7 4.1 4.1 4.5 4.5 4.9 4.9 5.4 5.4 6.0 6.0 6.5 6.6 7.2 7.4 7.9 8.0 8.8 9.0 9.7 9.9 11.7 12.1 14.7 15.3 17.7 18.6 21.8 23.3 27.0 29.6 33.5 37.8 40.3 46.9 50.2 63.2 60.9 80.2 75.8 107.5 96.9 164.8 128.9 325.8 175.2 284.7 422.4 874.6
1.8GHz 0.3 0.4 0.5 0.6 0.7 0.8 0.8 0.9 1.0 1.1 1.2 1.4 1.5 1.7 1.9 2.1 2.3 2.6 3.0 3.3 3.6 3.9 4.3 4.8 5.4 5.8 6.8 7.4 8.6 9.3 10.8 12.4 16.2 22.0 29.0 44.5 92.4 314.7
2.0GHz 0.3 0.4 0.5 0.6 0.7 0.8 0.8 0.9 1.0 1.1 1.2 1.5 1.6 1.7 1.9 2.1 2.3 2.7 3.0 3.4 3.6 3.9 4.4 4.9 5.6 5.9 7.1 7.8 9.2 9.9 11.6 13.5 18.3 26.0 36.1 65.1 317.8
2.4GHz 0.3 0.4 0.5 0.6 0.7 0.8 0.8 0.9 1.0 1.1 1.2 1.5 1.6 1.7 1.9 2.2 2.4 2.7 3.1 3.5 3.8 4.1 4.6 5.2 6.1 6.3 7.8 8.6 10.5 11.3 13.7 16.7 25.5 41.7 74.4 341.5
Q typ. 500MHz 39 41 26 22 22 26 21 22 23 23 22 23 23 20 21 22 21 22 24 24 21 22 24 23 23 22 24 23 24 23 24 24 23 23 23 22 20 20 20 19 19 17 16 14 12 11 8 5 1
800MHz 48 48 32 27 28 34 27 29 29 29 27 29 29 26 25 27 26 27 29 30 26 28 30 30 29 28 29 28 30 28 30 30 29 28 28 27 23 23 21 20 18 15 11 6 1
1.8GHz 99 98 58 46 45 57 44 48 47 48 44 47 46 41 41 44 42 43 47 46 40 43 47 45 42 42 42 40 41 38 40 37 33 29 26 21 10 3
2.0GHz 117 109 63 49 49 60 47 50 50 50 47 50 49 43 43 47 44 45 49 48 42 45 49 47 43 43 43 41 41 38 39 36 31 26 22 14 3
2.4GHz 127 117 69 53 54 66 53 56 57 56 53 56 54 49 48 52 49 50 54 53 46 50 53 50 44 45 43 41 39 36 36 31 23 17 11 2
: Please specify inductance tolerance, B (0.1nH), C (0.2nH), S (0.3nH), H (3%) or J (5%).
* All specifications are subject to change without notice. 006-01 / 20070703 / e521_mlg1005.fm
(4/6)
TYPICAL ELECTRICAL CHARACTERISTICS INDUCTANCE vs. FREQUENCY CHARACTERISTICS
1000 270nH 100 100nH 33nH 10 10nH 3.3nH 1 1.0nH
Q vs. FREQUENCY CHARACTERISTICS
50 1.0nH 40 10nH 30 Q 3.3nH
Inductance (nH)
20 100nH 33nH 10 270nH
0 10
100 Frequency(MHz)
1000
10000
0 10
100 1000 Frequency(MHz)
10000
* All specifications are subject to change without notice. 006-01 / 20070703 / e521_mlg1005.fm
(5/6)
MLG Series MLG1005M Type (For Wireless LAN & Bluetooh)
FEATURES * Nominal inductance values are supported from 0.6 to 5.6nH. * Provides high Q characteristics. * Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for high-frequency. * The products contain no lead and also support lead-free soldering. * It is a product conforming to RoHS directive. APPLICATIONS The most suitable in high frequency circuit of 2.4GHz and 5GHz wireless LAN & Bluetooh. SHAPES AND DIMENSIONS
1.00.05
PRODUCT IDENTIFICATION MLG 1005 M 2N2 B T (1) (2) (3) (4) (5) (6) (1) Series name (2) Dimensions
1005 1.0x 0.5mm(Lx W)
(3) Material code (4) Inductance value
2N2 5N6 2.2nH 5.6nH
(5) Inductance tolerance
B 0.1nH
0.50.05
(6) Packaging style
T Taping (reel)
0.250.1
SPECIFICATIONS
Operating temperature range Storage temperature range -55 to +125C -55 to +125C [Unit of products]
0.50.05
PACKAGING STYLE AND QUANTITIES
Weight: 1mg
Packaging style Taping
Quantity 15000 pieces/reel
RECOMMENDED PC BOARD PATTERN HANDLING AND PRECAUTIONS * Before soldering, be sure to preheat components. The preheating temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150C. * After mounting components onto the printed circuit board, do not apply stress through board bending or mishandling. * When hand soldering, apply the soldering iron to the printed circuit board only. Temperature of the iron tip should not exceed 300C. Soldering time should not exceed 3 seconds.
0.4 to 0.6 0.4 to 0.5 0.4 to 0.5 0.4 to 0.5
Dimensions in mm
RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING
10s max. 250 to 260C 230C Natural cooling
180C 150C Preheating 60 to 120s Time(s) Soldering 30 to 60s
* All specifications are subject to change without notice. 006-01 / 20070703 / e521_mlg1005.fm
(6/6)
PACKAGING STYLES REEL DIMENSIONS
1.0
2.00.5 o130.5 o210.8 o1782.0
9.00.3 13.01.4
o602.0 Dimensions in mm
TAPE DIMENSIONS
1.5 +0.1 -0.0 1.750.1 300min. Dimensions in mm 1.150.1 3.50.05 8.00.3 0.8max. 0.650.1 4.00.1 2.00.05 2.00.05 160min. Taping 200min. Drawing direction
Sprocket hole
Cavity
* All specifications are subject to change without notice. 006-01 / 20070703 / e521_mlg1005.fm


▲Up To Search▲   

 
Price & Availability of MLG1005SR39BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X