|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ML7800 - FBE* SERIES 3-TERMINAL POSITIVE VOLTAGE REGULATOR The ML7800 series are 3-Terminal Positive Voltage Regulators. These regulators employ internal current-limiting, thermal-shutdown and safe-area compensation, making them essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current (Please refer to the "thermal design" portion of application note). They are intended as fixed voltage regulations in a wide range of applications including local (on-card) regulation for elimination of distributution problems associated with single point regulation. In addition to use as fixed voltage regulators, these devices can be used with external components to obtain adjustable output voltages and currents. * Parts of FBE are satisfied with requirements of directive 2002/95/EC on RoHS. Package Outline TO-220 1. OUT 2. GND 3. IN TO-220F 32 1 ABSOLUTE MAXIMUM RATINGS (Ta=25) PARAMETER Input Voltage SYMBOL VIN Maximum Rating ML7805 to ML7809 ML7812 to ML7820 ML7824 35 35 40 -40 to +125 Operating Junction Temperature Operating Ambient Temperature Tj Topr 15(Tc70 ) -30 to +150 -30 to +75 UNIT V Storage Temperature Range Operating Temperature Range Power Dissipation Tstg W PD THERMAL RESISTANCE Thermal Resistance Junction-to-Ambient Temperature Junction-to-Case ja jc 60 5 /W ELECTRICAL CHARACTERISTICS PARAMETER ML7805A / ML7805FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Output Noise Voltage Average Temperature Cofficient of Output Voltage Vo IQ Vo Io RR VNO VIN=10V VIN=10V VIN=10V VIN=10V VIN=10V (Tj=25,C1=0.33F,Co=0.1F) TEST CONDITIONS Measurement is to be conducted in pulse testing. SYMBOL MIN. TYP. MAX. UNIT Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A Io=0.5A 4.8 f=120Hz Io=0.5A 62 - 5.0 4.2 15 3 78 40 -1.1 5.2 8.0 100 100 - V mA mV mV dB V mV/ Vo Vin VIN=7 to 25V ein=2Vp-p BW=10Hz to 100KHz Io=0.5A Vo / T VIN=10V MICRO ELECTRONICS LTD. 7/F, Enterprise Square Three, 39 Wang Chiu Road, Kowloon Bay, Kowloon, Hong Kong. Fax: (852) 2341 0321 Tel: (852) 2343 0181-5 Website: www.microelectr.com.hk APR 2005 Page 1 of 11 ELECTRICAL CHARACTERISTICS PARAMETER ML7806A / ML7806FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=11V VIN=11V VIN=11V (Tj=25,C1=0.33F,Co=0.1F) Measurement is to be conducted in pulse testing. SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A Io=0.5A 5.75 f=120Hz Io=0.5A 59 - 6.0 4.3 15 5 75 45 -0.8 6.25 8.0 120 120 - V mA mV mV dB V mV/ Vo Vin VIN=8 to 25V RR VIN=11V ein=2Vp-p VIN=11V Output Noise Voltage VNO Average Temperature Vo / T VIN=11V Cofficient of Output Voltage ML7808A / ML7808FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=14V VIN=14V VIN=14V BW=10Hz to 100KHz Io=5mA Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A 7.7 f=120Hz Io=0.5A 55 - 8.0 4.3 15 6 72 52 -0.8 8.3 8.0 160 160 - V mA mV mV dB V mV/ Vo Vin VIN=10.5 to 25V RR VIN=14V Io=0.5A ein=2Vp-p VIN=14V Output Noise Voltage VNO Average Temperature Vo / T VIN=14V Cofficient of Output Voltage ML7809A / ML7809FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=15V VIN=15V VIN=15V BW=10Hz to 100KHz Io=5mA Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A 8.65 f=120Hz Io=0.5A 55 - 9.0 4.3 15 7 70 60 -1 9.35 8.0 180 180 - V mA mV mV dB V mV/ Vo Vin VIN=11.5 to 25V RR VIN=15V Io=0.5A ein=2Vp-p VIN=15V Output Noise Voltage VNO Average Temperature Vo / T VIN=15V Cofficient of Output Voltage ML7812A / ML7812FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=19V VIN=19V VIN=19V BW=10Hz to 100KHz Io=5mA Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A 11.5 f=120Hz Io=0.5A 55 - 12.0 4.3 25 10 71 75 -1 12.5 8.0 240 240 - V mA mV mV dB V mV/ Vo Vin VIN=14.5 to 30V RR VIN=19V Io=0.5A ein=2Vp-p VIN=19V Output Noise Voltage VNO Average Temperature Vo / T VIN=19V Cofficient of Output Voltage BW=10Hz to 100KHz Io=5mA Page 2 of 11 ELECTRICAL CHARACTERISTICS PARAMETER ML7815A / ML7815FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=23V VIN=23V VIN=23V (Tj=25,C1=0.33F,Co=0.1F) Measurement is to be conducted in pulse testing. SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A 14.4 f=120Hz Io=0.5A 54 - 15.0 4.3 35 12 70 90 -1 15.6 8.0 300 300 - V mA mV mV dB V mV/ Vo Vin VIN=17.5 to 30V RR VIN=23V Io=0.5A ein=2Vp-p VIN=23V Output Noise Voltage VNO Average Temperature Vo / T VIN=23V Cofficient of Output Voltage ML7818A / ML7818FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=27V VIN=27V VIN=27V BW=10Hz to 100KHz Io=5mA Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A Io=0.5A 17.3 f=120Hz Io=0.5A 53 - 18.0 4.5 55 15 69 110 -1 18.7 8.0 360 360 - V mA mV mV dB V mV/ Vo Vin VIN=21 to 33V RR VIN=27V ein=2Vp-p VIN=27V Output Noise Voltage VNO Average Temperature Vo / T VIN=27V Cofficient of Output Voltage ML7820A / ML7820FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=29V VIN=29V VIN=29V BW=10Hz to 100KHz Io=5mA Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A Io=0.5A 19.2 f=120Hz Io=0.5A 51 - 20.0 4.5 61 16 66 150 -2.0 20.8 8.0 400 400 - V mA mV mV dB V mV/ Vo Vin VIN=23 to 35V RR VIN=29V ein=2Vp-p VIN=29V Output Noise Voltage VNO Average Temperature Vo / T VIN=29V Cofficient of Output Voltage ML7824A / ML7824FA Output Voltage Quiescent Current Load Regulation Line Regulation Ripple Rejection Vo IQ Vo Io VIN=33V VIN=33V VIN=33V BW=10Hz to 100KHz Io=5mA Io=0.5A Io=0mA Io=0.005A to 1.5A Io=0.5A Io=0.5A 23.0 f=120Hz Io=0.5A 50 - 24.0 4.6 65 18 66 170 -2.4 25.0 8.0 480 480 - V mA mV mV dB V mV/ Vo Vin VIN=28 to 38V RR VIN=33V ein=2Vp-p VIN=33V Output Noise Voltage VNO Average Temperature Vo / T VIN=33V Cofficient of Output Voltage BW=10Hz to 100KHz Io=5mA Page 3 of 11 Power Dissipation vs. Ambient Temperature Equivalent Circuit Test Circuit 1. Output Voltage, Line Regulation, Load Regulation, Quiescent Current, Average Temperature Coefficient of Output Voltage, Output Noise Voltage. 2. Ripple Rejection ein = 2 Vp-p ML7805 IIN 1 IN OUT GND 2 IQ 3 f = 120Hz Io ML7805 1 IN OUT GND Load 3 VIN 0.33uF 0.1uF Vo, VN VIN 0.33uF 2 0.1uF Load Vo, eo Page 4 of 11 Typical Characteristics ML7805 / 15 / 24 ML7805 / 15 / 24 Page 5 of 11 Typical Characteristics /24 Quiescent Page 6 of 11 Typical Characteristics Page 7 of 11 1. Application Circuit In the following explain only the positive regulator unless otherwise specified. However they can apply to the negative voltage regulator by easy change. Positive/Negative Voltage Supply 78 series +Vin IN GND 0.33uF D1 0.1uF OUT +Vo Note : In the above positive and negative power supply application, D1 and D2 should be connected. If D1 and D2 are not connected, either of positive or negative power supply circuit may not turns on. COM 0.33uF COM -Vin IN 79 series OUT D2 0.1uF -Vo 2. Note in Application Circuit (1) If the higher voltage (above the rated value) or lower voltage (GND-0.5V) is supplied to the input terminals, the IC may be destroyed. To avoid such a case, a zener diode or other parts of the surge supressor should be connected as shown below. L R Vin 1 IN OUT 3 Vo Vin 1 IN OUT 3 Vo GND GND + Ze ner Diode Capacitor + Diode Capacitor (2) If the higher voltage than the input terminal is supplied to the output terminal, the IC may be destroyed. To avoid input terminal short to the GND or the stored voltage in the capacitor back to the output terminal, by the large value capacitor connecting to the output terminal application, the SBD should be required as shown below; DIODE 2 2 Vin 1 IN OUT 3 Vo * In case of negative voltage regulator, reverse the SBD and capacitor direction. GND 2 + Capacitor Page 8 of 11 3. Thermal Design (1) Heat Producting There are two kinds of heat producting (PLOSS-1, PLOSS-2) in three terminal regulator and the sum of them is total heat producting of IC (PLOSS). (1-1) PLOSS-1 : heat producting by own operation Input voltage (Vin) and quiescent current (IQ) produce the heat mentioned below equation. PLOSS-1 = Vin X IQ Input Vin IN GND OUT Iout Output Vout IQ (1-2) PLOSS-2 : heat producing by output current and the input-output differential voltage. Internal power transistor produces the hest mentioned following equation. PLOSS-2 = (Vin-Vout) x Iout (W) Therefore, the total heat producing PLOSS is : PLOSS = PLOSS-1 + PLOSS-2 = Vin X IQ + (Vin-Vout) X Iout (2) (2-1) Thermal Resistance Definition of Thermal Resistance : Thermal resistance ( ) is a degree of heat radiation mentioned following equation. = (T1 - T2)/P ( /W) Heat Producing Quantity Ambient Temperature or case temperature Heat Source Temperature P(W) (W) : P (W) :T2 ( ) :T1 ( ) T1 Rp T1 > T2 T2 (2-2) Thermal resistance of TO-220 There are two kinds of thermal resistance of TO-220. One is "jc" for the application with the heat sink, the other is "ja" for the application without the heat sink. thermal resistance between IC chip (junction point) and the package back side jc : contacting with the heat sink. ja : thermal resistance between IC chip (junction point) and ambience. Page 9 of 11 (3) Heat Radiation Balance The heat produced in the IC is radiated to ambience through the package and the heat sink. The quantity of the heat radiation depends on the heat source temperature, ambient temperature and the thermal resistance of the package. (3-1) TO-220 with heat sink Heat radiation balance model of the TO-220 with heat sink is shown as below. PLOSS JC CH HS Tj Heat Source (junction) Temperature JS Ambient Temperature Ta Where jc : js : CH : thermal resistance between IC chip (junction point) and the package backside connecting to the heatsink. thermal resistance between IC chip (junction point) and the package surface. thermal resistance between package backside and the heat sink including the condidtion of insulator, silicon grease and tighten torque. thermal resistance of the heat sink Package Face Side Resin Chip Package Back Side HS : JS JC CH HS IC Heat Sink If the js is large enough compare with other thermal resistance, the js can be neglected and the heat radiation model can be mentioned as below. PLOSS JC CH HS Tj Ta The relation between temperature and heat radiation quantity is shown below. Tj=PLOSS X (jc+CH +HS) + Ta ( ) Page 10 of 11 (4) Thermal Design The heat radiation balance model of the TO-220 with the heat sink is shown as follows. Heat radiation balance Tj = PLOSS X (jc +CH + HS) + Ta PLOSS = Vin X IQ + (Vin-Vout) X Iout Substituting "Eq.(4-2) into "Eq.(4-1)" obtains Tj = [Vin X IQ +(Vin-Vout) X Iout] X (jc +CH +HS)+Ta In Eq.(4-3) Vin, Iout, CH, HS, Ta depand on using condition. Tj, IQ,Vout,jc depend on IC depend on IC specification. WhenCH, IQ and Tj are assumed the following values, Eq.(4-3) becomes Eq.(4-4). CH=0.3 to 0.4 (/W) Insert the mica paper (0.1t) and thermal conduction silicon grease between the IC and heat sink and tighten them with the bolt by 4Kg*cm-min. IQ = 5 to 6mA (max.) Tj = 125 (max.) Tj(max) = 125 = [5 X Vin + (Vin-Vout) X Iout] X (5+0.3+ HS) +Ta When fix the Vout, Tj depends on the Vin, Iout, HS and Ta. It means; Lower Vin and / or Iout are required to linit the temperature rise. Smaller HS is required for the effective heat reduce (i.e. using the large heat sink). In the thermal design, when fix the Vin, Iout and Ta, selectthe heat sink which HS is smaller that the result of Eq.(4-4). For more detail, please refer the heat resistance value mentioned in the specification of the heat sink supplier. () (4-4) () (4-3) ( ) (W) (4-1) (4-2) Page 11 of 11 |
Price & Availability of ML7820FA |