Part Number Hot Search : 
7493P CHF5KP15 D013T 3040P XR76203 MC14507 KUS2503 CSC2313F
Product Description
Full Text Search
 

To Download ML7050LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEDL7050LA-02
1 Semiconductor ML7050LA
Bluetooth RF Transceiver IC
This version: June 2001 Previous version: Sep. 2000
GENERAL DESCRIPTION
The Oki ML7050LA is a highly integrated BluetoothTM radio transceiver designed to operate in the global 2.4 GHz Industrial, Scientific, and Medical (ISM) band. The ML7050LA architecture incorporates vital intermediate frequency (IF) and radio frequency (RF) circuits on a low cost, integration-friendly bulk CMOS process. Bluetooth technology directly supports short range, wireless voice and data communications with 1 Mbps throughput performance in the public ISM band across many applications, employing rapid frequency hopping (1.6K hops/s) spread spectrum (FHSS) approach. The ML7050LA highly integrated CMOS Bluetooth RF transceiver LSI will establish a 2.4 to 2.5 GHz communication link compliant with Bluetooth Specification Version 1.1 and is packaged in the Oki 48-pin ball grid array (BGA) package requires only 7 mm x 7 mm of the systems critical board space. Oki's Bluetooth LSI family includes baseband LSI (ML70511LA), System Development Kit (BT-SDK), firmware and software (BTS Pack1/2/3). Together, the RF LSI (ML7050LA) and baseband (ML70511LA) devices form a complete hardware solution optimized for low system cost, small form factor, and reduced power consumption Bluetooth applications.
FEATURES
* Circuit design based on the Bluetooth Specification Version 1.1. * CMOS process technology lowers system cost and simplifies future baseband integration * Fully integrated CMOS RF LSI: TX/RX switch, power amplifier, LNA, image rejection mixer, VCO, PLL, gmC IF filter, modulator, and demodulator. * Low IF circuitry eliminates off-chip SAW filter reducing bill-of-material (BOM) * Class 2 power operation compliant covering a wide range of applications * Seamless interface with Oki's ML70511LA Bluetooth baseband controller LSI * Power supply voltage: 2.7 to 3.3 V * Package: 48-pin BGA (7 mm x 7 mm x 1.41mm)
BLUETOOTH is a trademark owned by Bluetooth SIG, Inc. and licensed to Oki Electric Industry. The information contained herein can change without notice owing to the product being under development.
1/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
BLOCK DIAGRAM
Tune_C LNA IRM IF BPF LIM_C1 Limiting AMP LIM_C2 LPF_C RXD
DEMOD
Gm-C Tuning RF_Ant SW PLL Loop Filter Vdd_PA Vdd_VCO Vdd_PLL Vdd_IF Vdd_IRM_LO Vdd_IRM GND
(SW Control)
TX_POW RX_POW PLL_POW PLL_CLK PLL_DATA PLL_LE PLL_OFF
PA
SW
AMP
VCO
Gaussian Filter
TXD
Vdd_LNA
PLL_LF2
PLL_LF1 MCLK
GND_D
Vdd_D
ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Input voltage Allowable power dissipation Storage temperature Input RF Power Symbol VDD VI PD TSTG In-Band Out-of-Band Conditions Ta = 25C Rating -0.3 to 4.5 -0.3 to VDD +0.3 0.5 -55 to +150 TBD TBD Unit V V W C dBm dBm
RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Full specification range Operating temperature range Symbol VDD Ta Ta Conditions Min. 2.7 0 -20 Typ. 3.0 Max. 3.3 55 +85 C Unit V
2/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
ELECTRICAL CHARACTERISTICS
(VDD = 3.0V, Ta = 0 to +55C) Symbol Vih Vil Voh Vol Clock MCLK Master clock frequency Ta=25C TX and RX disabled VDD applied and power control pins disabled 55 34 22 10 mA mA mA uA 12.13, 16 Current Consumption IDDO Receive Mode Transmit Mode PLL Mode IDDS Receiver FRF RIN ZIN Transmitter fRF PO -- fstab1 fstab2 fstab3 RF Frequency RF Output power Carrier frequency tolerance Frequency drift(1 slot packet) Frequency drift(3 slot packet) Frequency drift(5 slot packet) Maximum frequency drift rate -- -- -- Power stability Modulation index 500 kHz In-band spurious level Offset = 2 MHz Offset > 3 MHz over temp 0.28
fRF = 2.4 to 2.5 GHz,
Description Digital input high Digital input low Digital output high Digital output low
Conditions
Min. 2.4 -0.3
Typ.
Max. VDD+0.3 0.4 3.6 0.8 -
Unit V V V V MHz
Digital Inputs
Digital Outputs Ioh=-2mA Iol=2mA 2.2 0
Standby Mode
RF Frequency Reception sensitivity Maximum Received Signal Spurious level Input VSWR RF Input impedance SW in 30 MHz to 1 GHz 1 GHz to 12.75 GHz Includes ANT BPF loss,
Note 1
2.4 -75 -20
2.5
GHz dBm dBm
-57 -47 2:1 50 2.4 0 -75 -25 -40 -40 2 2.5 4 75 25 40 40 400 TBD 0.35 -20 -20 -40 -
dBm dBm GHz dBm KHz KHz KHz KHz Hz/s dBm dBm dBm dBm
initial accuracy (static)
3/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
30 MHz to 1 GHz -- Out-of-band spurious level 1 GHz to 12.75 GHz 1.8 GHz to 1.9 GHz 5.15 GHz to 5.3 GHz -- ZOUT PLL -- -- Phase noise PLL lock-up time @550 kHz @2 MHz -103 -120 Output VSWR RF Output impedance SW out 2:1 50
-36 -30 -47 -47 -
dBm dBm dBm dBm dBc/Hz dBc/Hz
150
s
4/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PIN LAYOUT (TOP VIEW)
A1 ball corner 1 Gnd A RF_Ant B Gnd C Vdd_PA D Vdd_ VCO E Test5 F PLL_ LF1 G PLL_ LF2 H Vdd_ PLL PLL_ DATA PLL_LE RXD Vdd_D Vdd_IF Test10 Gnd PLL_ CLK MCLK GND Test9 Gnd_D PLL_ OFF Gnd Gnd LPF_C Test8 Vdd_IF Test6 Test7 Gnd Tune_C Gnd Lim_C1 Lim_C2 Gnd RX_POW Gnd Gnd TX_POW Test1 Test2 2 Vdd_ LNA 3 Vdd_ IRM 4 Vdd_ IRM_LO 5 Test3 6 Test4 7 PLL_ POW 8 TXD
TOP VIEW
5/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PIN DESCRIPTION
Pins for RF Function No. Pin Name B1 D8 C7 C8 F8 G1 H1 RF_Ant Tune_C Lim_C1 Lim_C2 LPF_C PLL_LF1 PLL_LF2 I/O I/O I I I -- Description RF connection to external BPF (antenna filter) Gm-C tuning components - Connect capacitors and resister between D8 and GND Limiting amplifier capacitors - Connect capacitors between pins and GND Low pass filter (LPF) capacitor - Connect capacitor between F8 and GND External components for loop filter tuning: PLL_LF1 - Connect to VCO PLL_LF2 - Connect to PLL Master clock (12MHz, 13MHz or 16MHz) - CMOS level
Pins for TEST Interface, etc. G4 B7 B8 A5 A6 F1 E8 D2 E2 G6 H8 H6 G7 D1 E1 A2 H2 A3 A4 E7, H7 A1/B2 B4/B5 C1/C2 D7/F2 F7/G2 G5 MCLK Test1 Test2 Test3 Test4 Test5 Test6 Test7 Test8 Test9 Test10 Vdd_D GND_D Vdd_PA Vdd_VCO Vdd_LNA Vdd_PLL Vdd_IRM Vdd_IRM_LO Vdd_IF -- Power supply (VDD) - Analog; 3.0V+/-0.3V (from regulated voltage source) I I/O I/O I I O O O O I/O -- -- No connect - Open No connect - Open Test pins - Connect to GND No connect - Open No connect - Open Power supply (VDD)- Digital; 3.0V+/-0.3V (from regulated voltage source) Common Ground - Digital Test pins - Connect to GND
Pins for Power Supply and Ground
GND
--
Common ground (GND) - Analog
6/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
Pins for the Interface Between the RF LSI and the Baseband LSI No. Pin Name I/O A8 H5 H3 G3 H4 TXD RXD PLL_DATA PLL_CLK PLL_LE I O I I I
Description
Transmit (TX) data - CMOS level Receive (RX) data - CMOS level PLL setup data: 6 Mbps <= PLL DATA <= 10 Mbps PLL clock setup: 6 MHz <= PLL CLK <= 10 MHz PLL load enable setup: Data latched : `High' 100 nsec <= PLL LE PLL Open-loop/Closed-loop mode control: Closed loop mode (receive): `High' Open loop mode (transmit) : `Low' PLL power supply control switch: PLL Power ON : `Low' PLL Power OFF :' High' Transmitter (TX) power supply control switch: TX ON (transmit) : `Low ` TX OFF(receive) : `High' Receiver (RX) power supply control switch: RX ON (receive) : `Low' RX OFF (transmit) : `High'
G8
PLL_OFF
I
A7
PLL_POW
I
B6
TX_POW
I
B3
RX_POW
I
Modes of Operation By setting or transitioning control pins, the device will enter into various modes of operation including receive, transmit, and standby. Mode PLL_POW TX_POW RX_POW Receive 0 1 0 0 0 1 Transmit 0 1 1 PLL 1 1 1 Standby
7/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PIN CONNECTION DIAGRAM
Tune_C 10 nF 3 k 1 nF 33 nF 33 nF Limiting AMP 33 nF LPF_C 0.1 F DEMOD RXD
Lim_C1
Lim_C2
LNA
IRM
IF BPF
Gm-C Tuning BPF RF_Ant GND 0.1 F for each Vdd_PA Vdd_VCO Vdd_PLL Vdd_LNA Vdd_IRM_LO Vdd_IRM GND SW (for Ant) PLL Loop Filter Gaussian Filter (SW Control) TX_POW RX_POW PLL_POW PLL_CLK PLL_DATA PLL_LE PLL_OFF TXD
PA
SW (for Local)
AMP
VCO
0.1 F 100 pF 33k 470pF Vdd_IF PLL_LF2
66k 47pF NM
MCLK
0.1F 100 pF Vdd_D GND_D
~ 13MHz
PLL_LF1
12MHz,
or 16MHz
The externally connected components shown are tentative (April 2001). * The circuit is subject to change according to the specific board design. Please contact Oki Electric Industry Co., Ltd. for detailed information. The ML7050LA provides a low bill-of-material (BOM) Bluetooth solution by minimizing external components. The design incorporates numerous internal tuning circuits using Gm-C and other leading-edge technologies to reliably control phase lock loop (PLL), VCO, amplifiers, modulator, and demodulator circuits. The TX-POW, RX_POW, PLL_POW, PLL-CLK, PLL_DATA, PLL_LE, PLL_OFF, RXD, and TXD connect directly to the complementary Bluetooth baseband (ML70511LA) device.
8/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
DESCRIPTION OF INTERNAL BLOCKS
* Transmit filter (Gaussian filter): The input data is converted into a frequency modulation signal by a filter with Gaussian characteristics and is sent to the VCO. * Frequency control section (VCO, PLL, Loop Filter, AMP and SW): Generates a frequency in the 2.4 GHz to 2.5 GHz band (ISM band). During transmission, the VCO oscillator frequency is modulated by the modulation signal output by the Gaussian filter. The PLL frequency is controlled by the signals PLL_DATA, PLL_CLK, and PLL_LE. The switch SW (for Local) distributes the oscillator output to the transmitter circuit and the receiver circuit depending on the control signal (TX_POW/RX_POW). * Power amplifier (PA): This is the power amplifier for the transmitter. * Transmit/Receive selection switch (SW for Ant) Depending on the control signal (TX_POW/RX_POW), this switch feeds the output of the power amplifier to the antenna during transmission. During reception, the received signal of the antenna is fed to the LNA. * Reception amplifier (LNA): This amplifies the weak RF received signal from the antenna. * Image Rejection Mixer (IRM): Converts the output signal from the LNA (2.4 to 2.5 GHz) into an intermediate frequency and also eliminates the image frequency component. * IF Band pass filter (IF BPF): Removes the signal of the nearby bands. * Limiting amplifier: Amplifies the signal converted into the intermediate frequency up to a specific amplitude. * Demodulator (DEMOD): The received signal is demodulated using the delay detector circuit. * Filter tuning (Gm-C Tuning): The reference clock is compared with the oscillator frequency inside the tuning circuit, and the frequency characteristics of the Gm-C filter is adjusted automatically.
9/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PLL METHODOLOGY
Reference crystal oscillator
To Mixer
Programmable Divider
Phase Frequency Detector
Charge pump And Loop Filter
LC Tank VCO
Buffer
Switch
To PA
Programmable Counter
Prescaler
Data Clock LE
Swallow Counter
10/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PLL Computation Method
Fvco MxN+A Fosc R (0 <= A<=31) (M x N + A denotes (M - A) x 32 + A x 33) R: Reference counter set value N: Programmable counter set value A: Swallow counter set value
PLL Reference Counter
Freq (MHz) 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 R (Dec) 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 R4 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 R3 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 R(Bin) R2 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 R1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 R0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
Programmable Counter and Swallow Counter
F.step M 1 MHz 32 div
(RX PLL Frequency) = (TX PLL Frequency) - 2MHz * In receive mode, PLL generates local frequency for IRM. Intermediate frequency is 2MHz.
Freq. (MHz) 2397 2398 2399 2400 2401 N (Dec) 74 74 74 75 75 A (Dec) 29 30 31 0 1 N6 1 1 1 1 1 N5 0 0 0 0 0 N4 0 0 0 0 0 N(Bin) N3 1 1 1 1 1 N2 0 0 0 0 0 N1 1 1 1 1 1 N0 0 0 0 1 1 A4 1 1 1 0 0 A3 1 1 1 0 0 A(Bin) A2 1 1 1 0 0 A1 0 1 1 0 0 A0 1 0 1 0 1
11/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
2402 : : : 2496 2497 2498 2499 2500
75 : : : 78 78 78 78 78 : : :
2
1 : : :
0 : : : 0 0 0 0 0
0 : : : 0 0 0 0 0
1 : : : 1 1 1 1 1
0 : : : 1 1 1 1 1
1 : : : 1 1 1 1 1
1 : : : 0 0 0 0 0
0 : : : 0 0 0 0 0
0 : : : 0 0 0 0 0
0 : : : 0 0 0 0 1
1 : : : 0 0 1 1 0
0 : : : 0 1 0 1 0
0 1 2 3 4
1 1 1 1 1
12/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PLL Set-up Time Chart
1 1 2 3 2 4 5 3 6 7 4 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
CLK DATA CTL MSB LE R4 R3 R2 R1 R0 CTL N6 N5 N4 N3 N2 N1 N0 A4 A3 A2 A1 A0 LSB
Reference counter setting duration
Programmable counter and swallow counter setting duration
R4 to R0: Binary 5-bit reference counter (5-20) N6 to N0: Programmable counter (7 bits) See "PLL Setting method". A4 to A0: Swallow counter (0-31) (5 bits) See "PLL Setting method". CTL: When CTL is "H", the input data is handed over to the reference counter register. When CTL is "L", the input data is handed over to the programmable and swallow counter register.
Note: Start data input from the MSB.
13/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
SYSTEM OVERVIEW
VDD Antenna VDD
2.4 to 2.5 GHz
~ ~ ~
Band-pass Filter
ML7050LA
Control Signal
ML70511LA
Host System
TXD
USB or UART
USB or UART
RXD GND OSC GND
Together, RF (ML7050LA) and baseband (ML70511LA) devices form a complete hardware solution optimized for low system cost, small form factor, and reduced power consumption wireless applications. The ML70511LA baseband IC controls the ML7050LA frequency selection, tuning characteristics, and control functions through writing to internal registers. ML7050LA can then read-back the register information to ML70511LA insuring proper modes of operation. The communication between the devices occurs on Oki's proprietary, low pin count serial interface. The connection between a host controller or processor and the baseband device is implemented via USB (version 1.1) or UART. Power Supply The analog power supply (VDD) voltage is connected to pins serving each analog functional blocks (Vdd_PA, Vdd_LNA, Vdd_VCO, Vdd_PLL, Vdd_IF, Vdd_IRM and Vdd_IRM_LO). A separate digital power supply voltage is required by the digital section. Each of the analog power supply voltage should be supplied from regulated voltage source and should be low-frequency de-coupled by external blocking capacitors. Ground In order to minimize electrical noise and other interference, the ground plane should be distributed with low impedance characteristics including underneath the ML7050LA. Connect all GND pins to the ground plane.
14/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
PACKAGE DIMENSIONS (48-PIN BGA)
(Unit: mm)
0.70 REF
0.80 NON ACUMULATIVE 7.0
Index Mark 0.50 TYP 7.0
0.70 REF
0.40 REF
1.41 TYP
15/16
FEDL7050LA-02
1 Oki Semiconductor
ML7050LA
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2001 Oki Electric Industry Co., Ltd.
3.
4.
5.
6.
7.
8.
16/16


▲Up To Search▲   

 
Price & Availability of ML7050LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X