Part Number Hot Search : 
2TRPB BPV20F 08771 SY89424 LBAT54 2SC23 D201ED LC7442
Product Description
Full Text Search
 

To Download ML65F16244CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 1998 PRELIMINARY
ML65F16244* 16-Bit Buffer/Line Driver with 3-State Outputs
GENERAL DESCRIPTION
The ML65F16244 is a BiCMOS, 16-bit buffer/line driver with 3-state outputs. This device was specifically designed for high speed bus applications. Its 16 channels support propagation delay of 2ns maximum, and fast output enable and disable times of 5ns or less to minimize datapath delay. This device is designed to minimize undershoot, overshoot, and ground bounce to decrease noise delays. These transceivers implement a unique digital and analog implementation to eliminate the delays and noise inherent in traditional digital designs. The device offers a new method for quickly charging up a bus load capacitor to minimize bus settling times, or FastBusTM Charge. FastBus Charge is a transition current, (specified as IDYNAMIC) that injects between 60 to 200mA (depending on output load) of current during the rise time and fall time. This current is used to reduce the amount of time it takes to charge up a heavily-capacitive loaded bus, effectively reducing the bus settling times, and improving data/clock margins in tight timing budgets. Micro Linear's solution is intended for applications for critical bus timing designs that include minimizing device propagation delay, bus settling time, and time delays due to noise. Applications include; high speed memory arrays, bus or backplane isolation, bus to bus bridging, and sub-2ns propagation delay schemes. The ML65F16244 follows the pinout and functionality of the industry standard 2.7V to 3.6V-logic families.
FEATURES
s
Low propagation delays -- 2ns maximum for 3.3V, 2.5ns maximum for 2.7V Fast output enable/disable times of 5ns maximum FastBus Charge current to minimize the bus settling time during active capacitive loading 2.7 to 3.6V VCC supply operation; LV-TTL compatible input and output levels with 3-state capability Industry standard pinout compatible to FCT, ALV, LCX, LVT, and other low voltage logic families ESD protection exceeds 2000V Full output swing for increased noise margin Undershoot and overshoot protection to 400mV typically Low ground bounce design
s s
s
s
s s s
s
* This Part Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
VCC OE A0 B0 B1 B2 B3
A1 A2 A3
GND 1 of 4
1
ML65F16244
PIN CONFIGURATION
ML65F16244 48-Pin SSOP (R48) 48-Pin TSSOP (T48)
1OE 1B0 1B1 GND 1B2 1B3 VCC 2B0 2B1 GND 2B2 2B3 3B0 3B1 GND 3B2 3B3 VCC 4B0 4B1 GND 4B2 4B3 4OE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 2OE 1A0 1A1 GND 1A2 1A3 VCC 2A0 2A1 GND 2A2 2A3 3A0 3A1 GND 3A2 3A3 VCC 4A0 4A1 GND 4A2 4A3 3OE
TOP VIEW
FUNCTION TABLE
(Each 4-bit section)
INPUTS OE L L H 1Ai, 2Ai, 3Ai, 4Ai H L X OUTPUTS 1Bi, 2Bi, 3Bi, 4Bi H L Z
L = Logic Low, H = Logic High, X = Don't Care, Z = High Impedance
2
ML65F16244
PIN DESCRIPTION
PIN NAME FUNCTION PIN NAME FUNCTION
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
1OE 1B0 1B1 GND 1B2 1B3 VCC 2B0 2B1 GND 2B2 2B3 3B0 3B1 GND 3B2 3B3 VCC 4B0 4B1 GND 4B2 4B3 4OE
Output Enable Data Output Data Output Signal Ground Data Output Data Output 2.7V to 3.6V Supply Data Output Data Output Signal Ground Data Output Data Output Data Output Data Output Signal Ground Data Output Data Output 2.7V to 3.6V Supply Data Output Data Output Signal Ground Data Output Data Output Output Enable
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
3OE 4A3 4A2 GND 4A1 4A0 VCC 3A3 3A2 GND 3A1 3A0 2A3 2A2 GND 2A1 2A0 VCC 1A3 1A2 GND 1A1 1A0 2OE
Output Enable Data Input Data Input Signal Ground Data Input Data Input 2.7V to 3.6V Supply Data Input Data Input Signal Ground Data Input Data Input Data Input Data Input Signal Ground Data Input Data Input 2.7V to 3.6V Supply Data Input Data Input Signal Ground Data Input Data Input Output Enable
3
ML65F16244
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. VCC ............................................................................. 7V DC Input Voltage .............................. -0.3V to VCC + 0.3V AC Input Voltage (PW < 20ns) ................................. -3.0V DC Output Voltage ................................... -0.3V to 7VDC Output Current, Source or Sink ............................. 180mA Storage Temperature Range ..................... -65C to 150C Junction Temperature .............................................. 150C Lead Temperature (Soldering, 10sec) ...................... 150C Thermal Impedance (qJA) ..................................... 76C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0C to 70C VIN Operating Range ...................................2.7V to 3.6V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = 3.3V, TA = Operating Temperature Range (Note 1).
SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS AC ELECTRICAL CHARACTERISTICS (CLOAD = 50pF) tPHL, tPLH Propagation Delay Ai to Bi 3.3V 2.7V tOE Output Enable Time OE to Ai/Bi 3.3V 2.7V DIR to Ai/Bi 3.3V 2.7V tOD Output Disable Time OE to Ai/Bi 3.3V 2.7V DIR to Ai/Bi 3.3V 2.7V TOS CIN Output-to-Output Skew Input Capacitance 1.35 1.25 1.7 1.9 2 2.5 5 6 5 6 5 6 5 6 300 5 ns ns ns ns ns ns ns ns ns ns ps pF
DC ELECTRICAL CHARACTERISTICS (CLOAD = 50pF, RLOAD = Open) VIH VIL IIH IIL IHI-Z V IC Input High Voltage Input Low Voltage Input High Current Input Low Current Three-State Output Current Input Clamp Voltage Logic high Logic low Per pin, VIN = 3V Per pin, VIN = 0V VCC = 3.6V, 0 < VIN < VCC VCC = 3.6V, IIN = 18mA Low to high transitions High to low transitions VCC = 3.6V VCC = 2.7V VOL I CC Output LowVoltage Quiescent Power Supply Current VCC = 2.7V and 3.6V VCC = 3.6V, f = 0Hz, Inputs = VCC or 0V 2.4 2.25 -0.7 80 80 3.4 2.35 0.6 3 2.0 0.8 300 300 5 -0.2 V V mA mA mA V mA mA V V V A
I DYNAMIC Dynamic Transition Current (FastBus Charge) VOH Output High Voltage
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
4
ML65F16244
100
0 -20
80
-40 -60
IOL (mA)
IOH (mA) 0 0.4 0.8 1.2 1.6 2
60
-80 -100 -120 -140
40
20
-160 -180
0
-200 1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VOL (V)
VOH (V)
Figure 1a. Typical VOL vs. IOL for 3.3V VCC. One Buffer Output
3.0
Figure 1b. Typical VOH vs. IOH for 3.3V VCC. One Buffer Output
3.0
2.5 VCC = 2.7V 2.0
tPHL (ns)
2.5 VCC = 2.7V 2.0 VCC = 3.3V
tPLH (ns)
1.5
1.5
VCC = 3.3V
1.0
1.0
0.5
0.5
0
0
25
50
75
0
0
25
50
75
LOAD CAPACITANCE (pF)
LOAD CAPACITANCE (pF)
Figure 2a. Propagation Delay vs. Load Capacitance: 3.3V, 50MHZ
60
Figure 2b. Propagation Delay vs. Load Capacitance: 2.7V, 50MHZ
60
50
50 75pF
40
ICC (mA)
75pF
ICC (mA)
40
30 50pF 20 30pF
30 50pF 20 30pF
10
10
0
0
20
40
60
80
100
0
0
20
40
60
80
100
FREQUENCY (MHz)
FREQUENCY (MHz)
Figure 3a. ICC vs. Frequency: VCC = VIN = 3.3V. One Buffer Output
Figure 3b. ICC vs. Frequency: VCC = VIN = 2.7V. One Buffer Output
5
ML65F16244
FUNCTIONAL DESCRIPTION
1OE 1A0 1B0 1B1 1B2 1B3
1A1 1A2 1A3
2OE 2A0 2B0 2B1 2B2 2B3
2A1 2A2 2A3
3OE 3A0 3B0 3B1 3B2 3B3
3A1 3A2 3A3
4OE 4A0 4B0 4B1 4B2 4B3
4A1 4A2 4A3
Figure 4. Logic Diagram
1A0
1A1
1A2
1A3
2A0
2A1
2A2
2A3
3A0
3A1
3A2
3A3
4A0
4A1
4A2
4A3
2OE
3OE
1OE
4OE
1B0
1B1
1B2
1B3
2B0
2B1
2B2
2B3
3B0
3B1
3B2
3B3
4B0
4B1
4B2
4B3
Figure 5. Logic Symbol
6
ML65F16244
ARCHITECTURAL DESCRIPTION
The ML65F16244 is a 16-bit buffer/line driver with 3-state outputs designed for 2.7V to 3.6V VCC operation. This device is designed for Quad-Nibble, Dual-Byte or single 16-bit word memory interleaving operations. Each bank has an independently controlled 3-state output enable pin with output enable/disable access times of less than 5ns. Each bank is configured to have four independent buffer/ line drivers. Until now, these buffer/line drivers were typically implemented in CMOS logic and made to be TTL compatible by sizing the input devices appropriately. In order to buffer large capacitances with CMOS logic, it is necessary to cascade an even number of inverters, each successive inverter larger than the preceding, eventually leading to an inverter that will drive the required load capacitance at the required frequency. Each inverter stage represents an additional delay in the gating process because in order for a single gate to switch, the input must slew more than half of the supply voltage. The best of these 16-bit CMOS buffers has managed to drive 50pF load capacitance with a delay of 3ns. Micro Linear has produced a 16-bit buffer/line driver with a delay less than 2ns (at 3.3V) by using a unique circuit architecture that does not require cascade logic gates. The basic architecture of the ML65F16244 is shown in Figure 6. In this circuit, there are two paths to the output. One path sources current to the load capacitance where the signal is asserted, and the other path sinks current from the output when the signal is negated. The assertion path is the Darlington pair consisting of transistors Q1 and Q2. The effect of transistor Q1 is to increase the current gain through the stage from input to output, to increase the input resistance and to reduce input capacitance. During an input low-to-high transition, the output transistor Q2 sources large amount of current to quickly charge up a highly capacitive load which in effect reduces the bus settling time. This current is specified as IDYNAMIC. The negation path is also the Darlington pair consisting of transistor Q3 and transistor Q4. With M1 connecting to the input of the Darlington pair, Transistor Q4 then sinks a large amount of current during the input transition from high-to-low. Inverter X2 is a helpful buffer that not only drives the output toward the upper rail but also pulls the output to the lower rail. There are a number of MOSFETs not shown in Figure 6. These MOSFETs are used to 3-state the buffers.
VCC OE Q1 Q2 X1 IN X2 OUT
M1 Q3 Q4
Figure 6. One Buffer Cell of the ML65F16244
7
ML65F16244
CIRCUITS AND WAVE FORMS
VCC = 3V
ML65F16244 DUT VIN 50pF IOUT VOUT
1.5V INPUT tPLH 1.5V OUTPUT tPHL 0V 0V 3V
tRISE AND tFALL INPUT = 2ns
Figure 7. Test Circuits for All Outputs
Figure 8. Propagation Delay
ENABLE CONTROL INPUT tOE OUTPUT LOW tOE OUTPUT HIGH
DISABLE VCC = 3V 1.5V tOD 3V
OUTPUT1 1.5V INPUT 1.5V
VOL + 0.3V VOL VOH VOH - 0.3V 0V tOD
tOS OUTPUTi i = 1 to 16 1.5V
Figure 9. Enable and Disable Times
Figure 10. Output Skew
8
ML65F16244
PHYSICAL DIMENSIONS
inches (millimeters)
Package: R48 48-Pin SSOP
0.620 - 0.630 (15.75 - 16.00) 48
PIN 1 ID
0.291 - 0.301 0.402 - 0.410 (7.39 - 7.65) (10.21 - 10.41)
1 0.015 - 0.025 (0.38 - 0.64) (4 PLACES) 0.025 BSC (0.63 BSC) 0.094 - 0.110 (2.39 - 2.79) 0 - 8
0.088 - 0.092 (2.24 - 2.34)
0.006 - 0.014 (0.15 - 0.36)
SEATING PLANE
0.008 - 0.016 (0.20 - 0.41)
0.024 - 0.040 (0.61 - 1.02)
0.005 - 0.010 (0.13 - 0.26)
Package: T48 48-Pin TSSOP
0.487 - 0.497 (12.37 - 12.63)
0.236 - 0.244 (6.00 - 6.20)
0.319 BSC (8.1 BSC)
PIN 1 ID
0.020 BSC (0.50 BSC)
0.047 MAX (1.20 MAX) 0 - 8
0.031 - 0.039 (0.80 - 1.00)
0.007 - 0.011 (0.17 - 0.27)
SEATING PLANE
0.002 - 0.006 (0.05 - 0.15)
0.020 - 0.028 (0.50 - 0.70)
0.004 - 0.008 (0.10 - 0.20)
9
ML65F16244
ORDERING INFORMATION
PART NUMBER ML65F16244CR (EOL) ML65F16244CT (EOL) TEMPERATURE RANGE 0C to 70C 0C to 70C PACKAGE 48-Pin SSOP (R48) 48-Pin TSSOP (T48)
(c) Micro Linear 2000. property of their respective owners.
is a registered trademark of Micro Linear Corporation. All other trademarks are the
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,811,999; 5,818,207; 5,818,669; 5,825,165; 5,825,223; 5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other patents are pending. Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. The circuits contained in this document are offered as possible applications only. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. Micro Linear assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Micro Linear products including liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any intellectual property right. Micro Linear products are not designed for use in medical, life saving, or life sustaining applications.
2092 Concourse Drive San Jose, CA 95131 Tel: (408) 433-5200 Fax: (408) 432-0295 www.microlinear.com
10
DS65F16244-01


▲Up To Search▲   

 
Price & Availability of ML65F16244CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X