Part Number Hot Search : 
250MHZ 2SA812M7 GS711 HV5622 107M0 56M01 ERNET 250MHZ
Product Description
Full Text Search
 

To Download ML120G18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI LASER DIODES
ML1XX18 SERIES
FOR OPTICAL INFORMATION SYSTEMS
TYPE NAME
ML101J18, ML120G18
FEATURES
a laser high-power, which high-efficient a AlGaInP single *High Output Power: 100mW (Pulse) * High Efficiency: 1.0W/A (typ.) * Visible Light: 658nm (typ.) * Low Astigmatic Distance: 1m (typ.) provides stable, is
DESCRIPTION
ML1XX18 semiconductor
transverse mode oscillation with emission wavelength of 658nm and standard pulse light output of 100mW. ML1XX18 has a real-index-waveguide which improves the slope efficiency (reduction of the operating current) and the astigmatic distance. Also, ML1XX18 has a window-mirror-facet which improves the maximum output power. That leads to highly reliable and high-power operation.
APPLICATION
Portable High-Density Optical Disc Drives Re-Writable DVD Drives
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol Po VRL Tc Tstg Parameter Light output power Pulse(Note 2) Reverse voltage Case temperature Storage temperature 100 2 -10 ~ +70 -40 ~ +100 V C C Conditions CW Ratings 60 mW Unit
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time. This does not mean the guarantee of its lifetime. As for the reliability, please refer to the reliability report issued by Quality Assurance Section, HF & Optical Semiconductor Division, Mitsubishi Electric Corporation. Note2: TARGET SPEC /Condition Duty Cycle: less than 50%, pulse width: less than 100ns
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25C)
Symbol Ith Iop Vop Parameter Threshold current Operating current Operating voltage Slope efficiency Peak wavelength Beam divergence angle (parallel) Beam divergence angle (perpendicular) Test conditions CW CW, Po=50mW CW, Po=50mW CW, Po=50mW CW, Po=50mW CW, Po=50mW CW, Po=50mW Min. 654 7 17 Typ. 45 95 2.5 1.0 658 9 19 Max 3.0 662 12 22 Unit mA mA V mW/mA nm
p //
As of Jun. `02
MITSUBISHI ELECTRIC
(1/3)
MITSUBISHI LASER DIODES
ML1XX18 SERIES
FOR OPTICAL INFORMATION SYSTEMS
OUTLINE DRAWINGS
90 2
ML101J18 ML120G18
0.4 +0.1 -0
Dimentions in mm 2.0 (P. C. D. )
(1)
x 0.4+0.1 -0
(3) CASE LD
(Glass)
1.0 0.1 5.6+0 -0.03 4.4 3.55 1.6
(2)
ML101J18
0.25
0.03
(1)
Reference plane
2.3
0.3
1.2
0.1
1.27
(3) CASE
0.08
LD
3-0.45
7.0 1
(2)
(1) (3) (2)
ML120G18
There is no model with a monitor photo diode in ML1XX18 series.
As of Jun. `02
MITSUBISHI ELECTRIC
(2/3)
MITSUBISHI LASER DIODES
ML1XX18 SERIES
FOR OPTICAL INFORMATION SYSTEMS
TENTATIVE CHARACTERISTICS (Reference Data)
Tc=25 40 50 60 70 C
Light Output Power, Po (mW)
100
80
60
Pulse
(tp: 100ns, Duty: 50%)
40
20
0
0
50
100
150
200
250
300
Current (mA) Light Output Power vs. Current (Pulse)
1
Relative Intensity (a.u.)
Po=50mW Tc=25C, CW
0.8
0.6
//
0.4
0.2
0 -60 -40 -20 0 20 40 60
Angle ( ) Far Field Patterns
As of Jun. `02
MITSUBISHI ELECTRIC
(3/3)


▲Up To Search▲   

 
Price & Availability of ML120G18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X