Part Number Hot Search : 
80C186 18F66 C78N05 3216S SD103B LT6200 K3702 VSKT152
Product Description
Full Text Search
 

To Download MKT1804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 1804
Vishay Roederstein
SMD Metallized Polyester Film Capacitor Related Document: IEC 60384-19
MAIN APPLICATIONS:
Blocking, bypassing, filtering and timing, high frequency coupling and decoupling. Interference suppression in low voltage applications
0.5
Dimensions in millimeters
H W
L
SIZE CODES:
2220, 2824, 4036, 5045, 6560
0.5
MARKING:
Type/ C-value/ rated voltage/ tolerance/ date of manufacture (chip length 7.3mm)
MARKING
DIELECTRIC:
Polyester film
Components may be vertically mounted for decreased footprint. See page 8 (tape packaging information).
ELECTRODES:
Vacuum deposited aluminum
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
30VAC, 40VAC, 63VAC, 160VAC, 200VAC
COATING:
Flame retardant plastic case material (UL-class 94 V-0), color white, epoxy resin sealed
TEST VOLTAGE:
1.6 x UR for 60 s
CONSTRUCTION:
Metallized polyester film
INSULATION RESISTANCE:
Measured at + 20C acc. to IEC 60384-19 for C 0.33F and UR > 100VDC 30 000 M minimum value for C 0.33F and UR 100VDC 10 000 M minimum value
CONTACTS:
Tinned terminals
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
TIME CONSTANT:
Measured at + 20C acc. to IEC 60384-19 for > 0.33F and UR > 100VDC 10 000 s minimum value for C > 0.33F and UR 100VDC 3000 s minimum value
OPERATING TEMPERATURE RANGE:
- 55C to + 100C
CAPACITANCE RANGE:
1000pF to 10F
CAPACITANCE TOLERANCES:
10% (K), -5% (J)
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC:
1.25% per C starting at + 85C
MAXIMUM PULSE RISE TIME: RATED VOLTAGES (UR):
50VDC, 63VDC, 100VDC, 250VDC, 400VDC Values refer to table. If the max. pulse voltage is less than the rated voltage, the specified dv/dt can be multiplied by UR/U.
DISSIPATION FACTOR TAN :
MEASURED AT 1kHz 10kHz 100kHz C 0.1F 0.1F < C 1.0F 8 x 10-3 8 x 10-3 12 x 10-3 12 x 10-3 25 x 10-3 30 x 10-3 Maximum values at + 23C
For technical questions, contact dc-film@vishay.com
C > 1.0F 8 x 10-3 15 x 10-3
Document Number: 26059 Revision 25-Sep-01
www.vishay.com 1
MKT 1804
Vishay Roederstein
CAPACI TANCE CAPACITANCE CODE
SMD Metallized Polyester Related Document: IEC 60384-19
50VDC/30 VAC VOLTAGE CODE 05 CHIP LENGTH 7.3mm SIZE CODE B 50VDC/30VAC VOLTAGE CODE 05 CHIP LENGTH 10.2, 12.7 AND 16.5mm SIZE CODE C, D AND E
50VDC/30VAC VOLTAGE CODE 05 CHIP LENGTH 5.7mm SIZE CODE A
Dim (mm) 0.2 Qty max du/dt Dim (mm) 0.2 Qty max du/dt Dim (mm) 0.2 Qty max du/dt W H L Reel V/s W H L Reel V/s W H L Reel V/s 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F 0.68F 1.0F 1.5F 2.2F 3.3F 4.7F 6.8F 10.0F -210 -215 -222 -233 -247 -268 -310 -315 -322 -333 -347 -368 -410 -415 -422 -433 -447 -468 -510 -515 -522 -533 -547 -568 -610 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 - - - - - - - - - - 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 4.0 - - - - - - - - - - 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 40 40 40 40 40 40 40 30 30 30 30 20 20 20 20 - - - - - - - - - - 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 - - - - - - 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.5 3.5 4.5 4.5 - - - - - - 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 2500 2300 2300 1700 50 50 50 50 50 40 40 40 30 30 30 30 30 25 25 25 25 12 12 - - - - - - - - - - - - - - 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 11.5 11.5 15.0 - - - - - - - - 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 7.0 - - - - - - - - 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 12.7 12.7 16.5 - - - - - - - - 800 800 800 800 800 800 800 800 800 800 800 800 800 600 600 500 - - - - - - - - 40 40 40 40 30 30 20 20 20 12 12 12 12 8 8 5 5
5.7 3100 5.7 2400 5.7 2100 - - - - - - - - - - - - - - - - - - - -
7.3 1700 - - - - - - - - - - - -
15.0 7.0 16.5 500
Further C-values upon request
ORDERING CODES
EQUIVALENT SIZE CODES 2220 2824 4036 5045 6560
Dimensions in mm Ordering code examples Packaging for horizontal mounting: Packaging for vertical mounting: www.vishay.com 2
HORIZONTAL MOUNTING ORDERING BOX SIZE SIZE CODES W L A B C D E 5.0 6.0 9.1 11.5 15.0 5.7 7.3 10.2 12.7 16.5
VERTICAL MOUNTING (OPTIONAL) ORDERING BOX SIZE SIZE CODE W L - - CV DV EV - - 5.5 6.5 7.0 - - 10.2 12.7 16.5
MKT 1804-410-055-C MKT 1804-410-055-CV For technical questions, contact dc-film@vishay.com Document Number: 26059 Revision 25-Sep-01
MKT 1804
SMD Metallized Polyester Related Document: IEC 60384-19
CAPACI TANCE CAPACITANCE CODE Dim W 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F 0.68F 1.0F 1.5F 2.2F 3.3F 4.7F -210 -215 -222 -233 -247 -268 -310 -315 -322 -333 -347 -368 -410 -415 -422 -433 -447 -468 -510 -515 -522 -533 -547 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 - - - - - 63VDC/40VAC VOLTAGE CODE 06 CHIP LENGTH 7.3mm SIZE CODE B (mm) H 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.5 3.5 - - - - -
Vishay Roederstein
63VDC/40VAC VOLTAGE CODE 06 CHIP LENGTH 10.2, 12.7 AND 16.5mm SIZE CODE C, D AND E max du/dt V/s 50 50 50 50 50 40 40 40 30 30 30 30 30 25 25 25 25 - - - - - Dim W - - - - - - - - 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 11.5 11.5 15.0 (mm) H - - - - - - - - 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 7.0
0.2
L 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 - - - - -
Qty Reel 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 2500 2300 2300 - - - - -
0.2
L - - - - - - - - 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 12.7 12.7 16.5
Qty Reel - - - - - - - - 800 800 800 800 800 800 800 800 800 800 800 800 600 600 500
max du/dt V/s - - - - - - - - 40 40 40 40 30 30 20 20 20 12 12 12 8 8 5
Further C-values upon request
ORDERING CODES
EQUIVALENT SIZE CODES 2220 2824 4036 5045 6560
Dimensions in mm Ordering code examples Packaging for horizontal mounting: Packaging for vertical mounting: Document Number: 26059 Revision 25-Sep-01
HORIZONTAL MOUNTING ORDERING BOX SIZE SIZE CODES W L A B C D E 5.0 6.0 9.1 11.5 15.0 5.7 7.3 10.2 12.7 16.5
VERTICAL MOUNTING (OPTIONAL) ORDERING BOX SIZE SIZE CODE W L - - CV DV EV - - 5.5 6.5 7.0 - - 10.2 12.7 16.5
MKT 1804-510-065-C MKT 1804-510-065-CV For technical questions, contact dc-film@vishay.com www.vishay.com 3
MKT 1804
Vishay Roederstein
CAPACI TANCE CAPACITANCE CODE
SMD Metallized Polyester Related Document: IEC 60384-19
100VDC/63VAC VOLTAGE CODE 01 CHIP LENGTH 7.3mm SIZE CODE B 100VDC/63VAC VOLTAGE CODE 01 CHIP LENGTH 10.2, 12.7 AND 16.5mm SIZE CODE C, D AND E
100VDC/63VAC VOLTAGE CODE 01 CHIP LENGTH 5.7mm SIZE CODE A
Dim (mm) 0.2 Qty max du/dt Dim (mm) 0.2 Qty max du/dt Dim (mm) 0.2 Qty max du/dt W H L Reel V/s W H L Reel V/s W H L Reel V/s 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F 0.68F 1.0F 1.5F 2.2F 3.3F -210 -215 -222 -233 -247 -268 -310 -315 -322 -333 -347 -368 -410 -415 -422 -433 -447 -468 -510 -515 -522 -533 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 - - - - - - - - - 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 4.0 - - - - - - - - - 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 - - - - - - - - - 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 2400 2100 - - - - - - - - - 40 40 40 40 40 40 40 30 30 30 30 30 30 - - - - - - - - - 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 - - - - - - - 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 3100 50 50 50 50 50 40 40 40 30 30 30 30 30 30 30 - - - - - - - - - - - - - - - 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 9.1 11.5 11.5 15.0 15.0 15.0 - - - - - - - - 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 7.0 7.0 7.0 - - - - - - - - 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 12.7 12.7 16.5 16.5 16.5 - - - - - - - - 800 800 800 800 800 800 800 800 800 600 600 500 500 500 - - - - - - - 40 40 40 40 30 30 20 20 20 12 12 8 8 8
2.5 7.3 3100 3.5 7.3 2300 4.5 7.3 1700 - - - - - - - - - - - - - - - - - - - - -
Further C-values upon request
ORDERING CODES
EQUIVALENT SIZE CODES 2220 2824 4036 5045 6560
Dimensions in mm Ordering code examples Packaging for horizontal mounting: Packaging for vertical mounting: www.vishay.com 4
HORIZONTAL MOUNTING ORDERING BOX SIZE SIZE CODES W L A B C D E 5.0 6.0 9.1 11.5 15.0 5.7 7.3 10.2 12.7 16.5
VERTICAL MOUNTING (OPTIONAL) ORDERING BOX SIZE SIZE CODE W L - - CV DV EV - - 5.5 6.5 7.0 - - 10.2 12.7 16.5
MKT 1804-533-015-E MKT 1804-533-015-EV For technical questions, contact dc-film@vishay.com Document Number: 26059 Revision 25-Sep-01
MKT 1804
SMD Metallized Polyester Related Document: IEC 60384-19
CAPACI TANCE CAPACITANCE CODE 250VDC/160VAC VOLTAGE CODE 25 CHIP LENGTH 5.7mm SIZE CODE A 250VDC/160VAC VOLTAGE CODE 25 CHIP LENGTH 7.3mm SIZE CODE B
Vishay Roederstein
250VDC/160VAC VOLTAGE CODE 25 CHIP LENGTH 10.2, 12.7 AND 16.5mm SIZE CODE C, D AND E
Dim (mm) 0.2 Qty max du/dt Dim (mm) 0.2 Qty max du/dt Dim (mm) 0.2 Qty max du/dt W H L Reel V/s W H L Reel V/s W H L Reel V/s 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F 0.68F 1.0F -210 -215 -222 -233 -247 -268 -310 -315 -322 -333 -347 -368 -410 -415 -422 -433 -447 -468 -510 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 - - - - - - - - - - 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 4.0 - - - - - - - - - - 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 - - - - - - - - - - 3100 3100 3100 3100 3100 3100 3100 2400 2100 - - - - - - - - - - 40 40 40 40 40 40 40 40 40 - - - - - - - - - - 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 - - - - - - - - 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.5 4.5 - - - - - - - - 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 - - - - - - - - 3100 3100 3100 3100 3100 3100 3100 3100 2500 2300 1700 - - - - - - - - 50 50 50 50 50 40 40 40 40 40 40 - - - - - - - - - - - - - - - - 9.1 9.1 9.1 9.1 9.1 9.1 11.5 11.5 11.5 15.0 15.0 - - - - - - - - 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 6.5 7.0 - - - - - - - - 10.2 10.2 10.2 10.2 10.2 10.2 12.7 12.7 12.7 16.5 - - - - - - - - 800 800 800 800 800 800 600 600 600 500 500 - - - - - - - - 40 40 40 40 30 30 20 20 20 12 12
7.0 16.5
Further C-values upon request
ORDERING CODES
EQUIVALENT SIZE CODES 2220 2824 4036 5045 6560
Dimensions in mm Ordering code examples Packaging for horizontal mounting: Packaging for vertical mounting: Document Number: 26059 Revision 25-Sep-01
HORIZONTAL MOUNTING ORDERING BOX SIZE SIZE CODES W L A B C D E 5.0 6.0 9.1 11.5 15.0 5.7 7.3 10.2 12.7 16.5
VERTICAL MOUNTING (OPTIONAL) ORDERING BOX SIZE SIZE CODE W L - - CV DV EV - - 5.5 6.5 7.0 - - 10.2 12.7 16.5
MKT 1804-410-255-C MKT 1804-410-255-CV For technical questions, contact dc-film@vishay.com www.vishay.com 5
MKT 1804
Vishay Roederstein
CAPACI TANCE CAPACITANCE CODE Dim W 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F -210 -215 -222 -233 -247 -268 -310 -315 -322 -333 -347 -368 -410 -415 -422 -433 -447 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 - - - - - - - - -
SMD Metallized Polyester Related Document: IEC 60384-19
400VDC/200VAC VOLTAGE CODE 40 CHIP LENGTH 7.3mm SIZE CODE B (mm) H 2.5 2.5 2.5 2.5 2.5 3.0 3.5 4.5 - - - - - - - - - 400VDC/200VAC VOLTAGE CODE 40 CHIP LENGTH 10.2, 12.7 AND 16.5mm SIZE CODE C, D AND E max du/dt V/s 50 50 50 50 50 50 50 50 - - - - - - - - - Dim W - - - - - - - - 9.1 9.1 9.1 9.1 11.5 11.5 15.0 15.0 15.0 (mm) H - - - - - - - - 5.5 5.5 5.5 5.5 6.5 6.5 7.0 7.0 7.0
0.2
L 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 - - - - - - - - -
Qty Reel 3100 3100 3100 3100 3100 2500 2300 1700 - - - - - - - - -
0.2
L - - - - - - - - 10.2 10.2 10.2 10.2 12.7 12.7 16.5 16.5 16.5
Qty Reel - - - - - - - - 800 800 800 800 600 600 500 500 500
max du/dt V/s - - - - - - - - 40 40 40 40 30 30 20 20 20
Further C-values upon request
ORDERING CODES
HORIZONTAL MOUNTING EQUIVALENT SIZE CODES 2220 2824 4036 5045 6560
Dimensions in mm
VERTICAL MOUNTING (OPTIONAL) ORDERING L 5.7 7.3 10.2 12.7 16.5 SIZE CODE - - CV DV EV W - - 5.5 6.5 7.0 BOX SIZE L - - 10.2 12.7 16.5
ORDERING SIZE CODES A B C D E W 5.0 6.0 9.1 11.5 15.0
BOX SIZE
Ordering code examples Packaging for horizontal mounting: Packaging for vertical mounting: www.vishay.com 6
MKT 1804-410-405-D MKT 1804-410-405-DV For technical questions, contact dc-film@vishay.com Document Number: 26059 Revision 25-Sep-01
MKT 1804
SMD Metallized Polyester Related Document: IEC 60384-19
SOLDERING OF SMD CAPACITORS
Recommended soldering pad sizes:
Vishay Roederstein
X
Y
Z
ORDERING SIZE CODE A B C D E
HORIZONTAL MOUNTING BOX SIZE LANDING PADS W L X Y Z 5.0 6.0 9.1 11.5 15.0 5.7 7.3 10.2 12.7 16.5 1.7-5.0 2.0-6.0 3.0-9.1 4.0-11.5 5.0-15.0 1.5 1.5 2.0 2.5 3.0 4.5 6.0 9.0 11.5 15.0
VERTICAL MOUNTING (OPTIONAL) ORDERING BOX SIZE LANDING PADS SIZE CODE W L X Y Z - - CV DV EV - - 5.5 6.5 7.0 - - 10.2 12.7 16.5 - - 1.9-5.5 2.2-6.5 2.4-7.0 - - 2.0 2.5 3.0 - - 9.0 11.5 15.0
Soldering Conditions:
TEMPERATURE (C) 250 200 150 100 50 0 0 50 100 150 200 250 t(s) 250 200 MAX 150C MAX 145C 150 100 50 0 0 30 60 90 120 150 180 210 240 270 300t(s) MAX 60s OVER 180C TEMPERATURE (C) MAX 220C
RECOMMENDED WAVE SOLDERING PROFILE, TOTAL TIME IN SOLDER WAVE <5S
RECOMMENDED REFLOW SOLDERING PROFILE
MARKING OF SMD CAPACITORS
Chip Length 7.3mm Chip Length 5.7mm TOLERANCE CAPACITANCE 103 JZM RATED VOLTAGE TYPE 103 J ZMKD TESTING MONTH MANUFACTURING YEAR
The nominal capacitance value is given with 3 digits. Example: 103 = 10 x 103pF = 10000pF = 10nF = 0.01F The capacitance tolerance is expressed with letter codes: 10% (K), 5% (J) The rated voltage is expressed with letter codes: 50VDC (Z), 63VDC(C), 100VDC(D), 250VDC(H), 400VDC(K) The capacitors type codes are as follows: MKT 1804(M) The manufacturing year and the testing month are expressed according to IEC 60062.
TYPICAL PARAMETERS
10 5 0 -5 -50
C/C%
15 10 5
tan x 10-3
-25
0
25
50
75
100
125C
0 -55
-50
-25
0
25
50
75
100C
CAPACITANCE VERUS TEMPERATURE AT 1kHz Document Number: 26059 Revision 25-Sep-01
DISSIPATION FACTOR VERSUS TEMPERATURE 1kHz www.vishay.com 7
For technical questions, contact dc-film@vishay.com
MKT 1804
Vishay Roederstein
SMD Metallized Polyester Related Document: IEC 60384-19
TAPE PACKAGING OF SMD CAPACITORS
Standard taping:
2.0 0.05
1.75 0.1
4.0 0.2
+ 0.1
O1.5 - 0
K0
W2
13 0.5
A W1
P1
A0
DIRECTION OF UNREELING
EIA SIZE CODE SIZE OF CAPACITOR L W H 2220 2220 2220 2824 2824 2824 2824 4036 5045 6560 5.7 5.7 5.7 7.3 7.3 7.3 7.3 10.2 12.7 16.5 5.0 5.0 5.0 6.0 6.0 6.0 6.0 9.1 11.5 15.0 2.5 3.0 4.0 2.5 3.0 3.5 4.5 5.5 6.5 7.0
W + 0.3 P1 0.1 A0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 16.0 24.0 24.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 16.0 16.0 20.0 5.5 5.5 5.5 6.5 6.5 6.5 6.5 9.5 11.9 15.4
TAPING DIMENSIONS B0 K0 A 2.0 W1 + 2 6.0 6.0 6.0 7.5 7.5 7.5 7.5 10.5 13.1 16.8 2.8 3.3 4.3 2.8 3.3 3.8 4.8 5.8 6.8 7.3 330 330 330 330 330 330 330 330 330 330 12.4 12.4 12.4 12.4 12.4 12.4 12.4 16.4 24.4 21.4
W2 MAX QTY/PCS 22.0 22.0 22.0 22.0 22.0 22.0 22.0 22.0 30.0 30.0 3100 2400 2100 3100 2500 2300 1700 800 600 500
Vertical taping (optional):
B A0
B0
K0
A
A P1 B SECTION A-A
SECTION B-B
EIA SIZE CODE 4022 5026 6528
www.vishay.com 8
SIZE OF CAPACITOR L W H 10.2 12.7 16.5 9.1 11.5 15.0 5.5 6.5 7.0
W + 0.3 P1 0.1 A0 24.0 24.0 44.0 16.0 16.0 20.0 6.0 6.9 7.5
TAPING DIMENSIONS B0 K0 A 2.0 W1 + 2 10.5 13.1 17.0 9.3 11.8 15.3 330 330 330 24.5 24.5 44.5
W
W2 MAX QTY/PCS 30.0 30.0 49.5 500 400 250
For technical questions, contact dc-film@vishay.com
Document Number: 26059 Revision 25-Sep-01


▲Up To Search▲   

 
Price & Availability of MKT1804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X