|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sharma Film Capacitors formerly SAHA MKT 100 SERIES Formerly MKT 1.60 series INTRODUCTION: The MKT 100 Series Metallized Polyester Film Capacitors cover a wide range of values and voltages. These capacitors also have good high frequency characteristics. In addition to some specific applications such as Blocking, By-passing and Coupling, this series is widely used in all General Purpose applications. FEATURES: Wide value and Voltage range Flame retardant case and potting Consistent dimensions and surface finish due to molded case construction Self healing capability DIMENSIONS AND TOLERANCES: "d" - 0.8 mm (0.032")) "LL'' - 6.0 1.0mm (0.24 0.04") Tolerance on "s" 0.4mm (0.016") * * * * PULSE RISE TIME (dv/dt) Volts per sec. RATED VOLTAGE 100 160 250 400 630 1000 10.(0.40) 0 6 8 11 20 30 60 LEAD SPACING mm (inches) 15.(0.60) 0 3 5 7 10 15 25 22.(0.89) 5 2 3 4 5.5 8 15 27.(1.08) 5 1 2 3 5 7 10 GENERAL SPECIFICATIONS: Dissipation factor: 0.0150 at 10K Hz for capacitanc e 1.0 F 0.0100 at 1 K Hz for capacitance> 1.0 FInsulation resistance: For nominal voltage > 100 V DC, 30,000 M Ohms for C 0.33 F, 10,000 seconds for C> 0.33 F, For nominal voltag e 100 V DC, 10,000 M Ohms for C 0.10 F, 1,000 seconds for C> 0.10 F at a temperature of 25 5 C. Capacitance tolerance: 5%(J), 10%(K) and 20%(M). Voltage Test: 1.6 times the rated voltage applied between terminals for 2 seconds at a temperature of 25 5 C. Temperature range: -55 to 100 C with derating above 85 C Climatic category: F M D . LIFE TEST DETAILS: Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied at 85 C for 1000 hours. After the test: 1. 2. 3. 4. Capacitance change shall remain within 5%. Dissipation Factor shall be within 1.5 times the original limits. Insulation Resistance shall be above 50% of the initial limits. There shall be no remarkable change in the appearance and the marking shall remain legible. Case Dimensions in Millimeters 100V * 160V* 250V* 400V* 630V* 1000V Voltage Ca Value p i F n 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 100 V DC / 63 V AC Dimension i Millimeters s n L H T S 160 V DC / 90 V AC Dimension i Millimeters s n L H T S 250 V DC / 160 V AC Dimension i Millimeters s n L H T S 400 V DC / 200 V AC Dimension i Millimeters s n L H T S 630 V DC / 220 V AC Dimension i Millimeters s n L H T S 1000 V DC / 250 V AC Dimension i Millimeters s n L H T S 13.0 9.0 4.0 10.0 13.0 9.0 4.0 10.0 13.0 9.0 4.0 10.0 13.0 9.0 4.0 10.0 13.0 11.0 5.0 10.0 13.0 12.0 6.0 10.0 18.0 11.0 5.0 15.0 18.0 11.0 5.0 15.0 18.0 13.5 7.5 15.0 26.5 15.0 6.0 22.5 26.5 15.0 6.0 22.5 26.5 16.0 7.0 22.5 26.5 18.5 10.0 22.5 32.0 20.0 11.0 27.5 32.0 22.0 13.0 27.5 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 32.0 32.0 9.0 11.0 11.0 11.0 12.0 13.5 16.0 17.0 18.5 20.0 22.0 4.0 5.0 5.0 5.0 6.0 7.5 7.0 8.5 10.0 11.0 13.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 32.0 32.0 9.0 11.0 11.0 11.0 12.0 13.5 14.5 17.0 18.5 20.0 22.0 4.0 5.0 5.0 5.0 6.0 7.5 8.5 8.5 10.0 11.0 13.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 27.5 27.5 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 32.0 32.0 32.0 9.0 9.0 9.0 11.0 11.0 11.0 12.0 15.0 16.0 17.0 17.0 20.0 22.0 4.0 4.0 4.0 5.0 5.0 5.0 6.0 6.0 7.0 8.5 9.0 11.0 13.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 32.0 32.0 9.0 9.0 11.0 11.0 11.0 12.0 13.5 15.0 16.0 17.0 17.0 20.0 4.0 4.0 5.0 5.0 5.0 6.0 7.5 6.0 7.0 8.5 9.0 11.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 32.0 32.0 9.0 9.0 9.0 11.0 12.0 11.0 12.0 13.5 15.0 16.0 17.0 20.0 22.0 4.0 4.0 4.0 5.0 6.0 5.0 6.0 7.5 6.0 7.0 8.5 11.0 13.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 Tel:(949)642-SECI SECI Engineers & Buyers' Guide Fax:(949)642-7327 Sharma Film Capacitors formerly SAHA MKT 100 SERIES CASE DIMENSIONS CONTINUED Case Dimensions in Inches 100V * 160V* 250V* 400V* 630V* 1000V Voltage Ca Value p i F n 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.001 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 100 V DC / 63 V AC Dimension i Inches s n L H T S 160 V DC / 90 V AC Dimension i Inches s n L H T S 250 V DC / 160 V AC Dimension i Inches s n L H T S 400 V DC / 200 V AC Dimension i Inches s n L H T S 630 V DC / 220 V AC Dimension i Inches s n L H T S 1000 V DC / 250 V AC Dimension i Inches s n L H T S 0.512 0.354 0.157 0.394 0.512 0.354 0.157 0.394 0.512 0.354 0.157 0.394 0.512 0.354 0.157 0.394 0.512 0.354 0.157 0.394 0.512 0.433 0.197 0.394 0.512 0.354 0.157 0.394 0.512 0.472 0.236 0.394 0.512 0.354 0.157 0.394 0.709 0.433 0.197 0.591 0.512 0.354 0.157 0.394 0.512 0.433 0.197 0.394 0.709 0.433 0.197 0.591 0.512 0.354 0.157 0.394 0.512 0.472 0.236 0.394 0.709 0.531 0.295 0.591 0.512 0.354 0.157 0.394 0.512 0.433 0.197 0.394 0.709 0.433 0.197 0.591 1.043 0.591 0.236 0.886 0.512 0.354 0.157 0.394 0.709 0.433 0.197 0.591 0.709 0.472 0.236 0.591 1.043 0.591 0.236 0.886 0.512 0.354 0.157 0.394 0.709 0.433 0.197 0.591 0.709 0.531 0.295 0.591 1.043 0.630 0.276 0.886 0.512 0.354 0.157 0.394 0.709 0.433 0.197 0.591 0.709 0.472 0.236 0.591 1.043 0.591 0.236 0.886 1.043 0.728 0.394 0.886 0.512 0.354 0.157 0.394 0.512 0.433 0.197 0.394 0.709 0.433 0.197 0.591 0.709 0.531 0.295 0.591 1.043 0.630 0.276 0.886 1.260 0.787 0.433 1.083 0.512 0.433 0.197 0.394 0.512 0.433 0.197 0.394 0.709 0.433 0.197 0.591 1.043 0.591 0.236 0.886 1.043 0.669 0.335 0.886 1.260 0.866 0.512 1.083 0.709 0.433 0.197 0.591 0.709 0.433 0.197 0.591 0.709 0.472 0.236 0.591 1.043 0.630 0.276 0.886 1.260 0.787 0.433 1.083 0.709 0.433 0.197 0.591 0.709 0.472 0.236 0.591 1.043 0.591 0.236 0.886 1.043 0.669 0.335 0.886 1.260 0.866 0.512 1.083 0.709 0.472 0.236 0.591 0.709 0.531 0.295 0.591 1.043 0.630 0.276 0.886 1.260 0.669 0.354 1.083 0.709 1.043 1.043 1.043 1.260 1.260 0.531 0.630 0.669 0.728 0.787 0.866 0.295 0.276 0.335 0.394 0.433 0.512 0.591 0.886 0.886 0.886 1.083 1.083 0.709 1.043 1.043 1.260 1.260 0.571 0.669 0.728 0.787 0.866 0.335 0.335 0.394 0.433 0.512 0.591 0.886 0.886 1.083 1.083 1.043 1.260 1.260 1.260 0.669 0.669 0.787 0.866 0.335 0.354 0.433 0.512 0.886 1.260 0.787 0.433 1.083 1.083 1.083 1.083 Tel:(949)642-SECI SECI Engineers & Buyers' Guide Fax:(949)642-7327 |
Price & Availability of MKT1001 |