Part Number Hot Search : 
IRFI3205 8HC11 HDS1500 SD200 SA185 HYS64T64 2SH30 D214I
Product Description
Full Text Search
 

To Download MKT0751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Film Capacitors
formerly SAHA
MKT 075
SERIES Formerly MKT 1.67 series
INTRODUCTION: The MKT 075 Series Metallized Polyester Film Capacitors are specially designed for use in thickly populated Printed Circuit Boards where miniaturization is important. These capacitors are widely used in all General Purpose applications. FEATURES: Wide value and Voltage range Flame retardant case and potting Consistent dimensions and surface finish due to molded case construction Self healing capability
DIMENSIONS AND TOLERANCES: "d" - 0.6 mm (0.024") for dimension "T" = 4mm (0.160") "d" - 0.8 mm (0.032") for dimension "T" > 4mm (0.160") "LL'' - 6.0 1.0mm (0.24 0.04") Tolerance on "s" 0.4mm (0.016")
* * * *
GENERAL SPECIFICATIONS: Dissipation factor: 0.015 at 10 K Hz for capacitance< 1.0 F Insulation resistance: For nominal voltag e 100 V DC, 10,000 M Ohm for C 0.1F, 1,000 seconds for C> 0.1 F, For nominal voltage > 100 V DC 30,000 M , Ohm for C 0.33F, 10,000 seconds for C> 0.33 F. Capacitance tolerance: 5%(J), 10%(K)and 10%(M) Voltage Test : 1.6 times the rated voltage applied between terminals for 2 seconds. at temperature of 25 5 C Temperature range: -55 to 100 C with derating above 85 C Climatic category: F M D LIFE TEST DETAILS: Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied at 85 C for 1000 hours. After the test: 1. 2. 3. 4. Capacitance change shall remain within 5%. Dissipation Factor shall be within 1.5 times the original limits. Insulation Resistance shall be above 50% of the initial limits. There shall be no remarkable change in the appearance and the marking shall remain legible.
PULSE RISE TIME (dv/dt)
Volts per sec.
RATED VOLTAGE 100 250 400 630
dv/dt per 6 15 30 40
VoltsSeconds
MKT 075
SERIES Case Dimensions Case Dimensions in Inches 100V * 250V
Capacitance in F L
Case Dimensions in Millimeters100V * 250V
Capacitance in F L
VOLTAGE 100 V DC / 63 V AC
Dimensions in Millimeters H T S
DC/AC 250 V DC / 160 V AC
Dimensions in Millimeters L H T S
VOLTAGE 100 V DC / 63 V AC
Dimensions in Inches H T S
DC/AC 250 V DC / 160 V AC
Dimensions in Inches L H T S
0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33
10.5 10.5 10.5 10.5 10.5 10.5 10.5
9.0 9.0 9.0 9.0 9.0 11.0 12.0
4.0 4.0 4.0 4.0 4.0 5.0 6.0
7.5 7.5 7.5 7.5 7.5 7.5 7.5
10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5
9.0 9.0 9.0 9.0 9.0 11.0 11.0 12.0
4.0 4.0 4.0 4.0 4.0 5.0 5.0 6.0
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33
0.413 0.413 0.413 0.413 0.413 0.413 0.413
0.354 0.354 0.354 0.354 0.354 0.433 0.472
0.157 0.157 0.157 0.157 0.157 0.197 0.236
0.295 0.295 0.295 0.295 0.295 0.295 0.295
0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413
0.354 0.354 0.354 0.354 0.354 0.433 0.433 0.472
0.157 0.157 0.157 0.157 0.157 0.197 0.197 0.236
0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295
Capacitance in F L
VOLTAGE 400 V DC / 200 V AC
Dimensions in Millimeters H T S
DC/AC 630 V DC / 250 V AC
Dimensions in Millimeters L H T S
Capacitance in F L
VOLTAGE 400 V DC / 200 V AC
Dimensions in Inches H T S
DC/AC 630 V DC / 250 V AC
Dimensions in Inches L H T S
0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033
10.5 10.5 10.5 10.5 10.5 10.5
9.0 9.0 9.0 9.0 11.0 12.0
4.0 4.0 4.0 4.0 5.0 6.0
7.5 7.5 7.5 7.5 7.5 7.5
10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5
9.0 9.0 9.0 9.0 9.0 9.0 11.0 12.0
4.0 4.0 4.0 4.0 4.0 4.0 5.0 6.0
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033
0.413 0.413 0.413 0.413 0.413 0.413
0.354 0.354 0.354 0.354 0.433 0.472
0.157 0.157 0.157 0.157 0.197 0.236
0.295 0.295 0.295 0.295 0.295 0.295
0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413
0.354 0.354 0.354 0.354 0.354 0.354 0.433 0.472
0.157 0.157 0.157 0.157 0.157 0.157 0.197 0.236
0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


▲Up To Search▲   

 
Price & Availability of MKT0751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X