Part Number Hot Search : 
SMP11BY TM100 2SC1127 CP8056H TA0942A ON2533 CP606 GP20B
Product Description
Full Text Search
 

To Download MKP1844-510-4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 1844
Vishay Roederstein
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Dimensions in millimeters
FEATURES
Product is completely lead (Pb)-free. Product is RoHS compliant.
L Max.
W Max.
TECHNICAL DATA
See page 68 (Document No. 26522)
H Max.
e3
RoHS
COMPLIANT
TERMINALS
Radial tinned copper (longer leads or insulated leads on request)
0.4 pcm 0.4 O 0.8
6.0
-1
RATED VOLTAGE
AC 400V, 50/60Hz
COATING
Plastic case epoxy sealed, flame retardant UL-class 94V-0
CLIMATIC TESTING CLASS ACC. TO EN 60068-1
25/085/21
TOL. CAPACITANCE J = 5% K = 10% M = 20% PITCH BOX NO. (mm) DIMENSIONS WxHxL (mm) (+ 0.2/- 0.4mm) QUANTITY PACKAGE (Lead Length (Lead Length 6-1mm) 6-1mm) (pcs)* (g) WEIGHT ORDERING CODE**
0.01 FX2 M 10.0 04 6.3 x 11.3 x 12.8 0.9 750 MKP1844 -310 -4000 0.015 FX2 M 15.0 03 5.3 x 10.3 x 17.8 1.2 1000 MKP1844 -315 -4000 0.022 FX2 M 15.0 04 6.3 x 11.3 x 17.8 1.7 750 MKP1844 -322 -4000 0.033 FX2 M 15.0 07 7.3 x 13.3 x 17.8 2.1 450 MKP1844 -333 -4000 0.047 FX2 M 15.0 08 8.3 x 14.3 x 17.8 2.5 325 MKP1844 -347 -4000 0.068 FX2 M 22.5 11 7.3 x 15.3 x 26.3 3.5 235 MKP1844 -368 -4000 0.1 FX2 M 22.5 12 8.3 x 16.3 x 26.3 4.2 200 MKP1844 -410 -4000 0.15 FX2 K 22.5 13 10.3 x 18.3 x 26.3 5.9 170 MKP1844 -415 -4000 0.22 FX2 K 27.5 14 11.0 x 20.3 x 31.3 8.9 125 MKP1844 -422 -4000 0.33 FX2 K 27.5 15 13.0 x 23.3 x 31.3 11.2 110 MKP1844 -433 -4000 0.47 FX2 K 27.5 18 14.0 x 24.3 x 31.3 13.2 100 MKP1844 -447 -4000 0.68 FX2 K 37.5 16 14.0 x 24.3 x 41.3 16.2 80 MKP1844 -468 -4000 1.0 FX2 K 37.5 19 15.5 x 28.3 x 41.3 21.2 70 MKP1844 -510 -4000 * Further information about packaging quantities with different leadlength and/or taped versions see Document No 26535 (Packing Quantities) See page 16 - use Box No as reference **These capacitors can be delivered on continuous tape and reel - see www.vishay.com/doc?26535 The ordering code is MKP 1844 - . . . - 4900 at H = 16.5mm MKP 1844 - . . . - 4901 at H = 18.5mm
Z [] 101
100
0.47 F 0.33 F
0.15 F
10-1
Impedance (Z) as a function of frequency (f) at Ta = 20C (average). Measurement with lead length 6mm.
10-3 0.01
0.05 0.1
0.5 1.0
1.0 F 0.68 F
0.22 F
10-2
0.047 F
0.1 F
0.015 F 0.01 F
0.068 F 0.033 F 0.022 F
5.0 f
10
50
100 [MHz]
Document Number: 26524 Revision: 05-Jul-05
For technical questions contact; dc-film@vishay.com
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MKP1844-510-4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X