Part Number Hot Search : 
WSC0001 RT9266GE 0843MW SM7745HY XCV200 MC332 MMSZ5250 VISHAY
Product Description
Full Text Search
 

To Download MKP1840-522-255-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 1840
Vishay Roederstein
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
MAIN APPLICATIONS:
Pulse operations, deflection circuits in TV sets (S-correction), SMPS and thyristor circuits, storage, filter, timing, sample and hold circuits.
L Max.
Dimensions in millimeters
W Max. Marking
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/ date of manufacture
0.6
H Max.
DIELECTRIC:
Polypropylene film
ELECTRODES:
Vacuum deposited aluminum
pcm 0.4
Od
0.4
6-1
COATING:
Flame retardant plastic case (UL-class 94 V-0), blue, epoxy resin selaled Flame class B according to IEC 60065 available on request
CONSTRUCTION:
Extended metallized film (refer to general information)
PCM 5 7.5/10 15 - 37.5 15 - 37.5
W
< 16 16
od 0.5 0.6 0.8 1.0
TIME CONSTANT:
Measured at 100 VDC after one minute
LEADS:
Tinned wire
For C > 0.33F:
30,000 s minimum value
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
TEMPERATURE COEFFICIENT:
- 250 x 10-6/C (typical value)
OPERATING TEMPERATURE RANGE:
- 55C to + 100C
CAPACITANCE DRIFT:
Up to + 40C, < 0.5% for a period of two years
CAPACITANCE RANGE:
4700pF to 10F
DIELECTRIC ABSORPTION:
0.05% (typical value) according to IEC 60384-1
CAPACITANCE TOLERANCES:
20% (M), 10% (K), 5% (J)
RATED VOLTAGES (UR):
100 VDC, 160 VDC, 250 VDC, 400 VDC, 630 VDC
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC:
At + 85C: UC = 1.0 UR At + 100C: UC = 0.7 UR
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
63 VAC, 100 VAC, 160 VAC, 220 VAC, 250 VAC
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
TEST VOLTAGE (ELECTODE/ELECTRODE):
1.6 x UR for 2 s
PULL TEST ON LEADS:
30 N in direction of leads according to IEC 60068-2-21
INSULATION RESISTANCE:
Measured at 100 VDC after one minute
RELIABILITY:
Operational life > 300,000 h Failure rate < 5 FIT (40C and 0.5 x UR) For further details, please refer to the general information provided in this catalog.
For C 0.33F:
100,000 M minimum value 25,000 M (UR = 100 VDC)
MAXIMUM PULSE RISE TIME
PCM (mm) 5 7.5 10 15 22.5 27.5 37.5 100 VDC 390 -- -- -- -- -- -- Maximum pulse rise time dv/dt [V/s] 160 VDC -- 240 175 100 60 45 30 250 VDC -- 300 220 125 75 60 40 400 VDC -- -- 380 200 120 95 65 630 VDC -- -- 510 280 160 120 85
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted. Document Number 26018 Revision 01-Dec-03 For technical questions, contact dc-film@vishay.com www.vishay.com 71
MKP 1840
Vishay Roederstein
DISSIPATION FACTOR TAN
MEASURED AT 1kHz 10kHz 100kHz C 0.1F 0.4 x 10-3 0.6 x 10-3 4 x 10-3 0.1F < C 1.0F 0.4 x 10-3 0.6 x 10-3 -- Maximum values VOLTAGE CODE 16 160 VDC/ 100 VAC PCM W 5 5 5 5 5 5 5 5 5 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 4.5 4.5 5.5 6.5 6.5 6.5 7.5 8.5 7.5 10.5 11.5 13.5 12.5 16.0 18.0 H -- -- -- -- -- 9.0 9.5 9.5 10.5 11.5 12.5 12.5 13.5 17.5 15.5 18.5 20.5 23.5 22.5 28.5 32.5 L -- -- -- -- -- 10.0 10.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 31.5 31.5 41.5 41.5 41.5 PCM W -- -- -- -- -- 7.5 7.5 10 10 10 15 15 15 15 22.5 22.5 27.5 27.5 37.5 37.5 37.5 -- -- 4.0 4.0 4.0 4.0 4.5 5.5 6.5 6.5 7.5 8.5 8.5 8.5 10.5 11.5 13.5 16.5 16.0 18.0 20.0 VOLTAGE CODE 25 250 VDC/ 160 VAC H -- -- 9.0 9.0 9.0 9.0 9.5 10.5 11.5 12.5 13.5 14.5 17.5 16.5 18.5 20.5 23.5 29.5 28.5 32.5 40.0 L -- -- 10.0 10.0 10.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 31.5 31.5 31.5 41.5 41.5 42.5 PCM W -- -- 7.5 7.5 7.5 10 10 10 10 15 15 15 15 22.5 22.5 27.5 27.5 27.5 37.5 37.5 37.5 -- -- 4.0 4.5 5.5 6.5 5.5 6.5 7.5 8.5 10.5 10.5 11.0 11.5 13.5 16.5 16.0 20.0 20.0 -- -- VOLTAGE CODE 40 400 VDC/ 220 VAC* H -- -- 9.0 9.5 10.5 11.5 10.5 12.5 13.5 17.5 17.5 18.5 21.0 20.5 23.5 29.5 28.5 40.0 40.0 -- -- L -- -- 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 31.5 31.5 31.5 41.5 42.5 42.5 -- -- PCM W -- -- 10 10 10 10 15 15 15 15 15 22.5 22.5 27.5 27.5 27.5 37.5 37.5 37.5 -- -- -- -- 4.5 5.5 6.5 5.5 6.5 7.5 8.5 8.5 10.5 11.0 13.5 16.5 16.5 18.0 20.0 -- -- -- -- C >1.0F 1 x 10-3 -- --
Metallized Polypropylene, Related Document: IEC 60384-16
CAPACI- CAPACITANCE TANCE CODE
VOLTAGE CODE 01 100 VDC/ 63 VAC W H 8.5 8.5 8.5 8.5 8.5 9.5 9.5 10.0 11.5 -- -- -- -- -- -- -- -- -- -- -- -- L 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 -- -- -- -- -- -- -- -- -- -- -- --
VOLTAGE CODE 63 630 VDC/ 250 VAC* H -- -- 9.5 10.5 11.5 10.5 12.5 13.5 17.5 16.5 18.5 21.0 23.5 29.5 29.5 32.5 40.0 -- -- -- -- L PCM -- -- 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 41.5 42.5 -- -- -- -- -- -- 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 -- -- -- --
4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.1 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F 2.2 F 3.3 F 4.7 F 6.8 F 10.0 F
- 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 - 533 - 547 - 568 - 610
3.5 3.5 3.5 3.5 3.5 4.5 4.5 5.0 5.5 -- -- -- -- -- -- -- -- -- -- -- --
Further C-values upon request. *Not suitable for mains applications. Please refer to X-capacitors in our catalog "RFI Suppression Components".
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- MKP 1840-310-405-D MKP 1840-310-405-G MKP 1840-310-405-F MKP 1840-310-405-W MKP 1840-522-255-V MKP 1840-522-255-G MKP 1840-522-255 X X X X -- -- X X X X X X -- X -- -- -- -- X X X -- -- -- -- -- -- X ORDERING CODE EXAMPLE PCM 5 - 10 PCM 15 PCM 22.5 - 27.5 PCM 37.5
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 360 x 510mm (W x H x L) www.vishay.com 72 For technical questions, contact dc-film@vishay.com Document Number 26018 Revision 01-Dec-03
MKP 1840
Metallized Polypropylene, Related Document: IEC 60384-16
V RMS V RMS
100 7 5 3 2 10 7 5 3 2 100 VDC 1 103 2 3 5 7 104 2 3 Capacitance in pF and F 5 7 105 2 3 5 7 106 f [Hz]
47
Vishay Roederstein
Capacitance in F
0.0
00 0.0 1
0.0 33 0.0 47 0.1
5 3 2 100 7 5 3 2 10 7 5 3 2 1 103 23 5 7 104 2 3
33
0.0 47
0.1 0.2 10 4.7 2.2 1.0 2 0.4 7
160 VDC 5 7 105 2 3 5 7 106 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
5 3 2 100 7 5 3 2 10 7 5 3 2 1 250 VDC 103 2 3 5 7 104 2 3
10 4.7
Capacitance in F
0.0 1 0.0 22 0.0 47 0.1 2.2 1.0 0.4 7 0.2 2
5 3 2 100 7 5 3 2 10 7 5 3 2 1
V RMS
Capacitance in F
0.0 1 0.0 2
2
0.0 47
3.3
2.2
1.0
0.4
7
0.1 0.2 2
400 VDC 103 2 3 5 7 104 2 3 5 7 105 2 3 5 7 106 f [Hz]
5 7 105
2
3
5 7 106 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
5 3 2 100 7 5 3 2 10 7 5 3 2 1 630 VDC 103 2 3 5 7 104 2 3
Capacitance in F
0.0 1 0.0
22 0.0 47 0.1
0.4 7 0.22
0.001
5 7 105
2
3
5 7 106 f [Hz]
0.01
5
0.1
6.8F 3.3F
5
1.0
1.5F 0.68F
0.33F
0.15F
5
0.068F 0.033F
10
0.015F
2.2
1.0
Z ()
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 7 5 3 2
5
100 [MHz]
Permissible AC Voltage versus Frequency
Impedance versus Frequency Z = f (f) (Lead length 2.0mm)
Document Number 26018 Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
www.vishay.com 73


▲Up To Search▲   

 
Price & Availability of MKP1840-522-255-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X