Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download MJD210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC MJD210 PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS DESCRIPTION
The UTC MJD210 is designed for low voltage, low-power, high-gain audio amplifier applications.
FEATURE
*Collector-Emitter Sustaining Voltage VCEO(sus) =25V (Min) @ IC =10mA *High DC Current Gain hFE =70 (Min) @ IC=500mA =45 (Min) @ IC=2A =10 (Min) @ IC=5A *Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix) *Straight Lead Version in Plastic Sleeves ("-1" Suffix) *Lead Formed Version in 16mm Tape and Reel ("T4" Suffix) *Low Collector - Emitter Saturation Voltage VCE(sat) = 0.3V (Max) @ IC =500mA = 0.75V (Max) @ IC = 2.0 A *High Current-Gain-Bandwidth Product fT = 65 MHz (Min) @ IC = 100 mA *Annular Construction for Low Leakage ICBO = 100 nA @ Rated VCB
1
TO-251
1: BASE
2: COLLECTOR
3: EMITTER
MAXIMUM RATINGS
PARAMETER
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Peak Base Current Total Device Dissipation @ TC=25C Derate above 25C Total Device Dissipation @ TA=25C* Derate above 25C Operating and Storage Junction Temperature Range
SYMBOL
VCB VCEO VEB IC IB PD PD TJ, Tstg
VALUE
40 25 7 5 10 1 12.5 0.1 1.4 0.011 -65 to +150
UNIT
V V V A A W W/C W W/C C
THERMAL CHARACTERISTICS
CHARACTERISTIC
Thermal Resistance, Junction to Case Junction to Ambient*
SYMBOL
RJC RJA
MAX
10 89.3
UNIT
C/W C/W
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R213-001,A
UTC MJD210 PNP EPITAXIAL PLANAR SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS (Tc=25C, unless otherwise noted)
PARAMETER
OFF CHARACTERISTICS Collector-Emitter Sustaining Voltage (note 1) Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS DC Current Gain (note 2) hFE IC=500mA, VCE=1V IC=2A, VCE=1V IC=5A, VCE=2V IC=500mA, IB=50mA IC=2A, IB=200mA IC=5A, IB=1A IC=5A, IB=1A IC=2A, VCE=1V IC=100mA, VCE=10V, ftest = 10MHz 70 45 10 65 120 180 0.3 0.75 1.8 2.5 1.6 V VCEO(sus) ICBO IEBO IC=10mA, IB=0 VCB=40V, IE=0 VCB=40V, IE=0, TJ=125C VBE=7V, Ic=0 25 100 100 100 V nA nA nA
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Collector-Emitter Saturation Voltage (note 2) Base-Emitter Saturation Voltage (note 1) Base-Emitter On Voltage (note 1) DYNAMIC CHARACTERISTICS Current-Gain-Bandwidth Product (note 3)
VCE(sat)
VBE(sat) VBE(on) fT
V V MHz pF
Output Capacitance Cob VCB=10V, IE=0, f=0.1MHz *When surface mounted on minimum pad sizes recommended. (continued) NOTE 1: Pulse Test: Pulse Width = 300s, Duty Cycle 2%. NOTE 2: Pulse Test: Pulse Width = 300s, Duty Cycle 2%. NOTE 3: fT =hfe*ftest.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R213-001,A
UTC MJD210 PNP EPITAXIAL PLANAR SILICON TRANSISTOR
FIG. 1 POWER DERATING FIG. 2 SWITCHING TIME TEST CIRCUIT
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS D1 MUST BE FAST RECOVERY TYPE, e.g.: 1N5825 USED ABOVE IB100mA FOR PNP TEST CIRCUIT MSD6100 USED BELOW IB100mA REVERSE ALL POLARITIES FIG. 3 TURN-ON TIME FIG. 4 TURN-OFF TIME
FIG. 5 DC CURRENT GAIN
FIG. 6 "ON" VOLTAGE
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R213-001,A
UTC MJD210 PNP EPITAXIAL PLANAR SILICON TRANSISTOR
FIG. 7 TEMPERATURE CURRENT (AMP)
FIG. 8 THERMAL RESPONSE
FIG. 9 ACTIVE REGION SAFE OPERATING AREA
There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC-VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Fig. 9 is based on TJ(pk)=150C; Tc is variable depending on conditions. Second breakdown pulse limits are valid for duty cycles to 10% provided TJ(pk)150C. TJ(pk) may be calculated from the data in Figure 8. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R213-001,A
UTC MJD210 PNP EPITAXIAL PLANAR SILICON TRANSISTOR
FIG. 10 CAPACITANCE
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R213-001,A


▲Up To Search▲   

 
Price & Availability of MJD210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X