Part Number Hot Search : 
KD2404 S2514DH LW3333 YF10T VCH162 HIN231CP 09231 SPU30N03
Product Description
Full Text Search
 

To Download MIW1327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOTAL POWER INT'L MIW1300 Series
3 Watts 3 :1 Wide Input Range DC/DC Converters
Single and Dual Outputs
Key Features
High Efficiency up to 81% 3:1 Input Range Industry Standard Pinout SMT Technology I/O Isolation 1000VDC Short Circuit Protection EMI Complies With EN55022 Class A MTBF > 1,000,000 Hours
MIW1300-Series power modules are low-profile dc-dc converters that operate over an input voltage range of 10-30VDC and provide precisely regulated output voltages of 5V and 12V in both single and dual output configurations. The -25] to +75] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments, distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer peripheral systems and industrial robot systems. The modules have a maximum power rating of 3W and a typical full-load efficiency of 80%, continuous short circuit, 60mA output ripple, built-in filtering for both input and output minimizes the need for external filtering.
$
Low Cost
1000 VDC
I/O Isolation
EMI
EN55022
3:1
Wide Range
Block Diagram
Single Output Dual Output
+Vin
LC Filter
+Vo
+Vin
LC Filter
+Vo Com.
-Vo PFM Isolation Ref.Amp PFM Isolation Ref.Amp
-Vo
-Vin
-Vin
MIW1300 Series
Model Selection Guide
Model Number Input Voltage Output Voltage Output Current Input Current Reflected Ripple Current mA (Typ.) Efficiency
VDC MIW1322 MIW1323 MIW1324 MIW1326 MIW1327
VDC 5 12 15 {12 {15
Max. mA 600 250 200 {125 {100
Min. mA 60 25 20 {12.5 {10
@Max. Load mA (Typ.) 188 188 188 188 188
@No Load mA (Typ.)
@Max. Load % (Typ.) 80 80 80 80 80
20 ( 10 ~ 30 )
5
20
Absolute Maximum Ratings
Parameter Input Surge Voltage Lead Temperature (1.5mm from case for 10 Sec.) Internal Power Dissipation Min. -0.7 ----Max. 50 260 2,500 Unit VDC ] mW
Note :
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3. Ripple & Noise measurement bandwidth is 0-20 MHz. 4. These power converters require a minimum output loading to maintain specified regulation. Min. -25 -40 -40 --Free-Air Convection EN55022 Class A Max. +75 +90 +125 95 Unit ] ] ] % 5. Operation under no-load conditions will not damage these devices; however they may not meet all listed specifications. 6. All DC/DC converters should be externally fused at the front end for protection. 7. Other input and output voltage may be available, please contact factory. 8. Specifications subject to change without notice.
Exceeding these values can damage the module. These are not continuous operating ratings.
Environmental Specifications
Parameter Operating Temperature Operating Temperature Storage Temperature Humidity Cooling Conducted EMI Conditions Ambient Case
Input Specifications
Parameter Start Voltage Under Voltage Shortdown Reverse Polarity Input Current Short Circuit Input Power Input Filter All Models Model Min. 4.5 ------Typ. 7 6.5 --1000 Pi Filter Max. 9 8.5 1 1500 Unit VDC A mW
MIW1300 Series
Output Specifications
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20MHz) Ripple & Noise (20MHz) Ripple & Noise (20MHz) Over Power Protection Transient Recovery Time Transient Response Deviation Temperature Coefficient Output Short Circuit 25% Load Step Change Over Line,Load & Temp Dual Output Balance Load Vin=Min. to Max. Io=10% to 100% Conditions Min. --------------120 ------Continuous Typ. {0.5 {0.5 {0.2 {0.2 45 ------300 {3 {0.01 Max. {2.0 {2.0 {0.5 {0.5 60 80 28 --500 {5 {0.05 Unit % % % % mV P-P mV P-P mV rms. % uS % %/]
General Specifications
Parameter Isolation Voltage Isolation Test Voltage Isolation Resistance Isolation Capacitance Switching Frequency MTBF MIL-HDBK-217F @ 25], Ground Benign Conditions 60 Seconds Flash Tested for 1 Second 500VDC 100KHz,1V Min. 1000 1100 1000 ----1000 Typ. --------300 --Max. ------500 ----Unit VDC VDC M[ pF KHz K Hours
Capacitive Load
Models by Vout Maximum Capacitive Load Note: # For each output . 5V 4000 12V 4000 15V 4000 {12V # 470 {15V # 470 Unit uF
Input Fuse Selection Guide
All Models 600mA Slow - Blow Type
Input Voltage Transient Rating
50 45 Vin ( VDC ) 40 35 30 25 20 15 10 10uS 100uS 1mS 10mS 100mS
MIW1300 Series
100 90 Efficiency (%) 80 70 60 50 Efficiency (%) Low Nom Input Voltage (V) High 100 90 80 70 60 50
Low
Nom Input Voltage (V)
High
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
100 90 Efficiency (%) Efficiency (%) 10 20 40 60 80 80 70 60 50 40 30 100
100 90 80 70 60 50 40 30 10 20 40 60 80 100
Load Current (%)
Load Current (%)
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
100 80 Output Power (%) 100LFM Natural convection 400LFM
200LFM
60
40
20 0 -40
50 60 70 80 ] 90 100 110
Ambient Temperature
Derating Curve
MIW1300 Series
Test Configurations
Input Reflected-Ripple Current Test Setup
To Oscilloscope + Battery + Lin Current Probe +Vin +Out Load
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back into its specified range.
DC / DC Converter -Vin -Out
Cin
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100 KHz) capacitor of a 3.3uF for the devices.
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter.
+Vin Single Output DC / DC Converter -Vin -Out +Out Copper Strip Cout Resistive Scope Load
+ DC Power Source + Cin
+Vin DC / DC Converter -Vin
+Out Load -Out
Output Ripple Reduction
+Vin Dual Output DC / DC Converter -Vin +Out Com. Cout -Out
+ +Vin Single Output DC / DC Converter -Vin -Out +Out
Copper Strip Cout Scope Resistive Load Scope
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 3.3uF capacitors at the output.
Design & Feature Considerations
Maximum Capacitive Load
The MIW1300 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 470uF maximum capacitive load for dual outputs and 4000uF capacitive load for single outputs. The maximum capacitance can be found in the data.
DC Power Source -
Cout
Load
+ DC Power Source -
+Vin
+Out Dual Output DC / DC Com. Converter Cout Load
-Vin
-Out
MIW1300 Series
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90C. The derating curves are determined from measurements obtained in an experimental apparatus.
Position of air velocity probe and thermocouple 15mm / 0.6in
50mm / 2in
Air Flow
DUT
MIW1300 Series
Mechanical Data
31.8 [1.25]
Top View ( 2.54 mm / 0.1 inch grids )
Connecting Pin Patterns
Single Output
Side
2.54 [0.100]
2.0 [0.08]
2.5 [0.10]
0.50 [0.020]
10.2 [0.40]
4.5 [0.18]
Dual Output
15.22 [0.600]
123 Bottom 24 23 22 15 14 13 10 11 12
Tolerance
Millimeters .X{0.25 .XX{0.25 {0.05
Inches .XX{0.01 .XXX{0.01 {0.002
Pin
Pin Connections
Pin 1 2 3 10 11 12 13 14 15 22 23 24 Single Output +Vin NC NC -Vout +Vout -Vin -Vin +Vout -Vout NC NC +Vin Dual Output +Vin -Vout Common Common +Vout -Vin -Vin +Vout Common Common -Vout +Vin
20.3 [0.80]
Physical Characteristics
31.8*20.3*10.2 mm 1.25*0.8*0.4 inches Non-Conductive Black Plastic 12.4g UL94V-0
Case Size
: : : :
Case Material Weight Flammability
NC: No Connection
Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical properties in high humidity environment and over a wide operating temperature range. The encapsulant and outer shell of the unit have UL94V-0 ratings. The leads are golden plated for better soldering.


▲Up To Search▲   

 
Price & Availability of MIW1327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X