Part Number Hot Search : 
GS3034 LM370 MURH860 1220A C143E K4N35 54LS197 ZR39160
Product Description
Full Text Search
 

To Download MIM-R1AA38 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INFRARED RECEIVER MODULE
Description
The MIM-R1AA38 series are 37.9 KHZ miniaturized infrared receivers for remote control and other appplications requiring improved ambient light rejection. The separate PIN diode and preamplifier IC are assembled on a single leadframe. The epoxy package contains a special IR filter. This module has excellent performance even in disturbed ambient light applications and provides protection against uncontrolled output pulses.
MIM-R1AA38
Package Dimensions
Features
l l l l l l
Photo detector and preamplifier in one package Internal filter for PCM frequency High immunity against ambient light Improved shielding against electric field disturbance 5-Volt supply voltage; low power consumption TTL and CMOS compatibility
12.50.4 9.20.5 100.3 CENTER OF SENSOR
MIM-R1AA38
Unit: mm
30.60.5
0.8max. 0.65 1 2 3 0.50.050 1.40.3 0.40.050 2.54 7.62 40.3 5.80.3
1 2 3
GND Vcc Vout
BLOCK DIAGRAM
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Lead spacing is measured where the leads emerge from the package.
ABLC
VS
AMP
TRAP
BPF
TRIMMING
Output
fo setting GND
Unity Opto Technology Co., Ltd.
P1
MIM-R1AA38
Absolute Maximum Ratings
Item Supply voltage Operating temperature Storage temperature Soldering temperature Symbol VCC Topr Tstg Tsd Ratings 5.8 -10 ~ + 60 -20 ~ + 75 260 Unit V C C C Maximum 5 seconds @ TA=25C Remark
Electro-optical characteristics (VCC=5V)
Parameter Current consumption Response wavelength Tuning frequency Output form H level output voltage L level output voltage H level output pulse width L level output pulse width
Distance between emitter &detector
@ TA=25C Typ. 940 37.9 Max. 5.0 Unit mA nm KHZ V 0.5 V s s m 55 deg Note 1 Horizonal direction 800 800 Remarks Under no signal
Symbol Icc p f0 V0h V0l Twh Twl L
Min.
- - - - - active low output - - - - 4.2 400 400 10.0 16
Half angle
Test Method A. Standard Transmitter
ON/OFF pulse width satisfied from 20 cm to detection limit 600s
carrier frequency f0 duty 50% 600s
600s
Fig 1.Burst Wave
20cm 10k PD3516 +5v 10F
10k
Transmitter Duty 50%
Vout
Oscilloscope
Fig 2.Standard Transmitter Measurement circuit
Unity Opto Technology Co., Ltd.
P2
MIM-R1AA38
B. Detection Length Test
Transmitter output

L
Vout
D.U.T
: indicates horizontal and vertical directions
C. Pulse Width Test
Transmitter output 600s 600s DUT output pulse
Twl Twh V0h V0l
CHARACTERISTIC CURVES (TA=25C)
2.8 Supply Current Icc (mA) 2.7 2.6 2.4 2.2 2.0 Output Pulse Width tPW(s) 900
800
Burst length * 600s, cycle = 1.2ms tpw: Average value of output from start of signal input to 60th pulse
700
600
500 Input Level VIN (mVP-P) 400 2 3 4 5 6 Supply Voltage Vcc (V) 7 8 0.1 1 10 Input Level (mVp-p) 100 1000
SUPPLY VOLTAGE vs. SUPPLY CURRENT
INPUT LEVEL vs.OUTPUT PULSE WIDTH
NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies the standard under the conditions below against the standerd transmitter. (1)Measuring place .........Indoor without extreme reflection of light. (2)Ambient light source... Detecting surface illumination shall be 20050Lux under ordinary hite fluorescense lamp of no high frequency lighting. (3)Standard transmitter ... Burst wave indicated in Fig 1. of standard transmitter shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2.
Unity Opto Technology Co., Ltd.
P3


▲Up To Search▲   

 
Price & Availability of MIM-R1AA38

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X