Part Number Hot Search : 
102M1 8C110JDG OP123 MAX954 JANTXV ISL64 C700019 NGBAN
Product Description
Full Text Search
 

To Download MIM-R1AA38-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INFRARED RECEIVER MODULE
Description
The MIM-R1AA38-1 series are 37.9 KHZ miniaturized infrared receivers for remote control and other appplications requiring improved ambient light rejection. The separate PIN diode and preamplifier IC are assembled on a single leadframe. The epoxy package contains a special IR filter. This module has excellent performance even in disturbed ambient light applications and provides protection against uncontrolled output pulses.
MIM-R1AA38-1
Package Dimensions
MIM-R1AA38-1
Features
l l l l l l
unit : mm
Photo detector and preamplifier in one package Internal filter for PCM frequency High immunity against ambient light
12.50.4 100.3 CENTER OF SENSOR
Improved shielding against electric field disturbance 5-Volt supply voltage; low power consumption
30.60.52
9.20.5 0.8max. 0.65 1.40.3 1 2 3 0.40.05
TTL and CMOS compatibility
1
Vout
2 3 2.54
0.50.05 40.3 5.80.3
GND Vcc
5.08
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Lead spacing is measured where the leads emerge from the package.
BLOCK DIAGRAM
ABLC
V
AM
TRAP
BPF
TRIMMIN G
Output
fo GND
Unity Opto Technology Co., Ltd.
07/26/2000
P1
MIM-R1AA38-1
Absolute Maximum Ratings
Item Supply voltage Operating temperature Storage temperature Soldering temperature Power Dissipation Symbol VCC Topr Tstg Tsd PD Ratings 5.8 -10 ~ + 60 -20 ~ + 75 260 17.5 Unit V C C C mW Maximum 5 seconds @ TA=25C Remark
Vcc=+5.0V ; under no signal
Electro-optical characteristics (Vcc=5V)
Parameter Current consumption Response wavelength Tuning frequency Output form H level output voltage L level output voltage H level output pulse width L level output pulse width
Distance between emitter &detector
@ TA=25C Typ. Max. 5.0 940 37.9 Unit mA nm KHZ Remarks Under no signal
Symbol Icc p f0
Min.
- - - - - active low output - - - - V0h V0l Twh Twl L 400 400 10.0 16 55 4.2 0.5 800 800 m deg V V s s Note 1 Horizonal direction
Half angle
Test Method A. Standard Transmitter
ON/OFF pulse width satisfied from 20 cm to detection limit carrier frequency f0 duty 50% 600s 600s
600s
Fig 1. Burst Wave
20cm 10k PD3516 +5v 10F
10k
Transmitter Duty 50%
Vout
Oscilloscope
Fig 2. Standard Transmitter Measurement circuit
Unity Opto Technology Co., Ltd.
07/26/2000
P2
MIM-R1AA38-1
B. Detection Length Test
Transmitter output

L D.U.T
Vout
: indicates horizontal and vertical directions
C. Pulse Width Test
Transmitter output 600s 600s DUT output pulse
Twl Twh V0h V0l
CHARACTERISTIC CURVES (TA=25C)
2.8 Supply Current Icc (mA) 2.7 2.6 2.4 2.2 2.0 Input Level VIN (mVP-P) 400 2 3 6 4 5 Supply Voltage Vcc (V) 7 8 0.1 1 10 Input Level (mVp-p) 100 1000 Output Pulse Width tPW(s) 900 800 700 600 500
Burst length * 600s, cycle = 1.2ms tpw: Average value of output from start of signal input to 60th pulse
SUPPLY VOLTAGE vs. SUPPLY CURRENT
INPUT LEVEL vs.OUTPUT PULSE WIDTH INPUT LEVEL vs.OUTPUT PULSE WIDTH
NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies the standard under the conditions below against the standerd transmitter. (1)Measuring place .........Indoor without extreme reflection of light. (2)Ambient light source... Detecting surface illumination shall be 20050Lux under ordinary hite fluorescense lamp of no high frequency lighting. (3)Standard transmitter ... Burst wave indicated in Fig 1. of standard transmitter shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2.
Unity Opto Technology Co., Ltd.
07/26/2000
P3


▲Up To Search▲   

 
Price & Availability of MIM-R1AA38-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X