|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INFRARED RECEIVER MODULE Description The MIM-93M2AKF is 37.9 KHZ miniaturized infrared receivers for remote control and other appplications requiring improved ambient light rejection. The separate PIN diode and preamplifier IC are assembled on a single leadframe. The epoxy package contains a special IR filter. This module has excellent performance even in disturbed ambient light applications and provides protection against uncontrolled output pulses. MIM-93M2AKF Features l l l l l l Photo detector and preamplifier in one package Internal filter for PCM frequency High immunity against ambient light Improved shielding against electric field disturbance 5-Volt supply voltage; low power consumption TTL and CMOS compatibility BLOCK DIAGRAM VS TRAP BPF TRIMMING Output ABLC fo GND Unity Opto Technology Co., Ltd. 8/4/00 MIM-93M2AKF Absolute Maximum Ratings Item Supply voltage Operating temperature Storage temperature Soldering temperature Symbol VCC Topr Tstg Tsd Ratings 5.8 -10 ~ + 60 -20 ~ + 75 260 Unit V C C C Maximum 5 seconds @ Ta=25C Remark Electro-optical characteristics (Vcc=5V) Parameter Current consumption Response wavelength Tuning frequency Output form H level output voltage L level output voltage H level output pulse width L level output pulse width Distance between emitter & detector Half angle V0h V0l Twh Twl L 400 400 10.0 45 Symbol Icc p f0 940 37.9 Min. Typ. Max. 5.0 Unit mA nm KHZ (Ta=25C , Vcc=5V) Remarks Under no signal - - - - - active low output - - - - 4.2 0.5 800 800 m deg V V s s Note 1 Horizonal direction Test Method A. Standard Transmitter 25cm ON/OFF pulse width satisfied from 25 cm to detection limit carrier frequency f0 duty 50% 600s Transmitter Duty 50% PD351 +5V 10k 10 Vout GND Oscilloscope 600s 600s Fig 1. Burst Wave Fig 2. Standard Transmitter Measurement circuit B. Detection Length Test Transmitter output L D.U.T Vout : indicates horizontal and vertical directions Unity Opto Technology Co., Ltd. 10k 8/4/00 MIM-93M2AKF C . Pulse Width Test Transmitter output 600s 600s DUT output pulse Twl Twh V0 h V0 l Application Circuit Vcc **) MIM-93M2AKF MIE-544A2 3 102P C Decoder 1 2 GND *) only necessary to supress power supply disturbances. **) tolerated supply voltage range : 4.1V < Vcc < 5.8V CHARACTERISTIC CURVES (TA=25C) 2.8 2.7 2.6 2.4 2.2 2.0 400 2 3 6 4 5 Supply Voltage Vcc (V) 7 8 0.1 1 10 Input Level (mVp-p) 100 1000 Output Pulse Width tPW(s) Supply Current Icc (mA) 900 800 700 600 500 Input Level VIN (mVP-P) Burst length * 600s, cycle = 1.2ms tpw: Average value of output from start of signal input to 60th pulse SUPPLY VOLTAGE vs. SUPPLY CURRENT INPUT LEVEL vs.OUTPUT PULSE WIDTH NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies the standard under the conditions below against the standerd transmitter. (1)Measuring place .........Indoor without extreme reflection of light. (2)Ambient light source... Detecting surface illumination shall be 20050Lux under ordinary hite fluorescense lamp of no high frequency lighting. (3)Standard transmitter ... Burst wave indicated in Fig 1. of standard transmitter shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2. Unity Opto Technology Co., Ltd. 8/4/00 MIM-93M2AKF Reliability Test item High temparature High temp. & high humi. Low temparature Heat cycle Dropping Ta=+60C Vcc=5.0 V Ta=+40C 90%RH Vcc=5.0V Ta= -10C Vcc=5.0V -20C(0.5H) ~ +75C(0.5H) 20cycle Test devices shall be dropped 3 times naturally onto hard wooden board from a 75cm height position. Test condition t=240H t=240H t=240H Standard Note 2. Note 2. Note 2. Note 2. Note 3. NOTE 2. (electro-optical charactistics) shall be satisfied sfter leaving 2 hours in the normal temperature . NOTE 3. (electro-optical charactistics) shall be satisfied and no conoid deforms and destructions of appearance .(excepting deforms of terminals) Inspection standard 1.Among electrical characteristics , total number shall be inspected on items blow. 1-1 front distance between emitter & detector 1-2 Current consumption 1-3 H level output voltage 1-4 L level output voltage 2.Items except above mentioned are not inspected particularly , but shall fully satisfy CAUTION ( When use and storage of this device ) 1.Store and use where there is no force causing transformation or change in quality . 2.Store and use where there is no corrosive gas or sea(salt) breeze . 3.Store and use where there is no extreme humidity . 4.Solder the lead-pin within the condition of ratings. After soldering do not add extra force . 5.Do not wash this device . Wipe the stains of diode side with a soft cloth. You can use the solvent , ethylalcohol or methylalcohol or isupropylene only . 6.To prevent static electricity damage to the Pre-AMP make sure that the human body , the soldering iron is connected to ground before using . 7.Put decoupling device between Vcc and GND for reduse the noise from power supply line . 8.The performance of remote-control system depends on environments condition and ability of periferal parts. Customer should evaluate the performance as total system in those conditions after system up with components such as commander , micon and this receiver module . Unity Opto Technology Co., Ltd. 8/4/00 MIM-93M2AKF Guarantee period and scope 1.Guarantee period One year after delivery to desired place . 2.Guarantee scope A re-delivery of goods will be carried out if the cause of malfunction lies in our device .However no responsibilities be taken for the inconveniences caused by the malfunction of our devices . Others 1.This device is not design to endure radiative rays and heavily charged particles . 2.In case where any trouble or questions arise,both parties agress to make full discussion covering the said problem . Unity Opto Technology Co., Ltd. 8/4/00 |
Price & Availability of MIM-93M2AKF |