Part Number Hot Search : 
2SD2678 WSD751D TPB130RL TGH47A TB0614A 2SD2678 SB380 700ETT
Product Description
Full Text Search
 

To Download MIL-T-27E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio Transformer MIL-T-27E High Reliability : "Red Spec" Series
SP- 29
Description:
Triad's high reliability audio transformers provide the durability and precision required in today's demanding designs. These transformers are available for a wide variety of applications.
Electrical Specifications (@25C)
Power level (mW) 50 Matching Impedance Primary 10,000 CT Secondary 500 CT Max. Ma DC Unbalance in Primary 1.0 DC Resistance () Primary 1,050.0 Secondary 80 Overall Turns Ratio 4.47:1.0
PRI
10K C.T. 1 MADC 1 23
C
.410
MAX.
.310
MAX.
Frequency Response: + 2.0 DB, at 300 Hz to 100K Hz
SP-29
TF5S21ZZ
TRIAD
.020
MAGNETICS
SEC
.465
MAX.
500 C.T.
Pri-Sec Hipot test (Pri-Sec): 1,000 VRMS for 1 sec.
50 MW 4 56
C
.750
Working voltage: 150VDC
MIN.
.200
Construction:
.200 .100
Plug-in terminals are precision spaced to provide fixed mounting centers. Epoxy molded case includes a .020" recess for ease of solder inspection. Leads are made of high strength Nickel alloy, gold plated and are .020" in diameter.
TAB, AT PIN #1
.300
1 PRI Z
4 SEC Z
10K OHM
CT
2
500 OHM
5 CT
3
6 50 MW
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2002/95/EC, known as the RoHS initiative.
*Upon printing, this document is considered "uncontrolled". Specifications are subjected to change without notice. Please contact Triad Magnetics' website for the most current version.
Web: www.TriadMagnetics.com Phone 951-277-0757 Fax 951-277-2757
22520B Temescal Canyon Road Corona, California 92883
Publish Date: June 19, 2006


▲Up To Search▲   

 
Price & Availability of MIL-T-27E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X