Part Number Hot Search : 
SG6859A 59101 4300T MP018 5DC24 AD827411 NJU7704 AD604AN
Product Description
Full Text Search
 

To Download MIE-824L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Description
The MIE-824L3 is an infrared emitting diode utilizing GaAs with AlGaAs window coation chip technology. It is molded in water clear plastic package.
5.00 (.197)
MIE-824L3
Unit: inches
Package Dimensions
4.30 (.169)
5.80 (.228)
SEE NOTE 2
1.00 (.039)
FLAT DENOTES CATHODE
Features
l l l l l
0.50 TYP. (.020)
23.40 MIN. (.921)
High radiant power and high radiant intesity Standard T-1 3/4 ( 5mm) package Peak wavelength p = 940 nm Good spectral matching to si-photodetector Radiant angle: 80
A
2.54 NOM. (.100) SEE NOTE 3 1.00MIN. (.039)
C
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25oC Parameter Power Dissipation Peak Forward Current Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 120 1 100 5 -55 C to +100 C -55oC to +100oC 260oC for 5 seconds
o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
02/04/2002
MIE-824L3
Optical-Electrical Characteristics
@ TA=25oC Parameter Radiant Intensity Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth View Angle Test Conditions IF=20mA IF=50mA VR=5V IF=20mA IF=20mA IF=20mA Symbol Ie VF IR 21/2 Min. 0.2 Typ . 0.7 1.32 940 50 120 Max. 1.50 100 Unit mW/sr V A nm nm deg .
Typical Optical-Electrical Characteristic Curves
Relative Radiant Intensity Forward Current IF (mA)
880 980 1 100 80 60 40 20 0
0.5
0 780
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION
100
Output Power To Value IF=20mA
Ambient Temperature TA (oC) FIG.2 FORWARD CURRENT VS. AMBIENT TEMPERATURE
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40
o
-50
-25
0
25
50
75
100
Forward Current (mA)
80 60 40 20 0 0.8 1.2 1.6 2.0 2.4 2.8
60
Forward Voltage (V) FIG.3 FORWARD CURRENT VS. FORWARD VOLTAGE Output Power Relative To Value at IF=20mA Relative Radiant Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA( C) FIG.4 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20 30 40 50 60 70 80 90 0.5 0.3 0.1 0.2 0.4 0.6
1.0 0.9 0.8
Forward Current (mA) FIG.5 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.6 RADIANTION DIAGRAM
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MIE-824L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X