Part Number Hot Search : 
14D781K 0423G SC110 74182 S8035 5KP20 2SD2553 TDA1560
Product Description
Full Text Search
 

To Download MIE-144A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AlGaAs/GaAs High POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE MIE-144A4
Description
The MIE-144A4 is a GaAs infrared emitting diode with AlGaAs window layer, molded in clear, lensed side looking package. The MIE-144A4 provides a broad range of intensity selection.
1.22 (.048) 1.660.08 (.065.003) 60 0.80 (.032) 4.000.08 (.156.003) 1.80 1.80 (.071) (.071) 4.12 (.162) 1.50 (.059)
Package Dimensions
Unit: mm( inches )
1.10 (.043) 0.75 (.030) 1.50 (.059)
Features
l
214.30MIN. (.563)
0.5TYP. (.020)
Selected to specific on-line intensity and radiant intensity ranges
l l
Low cost , plastic side looking package Mechanically and spectrally matched to The MID-11422 of phototransistor .
1.0MIN. (.039) 2.540.08 (.100.003) (SEE NOTE 3)
C
A
Notes : 1. All dimensions are in millimeters.(inches). 2. Protruded resin under flange is 1.5 mm (0.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25 C Parameter Power Dissipation Peak Forward Current Continuos Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 75 1 50 5 -55 C to +100 C -55 C to +100 C 260oC for 5 seconds
o o o o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
02/04/2002
MIE-144A4
Optical-Electrical Characteristics
@ TA=25oC Parameter Radiant Incidance Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth Half View Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol Ee VF IR p 21/2 Min. Typ . 0.6 1.2 Max. Unit mW/cm2 V A nm nm deg .
-
1.45 100
940 50 80
-
Typical Optical-Electrical Characteristic Curves
Relative Radiant Intensity
1
0.5
0 840 880 920 960 1000 1040
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION Relative Radiant Intensity
0 1.2 1.6 2.0 2.4 2.8 100 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40
o
Forward Current (mA)
80 60 40 20 0
60
Forward Voltage (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE Relative Radiant Intensity Relative Radiant Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA( C) FIG.3 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20 30 40 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
Forward Current (mA) FIG.4 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MIE-144A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X