|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIC2289C White LED Driver Internal Schottky Diode and OVP General Description The MIC2289C is a PWM (pulse width modulated), boostswitching regulator that is optimized for constant-current white LED driver applications. The MIC2289C features an internal Schottky diode and three levels of output overvoltage protection providing a small size and efficient DC/DC solution that requires only four external components. To optimize efficiency, the feedback voltage is set to only 95mV. This reduces power dissipation in the current set resistor and allows the lowest total output voltage, hence minimal current draw from the battery. The MIC2289C implements a constant frequency 1.2MHz PWM control scheme. The high frequency, PWM operation saves board space by reducing external component sizes. The added benefit of the constant frequency PWM scheme in caparison to variable frequency is much lower noise and input ripple injected to the input power source. The MIC2289C clamps the output voltage in case of open LED conditions, protecting itself and the output capacitor. The MIC2289C is available with three output OVP options of 15V, 24V, and 34V. The different OVP options allow the use of the smallest possible output capacitor with the appropriate voltage rating for a given application. The MIC2289C is available in low profile 5-pin Thin SOT23 and 8-pin 2mm x 2mm MLF(R) package options. The MIC2289C has a junction temperature range of -40C to +125C. Data sheets and support documentation can be found on Micrel's web site at www.micrel.com. Features * * * * * * * * * * * * * * 2.5V to 10V input voltage Output voltage up to 34V Internal Schottky diode 15V, 24V, 34V output OVP options 1.2 MHz PWM operation Over 500mA switch current 95mV feedback voltage <1% line and load regulation <1A shutdown current Overtemperature protection UVLO 2mm x 2mm 8-pin MLF(R) package -40C to +125C junction temperature range For higher performance specifications see the MIC2289 Applications * White LED driver for backlighting: - Cell phones - PDAs - GPS systems - Digital cameras - MP3 players - IP phones * LED flashlights * Constant current power supplies Typical Application 10H 82 80 EFFICIENCY (%) MIC2289C-15BML 1-Cell Li Ion VIN 1F EN GND SW OUT FB 95mV 0.22F/16V 3-Series LED Efficiency 78 76 74 72 70 0 VIN =3.6V 5 10 15 IOUT (mA) 20 25 3-Series White LED Driver MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com September 2006 1 M9999-090706 Micrel, Inc. MIC2289C Ordering Information Part Number MIC2289CBD5 MIC2289CYD5 MIC2289C-15BML MIC2289C-15YML MIC2289C-24BML MIC2289C-24YML MIC2289C-34BML MIC2289C-34YML Marking Code SGAA| SGAA| SLA SLA SLB SLB SLC SLC Overoltage Protection N/A N/A 15V 15V 24V 24V 34V 34V Junction Temp. Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package 5-Pin Thin SOT-23 5-Pin Thin SOT-23 8-Pin 2mm x 2mm MLF 8-Pin 2mm x 2mm MLF (R) (R) Lead Finish Standard Pb-Free Standard Pb-Free Standard Pb-Free Standard Pb-Free 8-Pin 2mm x 2mm MLF(R) 8-Pin 2mm x 2mm MLF(R) 8-Pin 2mm x 2mm MLF (R) 8-Pin 2mm x 2mm MLF(R) Note: Marking bars may not be to scale. Pin Configuration FB GND SW 1 2 3 Denotes Pb-Free Denotes Pb-Free OUT Denotes MIC2289C 1 2 3 4 8 7 6 PGND SW FB NC Denotes MIC2289C SGAA 4 EN 5 VIN VIN EN AGND SLA EP 5 5- Pin Thin SOT-23 (D5) 8-Pin MLF(R) (ML) (Top View) Fused Lead Frame Pin Description Pin Number TSOT-23-5 1 2 3 Pin Number (R) MLF -8 7 6 Pin Name SW GND FB Pin Name Switch node (Input): Internal power BIPOLAR collector. Ground (Return): Ground. Feedback (Input): Output voltage sense node. Connect the cathode of the LED to this pin. A resistor from this pin to ground sets the LED current. Enable (Input): Logic high enables regulator. Logic low shuts down regulator. Supply (Input): 2.7V to 8V for internal circuitry. Output Pin and Overvoltage Protection (Output): Connect to the output capacitor and LEDs. Analog ground. Power ground. No connect (no internal connection to die). Ground (Return): Exposed backside pad. 4 5 3 2 1 4 8 5 EP EN VIN OUT AGND PGND NC GND September 2006 2 M9999-090706 Micrel, Inc. MIC2289C Absolute Maximum Ratings(1) Supply Voltage (VIN) .......................................................12V Switch Voltage (VSW)....................................... -0.3V to 34V Enable Pin Voltage (VEN)................................... -0.3V to VIN FB Voltage (VFB)...............................................................6V Switch Current (ISW) .........................................................2A Ambient Storage Temperature (Ts) ...........-65C to +150C Schottky Reverse Voltage (VDA).....................................34V EDS Rating(3) .................................................................. 2kV Operating Ratings(2) Supply voltage (VIN) ........................................ 2.5V to +10V Output Voltage (VIN) ............................................ VIN to VOVP Junction Temperature (TJ) ........................ -40C to +125C Package Thermal Resistance 2mm x 2mm MLF(R) (JA).....................................93C/W Thin SOT-23-5 (JA) ........................................256C/W Electrical Characteristics(4) TA = 25C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 20mA, unless otherwise noted. Bold values indicate -40C< TJ < +125C. Symbol VIN VUVLO IVIN ISD VFB IFB Parameter Supply Voltage Range Under Voltage Lockout Quiescent Current Shutdown Current Feedback Voltage Feedback Input Current Line Regulation DMAX ISW VSW ISW VEN IEN fSW VD IRD VOVP (6) Condition Min 2.5 1.8 Typ 2.1 2.5 0.1 Max 10 2.4 5 1 105 Units V V mA A mV nA % % % mA mV VFB > 200mV, (not switching) VEN = 0V(5) (10%) VFB = 95Mv 3V VIN 5V 5mA IOUT 20mA 85 ISW = 0.5A VEN = 0V, VSW = 10V TURN ON TURN OFF VEN = 10V 1.05 ID = 150mA VR = 30V MIC2289CBML-15 only MIC2289CBML-24 only MIC2289CBML-34 only Hysteresis 11.5 19 27 1.5 85 95 -450 0.5 0.5 90 750 450 0.01 Load Regulation(6) Maximum Duty Cycle Switch Current Limit Switch Saturation Voltage Switch Leakage Current Enable Threshold Enable Pin Current Oscillator Frequency Schottky Forward Drop Schottky Leakage Current Overvoltage Protection 5 0.4 A V V A MHz V A V V V C C 20 1.2 0.8 14 22.5 32 150 10 40 1.35 1 4 16.5 26 37 TJ Notes: Overtemperature Threshold Shutdown 1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance, JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. 2. The device is not guaranteed to function outside its operating rating. 3. Devices are ESD sensitive. Handling precautions recommended. Human body model. 4. Specification for packaged product only. 5. ISD = IVIN. 6. Guaranteed by design September 2006 3 M9999-090706 Micrel, Inc. MIC2289C Typical Characteristics 100 99 FB VOLTAGE (mV) 98 97 96 95 94 93 92 91 90 0 2 4 6 VIN (V) 8 10 12 Feedback Voltage vs. Input Voltage SHUTDOWN CURRENT (A) 5 4 3 2 1 0 Shutdown Voltage vs. Input Voltage QUIESCENT CURRENT (mA) 5 4 3 2 1 0 Quiescent Current vs. Input Current 0 2 4 6 VIN (V) 8 10 12 0 2 4 6 VIN (V) 8 10 12 SCHOTTKY FORWARD CURRENT (mA) SWITCHING FREQUENCY (MHz) 1.4 1.2 Switch Frequency vs. Temperature 50 45 40 IENABLE (A) EN Pin Bias Current vs. Temperature 700 600 500 400 300 200 100 Schottky Forward Voltage Drop 1.0 0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) 35 I = 10V 30 E N 25 20 I = 4.2V 15 E N I = 3.6V EN 10 5 I = 3.0V EN 0 -50 0 50 TEMPERATURE (C) 1050 100 SCHOTTKY FORWARD VOLTAGE DROP (mV) SCHOTTKY LEAKAGE CURRENT (A) 2.5 2 1.5 1 0.5 Schottky Reverse Leakage Current SATURATION VOLTAGE (mV) 550 500 450 400 350 300 -40 Saturation Voltage vs. Temperature 900 CURRENT LIMIT (mA) 850 800 750 700 650 Current Limit vs. Temperature VR = 25V VR = 16V VR = 10V 0 30 40 50 60 70 80 90 100 TEMPERATURE (C) IS W = 500mA 0 40 80 TEMPERATURE (C) 120 VIN = 2.5V 600 -40 0 40 80 TEMPERATURE (C) 600 SATURATION VOLTAGE (mV) 500 400 300 200 100 Switch Saturation Voltage vs. Current VIN = 2.5V VIN = 5V 0 0 100 200 300 ISW (mA) 400 500 September 2006 4 M9999-090706 1150 450 550 650 750 850 950 0 120 Micrel, Inc. MIC2289C Functional Diagram VIN FB EN OUT OVP SW gm VREF 95mV S PWM Generator 1.2MHz Oscillator Ramp Generator GND MIC2289C Block Diagram Functional Description The MIC2289C is a constant frequency, PWM current mode boost regulator. The block diagram is shown above. The MIC2289C is composed of an oscillator, slope compensation ramp generator, current amplifier, gm error amplifier, PWM generator, 500mA bipolar output transistor, and Schottky rectifier diode. The oscillator generates a 1.2MHz clock. The clock's two functions are to trigger the PWM generator that turns on the output transistor and to reset the slope compensation ramp generator. The current amplifier is used to measure the switch current by amplifying the voltage signal from the internal sense resistor. The output of the current amplifier is summed with the output of the slope compensation ramp generator. This summed current-loop signal is fed to one of the inputs of the PWM generator. The gm error amplifier measures the LED current through the external sense resistor and amplifies the error between the detected signal and the 95mV reference voltage. The output of the gm error amplifier provides the voltage-loop signal that is fed to the other input of the PWM generator. When the current-loop signal exceeds the voltage-loop signal, the PWM generator turns off the bipolar output transistor. The next clock period initiates the next switching cycle, maintaining the constant frequency current-mode PWM control. The LED is set by the feedback resistor: ILED = 95mW R FB The Enable pin shuts down the output switching and disables control circuitry to reduce input current-toleakage levels. Enable pin input current is zero at zero volts. September 2006 5 M9999-090706 Micrel, Inc. MIC2289C inductor and output capacitor values for various seriesLED applications. External Component Selection The MIC2289C can be used across a wide rage of applications. The table below shows recommended Series LEDs 2 L 22H 15H 10H 6.8H 4.7H 3 22H 15H 10H 6.8H 4.7H 4 22H 15H 10H 6.8H 4.7H 5, 6 22H 15H 10H 6.8H 4.7H 7, 8 22H 15H 10H 6.8H 4.7H Manufacturer LQH32CN220K21 (Murata) NLC453232T-220K(TDK) LQH32CN150K21 (Murata) NLC453232T-150K(TDK) LQH32CN100K21 (Murata) NLC453232T-100K(TDK) LQH32CN6R8K21 (Murata) NLC453232T-6R8K(TDK) LQH32CN4R7K21 (Murata) NLC453232T-4R7K(TDK) LQH43MN220K21 (Murata) NLC453232T-220K(TDK) LQH43MN 150K21 (Murata) NLC453232T-150K(TDK) LQH43MN 100K21 (Murata) NLC453232T-100K(TDK) LQH43MN 6R8K21 (Murata) NLC453232T-6R8K(TDK) LQH43MN 4R7K21 (Murata) NLC453232T-4R7K(TDK) LQH43MN220K21 (Murata) NLC453232T-220K(TDK) LQH43MN 150K21 (Murata) NLC453232T-150K(TDK) LQH43MN 100K21 (Murata) NLC453232T-100K(TDK) LQH43MN 6R8K21 (Murata) NLC453232T-6R8K(TDK) LQH43MN 4R7K21 (Murata) NLC453232T-4R7K(TDK) LQH43MN220K21 (Murata) NLC453232T-220K(TDK) LQH43MN 150K21 (Murata) NLC453232T-150K(TDK) LQH43MN 100K21 (Murata) NLC453232T-100K(TDK) LQH43MN 6R8K21 (Murata) NLC453232T-6R8K(TDK) LQH43MN 4R7K21 (Murata) NLC453232T-4R7K(TDK) LQH43MN220K21 (Murata) NLC453232T-220K(TDK) LQH43MN 150K21 (Murata) NLC453232T-150K(TDK) LQH43MN 100K21 (Murata) NLC453232T-100K(TDK) LQH43MN 6R8K21 (Murata) NLC453232T-6R8K(TDK) LQH43MN 4R7K21 (Murata) NLC453232T-4R7K(TDK) Min COUT 2.2F 1F 0.22F 0.22F 0.22F 2.2F 1F 0.22F 0.22F 0.27F 1F 1F 0.27F 0.27F 0.27F 0.22F 0.22F 0.27F 0.27F 0.27F 0.22F 0.22F 0.27F 0.27F 0.27F Manufacturer 0805ZD225KAT(AVX) GRM40X5R225K10(Murata) 0805ZD105KAT(AVX) GRM40X5R105K10(Murata) 0805ZD224KAT(AVX) GRM40X5R224K10(Murata) 0805ZD225KAT(AVX) GRM40X5R225K10(Murata) 0805ZD224KAT(AVX) GRM40X5R224K10(Murata) 0805YD225MAT(AVX) GRM40X5R225K16(Murata) 0805YD105MAT(AVX) GRM40X5R105K16(Murata) 0805YD224MAT(AVX) GRM40X5R224K16(Murata) 0805YD224MAT(AVX) GRM40X5R224K16(Murata) 0805YD274MAT(AVX) GRM40X5R224K16(Murata) 0805YD105MAT(AVX) GRM40X5R105K25(Murata) 0805YD105MAT(AVX) GRM40X5R105K25(Murata) 0805YD274MAT(AVX) GRM40X5R274K25(Murata) 0805YD274MAT(AVX) GRM40X5R274K25(Murata) 0805YD274MAT(AVX) GRM40X5R274K25(Murata) 08053D224MAT(AVX) GRM40X5R224K25(Murata) 08053D224MAT(AVX) GRM40X5R224K25(Murata) 08053D274MAT(AVX) GRM40X5R274K25(Murata) 08053D274MAT(AVX) GRM40X5R274K25(Murata) 08053D274MAT(AVX) GRM40X5R274K25(Murata) 08053D224MAT(AVX) GRM40X5R224K25(Murata) 08053D224MAT(AVX) GRM40X5R224K25(Murata) 08053D274MAT(AVX) GRM40X5R274K25(Murata) 08053D274MAT(AVX) GRM40X5R274K25(Murata) 08053D274MAT(AVX) GRM40X5R274K25(Murata) M9999-090706 September 2006 6 Micrel, Inc. MIC2289C Dimming Control There are two techniques for dimming control. One is PWM dimming, and the other is continuous dimming. 1. PWM dimming control is implemented by applying a PWM signal on EN pin as shown in Figure 1. The MIC2289C is turned on and off by the PWM signal. With this method, the LEDs operate with either zero or full current. The average LED current is increased proportionally to the duty-cycle of the PWM signal. This technique has high-efficiency because the IC and the LEDs consume no current during the off cycle of the PWM signal. Typical frequency should be between 100Hz and 10kHz. 2. Continuous dimming control is implemented by applying a DC control voltage to the FB pin of the MIC2289C through a series resistor as shown in Figure 2. The LED current is decreased proportionally with the amplitude of the control voltage. The LED intensity (current) can be dynamically varied applying a DC voltage to the FB pin. The DC voltage can come from a DAC signal, or a filtered PWM signal. The advantage of this approach is that a high frequency PWM signal (>10kHz) can be used to control LED intensity. VIN Open-Circuit Protection If the LEDs are disconnected from the circuit, or in case an LED fails open, the sense resistor will pull the FB pin to ground. This will cause the MIC2289C to switch with a high duty-cycle, resulting in output overvoltage. This may cause the SW pin voltage to exceed its maximum voltage rating, possibly damaging the IC and the external components. To ensure the highest level of protection, the MIC2289C has 3 product options in the 2mm x 2mm MLF(R)-8 with overvoltage protection, OVP. The extra pins of the 2mm x 2mm MLF(R)-8 package allow a dedicated OVP monitor with options for 15V, 24V, or 34V (see Figure 3). The reason for the three OVP levels is to let users choose the suitable level of OVP for their application. For example, a 3-LED application would typically see an output voltage of no more than 12V, so a 15V OVP option would offer a suitable level of protection. This allows the user to select the output diode and capacitor with the lowest voltage ratings, therefore smallest size and lowest cost. The OVP will clamp the output voltage to within the specified limits. For the Thin SOT-23-5 package, an OVP pin is not available. An external zener diode can be connected from the output of the converter to FB pin as shown in Figure 4 to implement similar protection. VIN VIN VIN SW OUT PWM EN FB GND SW OUT EN GND FB Figure 3. MLF(R) Package OVP Circuit Figure 1. PWM Dimming Method VIN VIN VIN VIN SW OUT EN GND FB 5.11k 49.9k DC Equivalent Figure 2. Continuous Dimming SW FB GND 5.11k EN Figure 4. Thin SOT-23 Package OVP Circuit September 2006 7 M9999-090706 Micrel, Inc. MIC2289C VIN CSS 2200pF Start-Up and Inrush Current During start-up, inrush current of approximately double the nominal current flows to set up the inductor current and the voltage on the output capacitor. If the inrush current needs to be limited, a soft-start circuit similar to Figure 5 could be implemented. The soft-start capacitor, CSS, provides over-drive to the FB pin at start-up, resulting in gradual increase of switch duty cycle and limited inrush current. VIN SW OUT EN GND FB R 10k Figure 5. One of Soft-Start Circuit 6-Series LED Circuit without External Soft-Start 6-Series LED Circuit with External Soft-Start OUTPUT VOLTAGE INPUT CURREN T ENABLE (200mA/div) (2V/div) L = 10H CIN = 1F COUT = 0.22F VIN = 3.6V IOUT = 20mA 6 LEDs OUTPUT VOLTAGE INPUT CURREN T ENABLE (200mA/div) (2V/div) L = 10H CIN = 1F COUT = 0.22F VIN = 3.6V IOUT = 20mA 6 LEDs CSS = 2200pF TIME (100s/di v.) TIME (100s/di v.) Figure 6. 6-Series LED Circuit without External Soft Start Figure 7. 6-Series LED Circuit with External Soft Start September 2006 8 M9999-090706 Micrel, Inc. MIC2289C Package Information 5-Pin Thin SOT-23 (D5) 8-Pin MLF(R) (ML) September 2006 9 M9999-090706 Micrel, Inc. MIC2289C MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http:/www.micrel.com The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. September 2006 10 M9999-090706 |
Price & Availability of MIC2289CYD5 |