Part Number Hot Search : 
TC74H MAX1462 29DL32BF 1620C 3V240RL 10504 15400 HE892
Product Description
Full Text Search
 

To Download MI-RAM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MI - RAM
Features
TM
Military Ripple Attenuator Modules
" Reduces output PARD to <10mV pp " Full attenuation up to 20A load " Compatible with all MI-Series units from 5 to 50Vdc output " No adjustments required
" 93%-99% efficiency " Converter sense, trim, OV and OC retained " MIL-STD-810 environments " Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7mm)
Product Highlights
The MI-RAM is designed for military applications where extremely low noise outputs are required. When used with any Vicor MI-Series DC-DC converter, the MI-RAM reduces both line frequency related ripple and switching noise to less than 10mV p-p, DC to 20MHz. The combination of the MI-RAM with an MI converter provides the output noise performance of a linear supply at a power density in excess of 15W/in3. All of the features of the MI-Series converter remain available while using the MI-RAM, including output voltage trimming, OVP and OTP (MI-200 only), current limiting, remote sense, and output inhibit. All units are manufactured in ISO 9001-registered facilities. Full epoxy encapsulation in a low profile package enables the MI-RAM to meet MIL-STD-810 environmental testing requirements.
Attenuation vs. Frequency (typical)
25 db 30 db 35 db Attenuation 40 db 45 db 50 db 55 db 60 db 10 Hz 100 Hz 1 KHz 10 KHz Frequency 100 KHz 1 MHz 10 MHz
Specifications
(At TBP = 25C, unless otherwise specified)
PARAMETER Output noise and ripple MIN TYP 2.0 6.0 MAX UNITS NOTES
3.0 mV pp MI-200; 10% to 100% load 10.0 mV pp MI-J00; 10% to 100% load Input voltage range 5Vdc 50 Vdc Output voltage accuracy 99.5 100.5 % Of MI source converter Full load current 10 A MI-RAM-I1 and MI-RAM-M1 20 A MI-RAM-I2 and MI-RAM-M2 DC voltage drop 0.34 0.38 10% to full load Dissipation = (DC voltage drop x load current) + (Vin x 15 mA) Isolation 250 Vrms Input/output to baseplate Weight 3.0 (85) ounces (grams)
Product Grade Specifications
PARAMETER I - Grade Storage temperature Operating temperature (baseplate) Power cycling burn-in Temperature cycled with power off 17C per minute rate of change Test data supplied at these temperatures* Warranty Environmental compliance -55C to +125C -40C to +100C 12 hours, 25 cycles 12 cycles -65C to +100C -40C, +80C 2 years MIL-STD-810 PRODUCT GRADE M- Grade -65C to +125C -55C to +100C 96 hours, 200 cycles 12 cycles -65C to +100C -55C, +80C 2 years MIL-STD-810
*Test data available for review or download from vicorpower.com
Mechanical Drawing
2.28 (57,9)
0.49 (12,4) 1.30 (33,0) 0.65 (16,5)
0.300.015 (7,6)(0,38) 4 3 2.10 (53,4)
0.080 Dia (2) places Solder plate over copper alloy 9 8
1.40 1.00 (35,6) 0.70 (25,4) 0.40 (17,8) (10,2)
0.35 0.015 (8,9)(0,38)
MI-RAM
2 1
7 6 5
Input to the converter (10V/cm)
Output from the RAM (2mV/cm)
0.15 (3,8)
Pin # 1 2 3 4 5 6 7 8 9
Function +In +Sense In -Sense In -In +Out +Sense NC -Sense -Out
FULL R 0.15 (3,8) 1.90 (48,3)
0.040 (1,0) Dia (7) places Solder plate over copper alloy Product ID this surface 0.22 (5,6) Min. 0.30 (7,6) Min. 2.40 (61,0) 1.75 (44,4) Max.
0.50 (12,7)
+0.030 (0,76) -0.000 (0)
0.01
MI-RAM 04/03
1 of 1
0.12 (3,0)
Aluminum Base


▲Up To Search▲   

 
Price & Availability of MI-RAM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X