|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM DESCRIPTION The MH16S72DDFA is 16777216 - word x 72-bit Sy nchronous DRAM module. This consist of eighteen industry standard 16M x 4 Sy nchronous DRAMs in TSOP. The TSOP on a card edge dual in-line package prov ides any application where high densities and large of quantities memory are required. This is a socket-ty pe memory m odule ,suitable f or easy interchange or addition of m odule. 85pin 1pin FEATURES Type name Max. Frequency CLK Access Time [component level] 94pin 95pin 10pin 11pin MH16S72DDFA-7 MH16S72DDFA-8 100MHz 100MHz 6ns (CL = 2, 3) 6ns (CL = 3) Utilizes industry standard 16M X 4 Synchronous DRAMs in TSOP package , industry standard Resistered buffer in TSSOP package and industry standard PLL in TSSOP package Single 3.3V +/- 0.3V supply LVTTL Interface Burst length 1/2/4/8/Full Page(programmable) Burst W rite / Single W rite(programmable) Auto precharge / All bank precharge controlled by A10 Auto refresh and Self refresh 4096 refresh cycles every 64ms Discrete IC and module design conform to PC/100 specification. (module Spec. Rev. 1.2 and SPD 1.2A) 124pin 125pin 40pin 41pin APPLICATION Main memory unit for computers, Microcomputer memory. 168pin 84pin MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 1 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 PIN NAME VSS DQ0 DQ1 DQ2 DQ3 VDD DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VDD DQ14 DQ15 CB0 CB1 VSS NC NC VDD /WE DQMB0 DQMB1 /S0 NC VSS A0 A2 A4 A6 A8 A10 BA1 VDD VDD CK0 PIN NO. 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 PIN NAME VSS NC /S2 DQMB2 DQMB3 NC VDD NC NC CB2 CB3 VSS DQ16 DQ17 DQ18 DQ19 VDD DQ20 NC Vref , N C CKE1 VSS DQ21 DQ22 DQ23 VSS DQ24 DQ25 DQ26 DQ27 VDD DQ28 DQ29 DQ30 DQ31 VSS CK2 NC WP SDA SCL VDD PIN NO. 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 PIN NAME VSS DQ32 DQ33 DQ34 DQ35 VDD DQ36 DQ37 DQ38 DQ39 DQ40 VSS DQ41 DQ42 DQ43 DQ44 DQ45 VDD DQ46 DQ47 CB4 CB5 VSS NC NC VDD /CAS DQMB4 DQMB5 NC /RAS VSS A1 A3 A5 A7 A9 BA0 A11 VDD CK1 NC PIN NO. 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 PIN NAME VSS CKE0 NC DQMB6 DQMB7 NC VDD NC NC CB6 CB7 VSS DQ48 DQ49 DQ50 DQ51 VDD DQ52 NC Vref , N C REGE VSS DQ53 DQ54 DQ55 VSS DQ56 DQ57 DQ58 DQ59 VDD DQ60 DQ61 DQ62 DQ63 VSS CK3 NC SA0 SA1 SA2 VDD NC = No Connection MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 2 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Add CKE0 /S0,2 DQM0-7 /W /RAS /CAS DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 CB0 CB1 CB2 CB3 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 D8 D5 D4 D3 D0 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 CB4 CB5 CB6 CB7 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 D17 D16 D15 D14 D13 D12 D9 D1 D10 D2 D11 D6 D7 CK0 CK1 - CK3 PLL Terminated SERIAL PD SCL SDA VDD VSS D0 to D17 D0 to D17 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 3 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 PIN FUNCTION CK0 Input Master Clock:All other inputs are referenced to the rising edge of CK Clock Enable:CKE controls internal clock.When CKE is low,internal clock for the following cycle is ceased. CKE is also used to select auto / self refresh. After self refresh mode is started, CKE E becomes asynchronous input.Self refresh is maintained as long as CKE is low. Chip Select: When /S is high,any command means No Operation. Combination of /RAS,/CAS,/W defines basic commands. A0-11 specify the Row/Column Address in conjunction with BA.The Row Address is specified by A0-11.The Column Address is specified by A0-9.A10 is also used to indicate precharge option.When A10 is high at a read / write command, an auto precharge is performed. When A10 is high at a precharge command, both banks are precharged. Bank Address:BA0,1 is not simply BA.BA0,1 specifies the bank to which a command is applied.BA must be set with ACT,PRE,READ,WRITE commands CKE0 Input /S0,2 /RAS,/CAS,/W Input Input A0-11 Input BA0-1 DQ0-63 CB0-7 DQM0-7 Input Input/Output Data In and Data out are referenced to the rising edge of CK Input Din Mask/Output Disable:When DQMB is high in burst write.Din for the current cycle is masked.When DQMB is high in burst read,Dout is disabled at the next but one cycle. Vdd,Vs s Power Supply Power Supply for the memory mounted module. Register enable:When REGE is low,All control signals and address are buffered. (Buffer mode) When REGE is high,All control and address are latched. (Latch mode) REGE Output MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 4 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM BASIC FUNCTIONS The MH16S72DDFA provides basic functions,bank(row)activate,burst read / write, bank(row)precharge,and auto / self refresh. Each command is defined by control signals of /RAS,/CAS and /WE at CK rising edge. In addition to 3 signals,/S,CKE and A10 are used as chip select,refresh option,and precharge option,respectively. To know the detailed definition of commands please see the command truth table. CK /S /RAS /CAS /WE CKE A10 Chip Select : L=select, H=deselect Command Command Command Ref resh Option @ref resh command Precharge Option @precharge or read/write command def ine basic commands Activate(ACT) [/RAS =L, /CAS = /WE =H] ACT command activates a row in an idle bank indicated by BA. Read(READ) [/RAS =H,/CAS =L, /WE =H] READ command starts burst read from the active bank indicated by BA.First output data appears after /CAS latency. When A10 =H at this command,the bank is deactivated after the burst read(auto-precharge,READA). Write(WRITE) [/RAS =H, /CAS = /WE =L] WRITE command starts burst write to the active bank indicated by BA. Total data length to be written is set by burst length. When A10 =H at this command, the bank is deactivated after the burst write(auto-precharge,WRITEA). Precharge(PRE) [/RAS =L, /CAS =H,/WE =L] PRE command deactivates the active bank indicated by BA. This command also terminates burst read / write operation. When A10 =H at this command, both banks are deactivated(precharge all, PREA). Auto-Refresh(REFA) [/RAS =/CAS =L, /WE =CKE =H] PEFA command starts auto-refresh cycle. Refresh address including bank address are generated internally. After this command, the banks are precharged automatically. MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 5 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM COMMAND TRUTH TABLE COMMAND Deselect No Operation Row Adress Entry & Bank Activate Single Bank Precharge Precharge All Bank Column Address Entry & Write Column Address Entry & Write with AutoPrecharge Column Address Entry & Read Column Address Entry & Read with Auto Precharge Auto-Refresh Self-Refresh Entry Self-Refresh Exit Burst Terminate Mode Register Set MNEMONIC DESEL NOP ACT PRE PREA WRITE CK n-1 H H H H H H CK n X X X X X X /S H L L L L L /RAS /CAS X H L L L LH X H H H H H /WE X H H L L L BA X X V V V V A10 X X V L H L A0-9 X X V X X V WRITEA H X L H L L V H V READ H X L H L H V L V READA REFA REFS REFSX TERM MRS H H H L L H H X H L H H X X L L L H L L L H HL L LX H H L L L L X H H L H H H X H L L V X X X X X L H X X X X X L V X X X X X V*1 H =High Level, L = Low Level, V = Valid, X = Don't Care, n = CK cycle number NOTE: 1.A7-9 = 0, A0-6 = Mode Address MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 6 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM FUNCTION TRUTH TABLE Current State IDLE /S H L L L L L L L ROW ACTIVE H L L L L L L L L READ H L L L /RAS /CAS X X H H H L L L L X H H H H L L L L X H H H H H L H H L L X H H L L H H L L X H H L /WE X H L X H L H L X H L H L H L H L X H L H X X BA BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 Address Command DESEL NOP TBST NOP NOP ILLEGAL*2 Action READ/WRITE ILLEGAL*2 ACT Bank Active,Latch RA PRE/PREA NOP*4 REFA MRS DESEL NOP TBST READ/READA WRITE/ WRITEA ACT PRE/PREA REFA MRS DESEL NOP TBST Auto-Refresh*5 Mode Register Set*5 NOP NOP NOP Begin Read,Latch CA, Determine Auto-Precharge Begin Write,Latch CA, Determine Auto-Precharge Bank Active/ILLEGAL*2 Precharge/Precharge All ILLEGAL ILLEGAL NOP(Continue Burst to END) NOP(Continue Burst to END) Terminate Burst Terminate Burst,Latch CA, READ/READA Begin New Read,Determine Auto-Precharge*3 Terminate Burst,Latch CA, L L L L L H L L L L L H H L L L H L H L BA,CA,A10 WRITE/WRITEA Begin Write,Determine AutoPrecharge*3 BA,RA BA,A10 X Op-Code, Mode-Add ACT PRE/PREA REFA MRS Bank Active/ILLEGAL*2 Terminate Burst,Precharge ILLEGAL ILLEGAL MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 7 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM FUNCTION TRUTH TABLE(continued) Current State WRITE /S H L L L /RAS /CAS X X H H H H H L /WE Address X X HX L BA H BA,CA,A10 Command DESEL NOP TBST Action NOP(Continue Burst to END) NOP(Continue Burst to END) Terminate Burst Terminate Burst,Latch CA, READ/READA Begin Read,Determine AutoPrecharge*3 WRITE/ WRITEA ACT PRE/PREA REFA MRS DESEL NOP TBST Terminate Burst,Latch CA, Begin Write,Determine AutoPrecharge*3 Bank Active/ILLEGAL*2 Terminate Burst,Precharge ILLEGAL ILLEGAL NOP(Continue Burst to END) L L L L L READ with AUTO PRECHARGE H L L L L L L L L WRITE with AUTO PRECHARGE H L L L L L L L L H L L L L X H H H H L L L L X H H H H L L L L L H H L L X H H L L H H L L X H H L L H H L L L H L H L X H L H L H L H L X H L H L H L H L BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add NOP(Continue Burst to END) ILLEGAL READ/READA ILLEGAL WRITE/ ILLEGAL WRITEA ACT Bank Active/ILLEGAL*2 PRE/PREA ILLEGAL*2 REFA ILLEGAL MRS DESEL NOP TBST ILLEGAL NOP(Continue Burst to END) NOP(Continue Burst to END) ILLEGAL READ/READA ILLEGAL WRITE/ ILLEGAL WRITEA ACT PRE/PREA REFA MRS Bank Active/ILLEGAL*2 ILLEGAL*2 ILLEGAL ILLEGAL MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 8 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM FUNCTION TRUTH TABLE(continued) Current State PRE CHARGING /S H L L L L L L L ROW ACTIVATING H L L L L L L L WRITE RECOVERING H L L L L L L L /RAS /CAS X X H H H L L L L X H H H L L L L X H H H L L L L H H L H H L L X H H L H H L L X H H L H H L L /WE X H L X H L H L X H L X H L H L X H L X H L H L X X BA BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add Address Command DESEL NOP Action NOP(Idle after tRP) NOP(Idle after tRP) ILLEGAL*2 TBST READ/WRITE ILLEGAL*2 ACT PRE/PREA REFA MRS DESEL NOP TBST ACT PRE/PREA REFA MRS DESEL NOP TBST ACT PRE/PREA REFA MRS ILLEGAL*2 NOP*4(Idle after tRP) ILLEGAL ILLEGAL NOP(Row Active after tRCD NOP(Row Active after tRCD ILLEGAL*2 ILLEGAL*2 ILLEGAL*2 ILLEGAL ILLEGAL NOP NOP ILLEGAL*2 ILLEGAL*2 ILLEGAL*2 ILLEGAL ILLEGAL READ/WRITE ILLEGAL*2 READ/WRITE ILLEGAL*2 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 9 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM FUNCTION TRUTH TABLE(continued) Current State REFRESHING /S H L L L L L L L MODE REGISTER SETTING H L L L L L L L /RAS /CAS X H H H L L L L X H H H L L L L X H H L H H L L X H H L H H L L /WE X H L X H L H L X H L X H L H L X X BA BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add X X BA BA,CA,A10 BA,RA BA,A10 X Op-Code, Mode-Add Address Command DESEL NOP TBST Action NOP(Idle after tRC) NOP(Idle after tRC) ILLEGAL READ/WRITE ILLEGAL ACT PRE/PREA REFA MRS DESEL NOP TBST ILLEGAL ILLEGAL ILLEGAL ILLEGAL NOP(Idle after tRSC) NOP(Idle after tRSC) ILLEGAL READ/WRITE ILLEGAL ACT PRE/PREA REFA MRS ILLEGAL ILLEGAL ILLEGAL ILLEGAL ABBREVIATIONS: H = Hige Level, L = Low Level, X = Don't Care BA = Bank Address, RA = Row Address, CA = Column Address, NOP = No Operation NOTES: 1. All entries assume that CKE was High during the preceding clock cycle and the current clock cycle. 2. ILLEGAL to bank in specified state; function may be legal in the bank indicated by BA, depending on the state of that bank. 3. Must satisfy bus contention, bus turn around, write recovery requirements. 4. NOP to bank precharging or in idle state.May precharge bank indicated by BA. 5. ILLEGAL if any bank is not idle. ILLEGAL = Device operation and / or date-integrity are not guaranteed. MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 10 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM FUNCTION TRUTH TABLE FOR CKE Current State SELF REFRESH*1 CK n-1 H L L L L L L POWER DOWN H L L ALL BANKS IDLE*2 H H H H H H H L ANY STATE other than listed above H H L L CK n X H H H H H L X H L H L L L L L L X H L H L /S X H L L L L X X X X X L H L L L L X X X X X /RAS /CAS X X H H H L X X X X X L X H H H L X X X X X X X H H L X X X X X X L X H H L X X X X X X /WE X X H L X X X X X X X H X H L X X X X X X X Add X X X X X X X X X X X X X X X X X X X X X X INVALID Exit Self-Refresh(Idle after tRC) Exit Self-Refresh(Idle after tRC) ILLEGAL ILLEGAL ILLEGAL NOP(Maintain Self-Refresh) INVALID Exit Power Down to Idle NOP(Maintain Self-Refresh) Refer to Function Truth Table Enter Self-Refresh Enter Power Down Enter Power Down ILLEGAL ILLEGAL ILLEGAL Refer to Current State = Power Down Refer to Function Truth Table Begin CK0 Suspend at Next Cycle*3 Exit CK0 Suspend at Next Cycle*3 Maintain CK0 Suspend Action ABBREVIATIONS: H = High Level, L = Low Level, X = Don't Care NOTES: 1. CKE Low to High transition will re-enable CK and other inputs asynchronously. A minimum setup time must be satisfied before any command other than EXIT. 2. Power-Down and Self-Refresh can be entered only form the All banks idle State. 3. Must be legal command. MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 11 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM POWER ON SEQUENCE Before starting normal operation, the following power on sequence is necessary to prevent a SDRAM from damaged or malfunctioning. 1. Apply power and start clock. Attempt to maintain CKE high, DQMB high and NOP condition at the inputs. 2. Maintain stable power, stable cock, and NOP input conditions for a minimum of 500s. 3. Issue precharge commands for all banks. (PRE or PREA) 4. After all banks become idle state (after tRP), issue 8 or more auto-refresh commands. 5. Issue a mode register set command to initialize the mode register. After these sequence, the SDRAM is idle state and ready for normal operation. MODE REGISTER Burs t Length, Burst Type and /CAS Latency can be programmed by setting the mode register(MRS). The mode register stores these date until the next MRS command, which may be issue when both banks are in idle state. After tRSC from a MRS command, the SDRAM is ready for new command. CK /S BA0 BA1 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 /RAS /CAS 0 0 0 0 WM 0 0 LTMODE BT BL /WE BA0,1 A11-0 BL 000 001 0 0 0 0 1 1 1 1 CL 00 01 10 11 00 01 10 11 0 1 /CAS LATENCY R R 2 3 R R R R BURST SINGLE BIT BURST LENGTH 0 0 1 1 1 1 1 1 0 0 1 1 0 1 0 1 0 1 0 1 BT= 0 1 2 4 8 R R R FP SEQUENTIAL INTERLEAVED V BT= 1 1 2 4 8 R R R R LATENCY MODE BURST TYPE WRITE MODE R:Reserved for Future Use FP: Full Page MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 12 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM CK Command Address DQ CL= 3 BL= 4 /CAS Latency Read Y Q0 Q1 Q2 Q3 Write Y D0 D1 D2 D3 Burst Length Burst Type Burst Length Initial Address BL A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 0 0 1 1 A0 0 1 0 1 8 0 1 0 1 0 1 4 0 1 0 2 1 1 0 2 3 0 3 0 1 0 1 1 2 4 5 6 7 0 1 5 6 7 0 1 2 6 7 0 1 2 3 7 0 1 2 3 0 0 1 2 3 1 2 3 4 0 1 2 3 1 2 3 4 2 3 4 5 Sequential 3 4 5 6 4 5 6 7 5 6 7 0 Column Addressing Interleaved 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 0 1 2 3 0 1 1 0 3 2 5 4 7 6 1 0 3 2 1 0 2 3 0 1 6 7 4 5 2 3 0 1 3 2 1 0 7 6 5 4 3 2 1 0 4 5 6 7 0 1 2 3 5 4 7 6 1 0 3 2 6 7 4 5 2 3 0 1 7 6 5 4 3 2 1 0 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 13 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM ABSOLUTE MAXIMUM RATINGS Symbol Vdd VI VO IO Pd Topr Ts tg Parameter Supply Voltage Input Voltage Output Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Ta=25C Condition with respect to Vss with respect to Vss with respect to Vss Ratings -0.5 ~ 4.6 -0.5 ~ 4.6 -0.5 ~ 4.6 50 20.7 0 ~ 70 -45 ~ 100 Unit V V V mA W C C RECOMMENDED OPERATING CONDITION (Ta=0 ~ 70C, unless otherwise noted) Symbol Vdd Vs s VIH VIL Parameter Supply Voltage Supply Voltage High-Level Input Voltage all inputs Low-Level Input Voltage all inputs Min. 3.0 0 2.0 -0.3 Limits Typ. 3.3 0 Max. 3.6 0 Vdd+0.3 0.8 V V V V Unit Note) 1:VIH(max)=5.5V f or pulse width less than 10ns. 2.VIL(min)=-1.0 f or pulse width less than 10ns. CAPACITANCE (Ta=0 ~ 70C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted) Symbol CI(A) CI(C) CI(K) CI/O Parameter Input Capacitance, address pin Input Capacitance, control pin Input Capacitance, CK0 pin Input Capacitance, I/O pin f=1MHz Vi=25m Vrms Test Condition VI = Vss Limits(max.) 25 25 40 22 Unit pF pF pF pF MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 14 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM AVERAGE SUPPLY CURRENT from Vdd (Ta=0 ~70C, Vdd = 3.3 0.3V, Vss = 0V, unless otherwise noted) Limits (max) -7,-8 operating current one bank activ e (discrete) Parameter Symbol Test Condition tRC=min.tCLK=min, BL=1,CL=3 Unit mA mA mA mA mA mA mA mA mA mA Icc1 1285 61 43 385 295 565 475 1285 2005 43 precharge stanby Icc2P CKE=L,tCLK=15ns, /CS>Vcc-0.2V current in power-down mode Icc2PS CKE=CLK=L, /CS>Vcc-0.2V precharge stanby current Icc2N CKE=H,tCLK=15ns,VIH>Vcc-0.2V,VIL<0.2V in non power-down mode Icc2NS CKE=H,CLK=L,VIH>Vcc-0.2V,VIL<0.2V(f ixed) active stanby current in non power-down mode Icc3N CKE=H,tCLK=15ns one bank activ e (discrete) Icc3NS CKE=H,CLK=L tCLK=min, BL=4, CL=3,all banks activ e(discerte) burst current Icc4 auto-refresh current tRC=min, tCLK=min Icc5 self-refresh current Icc6 CKE <0.2V Note) 1:Icc(max) is specif ied at the output open condition. 2.Input signals are changed one time during 30ns. AC OPERATING CONDITIONS AND CHARACTERISTICS (Ta=0 ~ 70C, Vdd = 3.3 0.3V, Vss = 0V, unless otherwise noted) Limits Unit Min. Max. 2.4 VOH(DC) High-Level Output Voltage(DC) IOH=-2mA V VOL(DC) Low-Level Output Voltage(DC) IOL=2mA 0.4 V Off-stare Output Current Q floating VO=0 ~ Vdd -5 IOZ 5 uA Input Current Ii VIH=0 ~ Vdd+0.3V -5 5 uA Symbol Parameter Test Condition MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 15 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM AC TIMING REQUIREMENTS (Ta=0 ~ 70C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted) Input Pulse Levels: 0.8V to 2.0V Input Tim ing Measurement Level: 1.4V LATCH MODE Limits Symbol Parameter Min. tCLK tCH tCL tT tIS tIH tRC tRCD tRAS tRP tWR tRRD tRSC tSRX tPDE tREF CK cycle time CL=3 CL=4 10 10 3 3 1 2 1 70 20 50 20 20 20 10 10 10 64 -7 Max. Min. 13 10 3 3 1 2 1 70 20 50 20 20 20 10 10 10 -8 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms CK High pulse width CK Low pilse width Transition time of CK Input Setup time(all inputs) Input Hold time(all inputs) Row cycle tim e Row to Column Delay Row Active tim e Row Precharge time Write Recovery time Act to Act Deley tim e Mode Register Set Cycle tim e Self Refresh Exit time Power Down Exit tim e Refresh Interval time 10 10 100000 100000 64 Note:1 The timing requirements are assumed tT=1ns.If tT is longer than 1ns,(tT-1)ns should be added to the parameter. CK 1.4V Signal 1.4V Any AC timing is referenced to the input signal crossing through 1.4V. MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 16 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM BUFFER MODE Limits Symbol Parameter Min. tCLK tCH tCL tT tIS tIH tRC tRCD tRAS tRP tWR tRRD tRSC tSRX tPDE tREF CK cycle time CL=3 CL=4 10 10 3 3 1 7 0 70 20 50 20 20 20 10 10 10 64 -7 Max. Min. 13 10 3 3 1 7 0 70 20 50 20 20 20 10 10 10 -8 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms CK High pulse width CK Low pilse width Transition time of CK Input Setup time(all inputs) Input Hold time(all inputs) Row cycle tim e Row to Column Delay Row Active tim e Row Precharge time Write Recovery time Act to Act Deley tim e Mode Register Set Cycle tim e Self Refresh Exit time Power Down Exit tim e Refresh Interval time 10 10 100000 100000 64 Note:1 The tim ing requirements are assumed tT=1ns. If tT is longer than 1ns, (tT-1)ns should be added to the parameter. SWITCHING CHARACTERISTICS (Ta=0 ~ 70C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted) LATCH MODE Limits Symbol Parameter Min. tAC tOH tOLZ tOHZ Access time from CK Output Hold tim e from CK Delay time, output low impedance from CK Delay time, output high impedance from CK CL=3 CL=4 3 0 3 6 -7 Max. 6 6 -8 Min. Max. 7 6 Unit ns ns ns 3 0 3 6 ns Note) 1 If clock rising time is longer than 1ns,(tT/2-0.5)ns should be added to parameter. 15/Oct./1999 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 17 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM BUFFER MODE Limits Symbol Parameter Min. tAC tOH tOLZ tOHZ Access time from CK Output Hold tim e from CK Delay time, output low impedance from CK Delay time, output high impedance from CK CL=2 CL=3 3 0 3 6 -7 Max. 6 6 -8 Min. Max. 7 6 Unit ns ns ns 3 0 3 6 ns Note) 1 If clock rising time is longer than 1ns,(tT/2-0.5)ns should be added to parameter. Output Load Condition VTT=1.4V 501/2 DQ VOUT 50pF Output Timing Measurement Ref erence Point 1.4V CK 1.4V CK 1.4V DQ tAC tOH tOHZ 1.4V MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 18 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM WRITE CYCLE (single bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK tRC /CS tRAS tRP /RAS tRCD tRCD /CAS /WE tWR CKE DQM A0-9 X Y X Y A10 A11 X X X X BA0,1 REGE DQ 0 0 0 0 0 D0 D0 D0 D0 D0 D0 D0 D0 ACT#0 WRITE#0 PRE#0 ACT#0 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 15/Oct./1999 MITSUBISHI ELECTRIC 19 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM WRITE CYCLE (dual bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK tRC /CS tRRD tRRD tRAS tRP tRCD /RAS tRCD /CAS /WE tWR tWR CKE DQM A0-9 X X Y Y X X Y A10 A11 X X X X X X X X BA0,1 REGE DQ 0 1 0 1 0 0 1 2 0 D0 D0 D0 D0 D1 D1 D1 D1 D0 D0 D0 D0 ACT#0 WRITE#0 ACT#1 PRE#0 WRITE#1 ACT#0 ACT#2 WRITE#0 PRE#1 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 20 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM WRITE CYCLE (single bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Lacth mode(REGE="H") 11 12 13 14 15 16 17 CLK tRC /CS tRAS tRP /RAS tRCD tRCD /CAS /WE tWR CKE DQM A0-9 X Y X Y A10 A11 X X X X BA0,1 REGE 0 0 0 0 0 DQ ACT#0 D0 D0 D0 D0 D0 D0 D0 D0 WRITE#0 PRE#0 ACT#0 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 21 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM WRITE CYCLE (dual bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK tRC /CS tRRD tRRD tRAS tRP tRCD /RAS tRCD /CAS /WE tWR tWR CKE DQM A0-9 X X Y Y X X Y A10 A11 X X X X X X X X BA0,1 REGE 0 1 0 1 0 0 1 2 0 DQ ACT#0 D0 D0 D0 D0 D1 D1 D1 D1 D0 D0 D0 WRITE#0 ACT#1 PRE#0 WRITE#1 ACT#0 ACT#2 WRITE#0 PRE#1 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 22 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM READ CYCLE (single bank) 0 1 2 3 4 5 6 7 8 9 BL=4,CL=3,Buffer mode(REGE="L") 10 11 12 13 14 15 16 17 CLK tRC /CS tRAS tRP /RAS tRCD tRCD /CAS /WE CKE DQM DQM read latency =2 A0-9 X Y X Y A10 A11 X X X X BA0,1 REGE 0 0 0 0 0 CL=3 DQ ACT#0 READ#0 Q0 Q0 Q0 Q0 Q0 Q0 PRE#0 ACT#0 READ#0 READ to PRE BL allows full data out Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 23 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM READ CYCLE (dual bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,CL=3,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK tRC /CS /RAS tRRD tRAS tRCD tRP tRRD tRCD /CAS /WE CKE DQM DQM read latency =2 A0-9 X X Y Y X X Y A10 A11 BA0,1 X X X X X X X X 0 1 0 1 0 0 1 2 0 REGE CL=3 CL=3 Q0 Q0 Q0 Q0 Q1 Q1 Q1 Q1 Q0 DQ ACT#0 READ#0 ACT#1 PRE#0 READ#1 READ#0 ACT#0 PRE#1 ACT#2 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 24 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM READ CYCLE (single bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4, CL=3,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK tRC /CS tRAS tRP /RAS tRCD tRCD /CAS /WE CKE DQM DQM read latency =3 A0-9 X Y X Y A10 A11 BA0,1 REGE X X X X 0 0 0 0 0 CL=3 DQ ACT#0 READ#0 Q0 Q0 Q0 Q0 Q0 Q0 PRE#0 ACT#0 READ#0 READ to PRE BL allows full data out Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 25 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM READ CYCLE (dual bank) 0 1 2 3 4 5 6 7 8 9 BL=4,CL=3,Latch mode(REGE="H") 10 11 12 13 14 15 16 17 CLK tRC /CS /RAS tRRD tRAS tRP tRRD tRCD tRCD /CAS /WE CKE DQM DQM read latency =3 A0-9 X X Y Y X X Y A10 A11 BA0,1 X X X X X X X X 0 1 0 1 0 0 1 2 0 REGE CL=3 CL=3 Q0 Q0 Q0 Q0 Q1 Q1 Q1 Q1 Q0 DQ ACT#0 READ#0 ACT#1 PRE#0 READ#1 READ#0 ACT#0 PRE#1 ACT#2 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 26 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Burst WRITE (multi bank) with AUTO-PRECHARGE 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK tRC /CS tRRD tRRD /RAS tRCD tRCD tRCD /CAS /WE BL-1+ tWR + tRP BL-1+ tWR + tRP CKE DQM A0-9 X X Y Y X Y X Y A10 A11 BA0,1 X X X X X X X X 0 1 0 1 0 0 1 1 REGE DQ ACT#0 ACT#1 D0 D0 D0 D0 D1 D1 D1 D1 D0 D0 D0 D0 D1 WRITE#0 with AutoPrecharge ACT#0 WRITE#1 with AutoPrecharge WRITE#0 ACT#1 WRITE#1 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 27 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Burst WRITE (multi bank) with AUTO-PRECHARGE 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK tRC /CS tRRD tRRD /RAS tRCD tRCD tRCD /CAS /WE BL-1+ tWR + tRP BL-1+ tWR + tRP CKE DQM A0-9 X X Y Y X Y X Y A10 A11 BA0,1 X X X X X X X X 0 1 0 1 0 0 1 1 REGE DQ ACT#0 ACT#1 D0 D0 D0 D0 D1 D1 D1 D1 D0 D0 D0 D0 WRITE#0 with AutoPrecharge ACT#0 WRITE#1 with AutoPrecharge WRITE#0 ACT#1 WRITE#1 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 28 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Burst READ (multi bank) with AUTO-PRECHARGE 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK tRC /CS tRRD tRRD /RAS tRCD tRCD tRCD /CAS BL+tRP BL+tRP /WE CKE DQM DQM read latency =2 A0-9 A10 A11 X X Y Y X Y X Y X X X X X X X X BA0,1 REGE 0 1 0 1 0 0 1 1 CL=3 CL=3 Q0 Q0 Q0 Q0 Q1 Q1 Q1 Q1 CL=3 Q0 Q0 DQ ACT#0 ACT#1 READ#0 with Auto-Precharge ACT#0 READ#1 with Auto-Precharge READ#0 ACT#1 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 29 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Burst READ (multi bank) with AUTO-PRECHARGE 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK tRC /CS tRRD tRRD /RAS tRCD tRCD tRCD /CAS BL+tRP BL+tRP /WE CKE DQM DQM read latency =3 A0-9 A10 A11 X X Y Y X Y X Y X X X X X X X X BA0,1 REGE 0 1 0 1 0 0 1 1 CL=3 CL=3 Q0 Q0 Q0 Q0 Q1 Q1 Q1 Q1 CL=3 Q0 Q0 DQ ACT#0 ACT#1 READ#0 with Auto-Precharge ACT#0 READ#1 with Auto-Precharge READ#0 ACT#1 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 30 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Page Mode Burst Write (multi bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 BA0,1 X X Y Y Y Y X X X X 0 1 0 0 1 0 REGE DQ ACT#0 D0 D0 D0 D0 D0 D0 D0 D0 D1 D1 D1 D1 D0 D0 D0 WRITE#0 ACT#1 WRITE#0 WRITE#1 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 31 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Page Mode Burst Write (multi bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM A0-9 A10 X X Y Y Y Y X X A11 X X BA0,1 REGE DQ 0 1 0 0 1 0 D0 D0 D0 D0 D0 D0 D0 D0 D1 D1 D1 D1 D0 D0 ACT#0 WRITE#0 ACT#1 WRITE#0 WRITE#1 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 32 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Page Mode Burst Read (multi bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM DQM read latency=2 A0-9 A10 A11 X X Y Y Y Y X X X X BA0,1 REGE 0 1 0 0 1 0 CL=3 CL=3 Q0 Q0 Q0 Q0 Q0 Q0 CL=3 Q0 Q0 Q1 Q1 Q1 Q1 DQ ACT#0 READ#0 ACT#1 READ#0 READ#1 READ#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 33 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Page Mode Burst Read (multi bank) 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM DQM read latency=3 A0-9 A10 A11 X X Y Y Y Y X X X X BA0,1 REGE 0 1 0 0 1 0 CL=3 CL=3 Q0 Q0 Q0 Q0 Q0 Q0 CL=3 Q0 Q0 Q1 Q1 Q1 Q1 DQ ACT#0 READ#0 ACT#1 READ#0 READ#1 READ#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 34 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Write Interrupted by Write / Read 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD tCCD /CAS /WE CKE DQM A0-9 A10 A11 X X Y Y Y Y Y X X X X BA0,1 REGE 0 1 0 0 0 1 0 CL=3 DQ D0 D0 D0 D0 D0 D0 D1 D1 Q0 Q0 Q0 Q0 ACT#0 READ#0 WRITE#0 WRITE#0 WRITE#0 ACT#1 WRITE#1 Burst Write can be interrupted by Write or Read of any active bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 35 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Write Interrupted by Write / Read 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD tCCD /CAS /WE CKE DQM A0-9 A10 A11 X X Y Y Y Y Y X X X X BA0,1 REGE 0 1 0 0 0 1 0 CL=3 DQ D0 D0 D0 D0 D0 D0 D1 D1 Q0 Q0 Q0 Q0 ACT#0 READ#0 WRITE#0 WRITE#0 WRITE#0 ACT#1 WRITE#1 Burst Write can be interrupted by Write or Read of any active bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 36 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Read Interrupted by Read / Write 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM DQM read latency=2 A0-9 A10 A11 X X Y Y Y Y Y Y X X X X BA0,1 DQ REGE 0 1 0 0 0 1 0 0 Q0 Q0 Q0 Q0 Q0 Q0 Q1 Q1 Q0 D0 D0 ACT#0 READ#0 WRITE#0 READ#0 READ#0 READ#0 ACT#1 READ#1 blank to prevent bus contention Burst Read can be interrupted by Read or Write of any active bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 37 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Read Interrupted by Read / Write 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM DQM read latency=3 A0-9 A10 A11 X X Y Y Y Y Y Y X X X X BA0,1 DQ REGE 0 1 0 0 0 1 0 0 Q0 Q0 Q0 Q0 Q0 Q0 Q1 Q1 Q0 D0 ACT#0 READ#0 WRITE#0 READ#0 READ#0 READ#0 ACT#1 READ#1 blank to prevent bus contention Burst Read can be interrupted by Read or Write of any active bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 38 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Write Interrupted by Precharge 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 X X Y Y X Y X X X X X X BA0,1 0 1 0 1 0 1 1 1 DQ REGE D0 D0 D0 D0 D1 D1 D1 D1 D1 ACT#0 WRITE#0 ACT#1 PRE#0 WRITE#1 PRE#1 ACT#1 WRITE#1 Burst Write is not interrupted by Precharge of the other bank. Burst Write is interrupted by Precharge of the same bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 39 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Write Interrupted by Precharge 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS tRRD /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 X X Y Y X Y X X X X X X BA0,1 DQ REGE 0 1 0 1 0 1 1 1 D0 D0 D0 D0 D1 D1 D1 D1 D1 ACT#0 WRITE#0 ACT#1 PRE#0 WRITE#1 PRE#1 ACT#1 WRITE#1 Burst Write is not interrupted by Precharge of the other bank. Burst Write is interrupted by Precharge of the same bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 40 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Read Interrupted by Precharge 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS tRRD tRP /RAS tRCD tRCD /CAS /WE CKE DQM DQM read latency=2 A0-9 A10 A11 X X Y Y X Y X X X X X X BA0,1 DQ REGE 0 1 0 1 0 1 1 1 Q0 Q0 Q0 Q0 Q1 Q1 ACT#0 READ#0 ACT#1 PRE#0 READ#1 PRE#1 ACT#1 READ#1 Burst Read is not interrupted by Precharge of the other bank. Burst Read is interrupted by Precharge of the same bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 41 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Read Interrupted by Precharge 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS tRRD tRP /RAS tRCD tRCD /CAS /WE CKE DQM DQM read latency=3 A0-9 A10 A11 X X Y Y X Y X X X X X X BA0,1 DQ REGE 0 1 0 1 0 1 1 1 Q0 Q0 Q0 Q0 Q1 Q1 ACT#0 READ#0 ACT#1 PRE#0 READ#1 PRE#1 ACT#1 READ#1 Burst Read is not interrupted by Precharge of the other bank. Burst Read is interrupted by Precharge of the same bank. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 42 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Mode Register Setting 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 CLK /CS tRC tRSC /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 0 M X Y X X BA0,1 DQ REGE 0 0 D0 D0 D0 D0 Auto-Ref (last of 8 cycles) Mode Register Setting ACT#0 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 43 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Auto-Refresh @BL=4 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 CLK /CS tRC /RAS tRCD /CAS /WE CKE DQM A0-9 A10 X Y X A11 X BA0,1 DQ REGE 0 0 D0 D0 D0 D0 Auto-Refresh Before Auto-Refresh, all banks must be idle state. ACT#0 WRITE#0 After tRC from Auto-Refresh, all banks are idle state. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 44 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Self-Refresh 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 CLK CLK can be stopped tRC /CS /RAS /CAS /WE tSRX CKE CKE must be low to maintain Self-Refresh DQM A0-9 A10 A11 X X X BA0,1 DQ REGE 0 Self-Refresh Entry Before Self-Refresh Entry, all banks must be idle state. Self-Refresh Exit ACT#0 After tRC from Self-Refresh Exit, all banks are idle state. Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 45 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM DQM Write Mask @BL=4 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 X Y Y Y X X BA0,1 DQ REGE 0 0 0 0 masked D0 D0 D0 D0 D0 D0 D0 masked ACT#0 WRITE#0 WRITE#0 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 46 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM DQM Write Mask @BL=4 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 X Y Y Y X X BA0,1 DQ REGE 0 0 0 0 masked D0 D0 D0 D0 D0 D0 D0 masked ACT#0 WRITE#0 WRITE#0 WRITE#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 47 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM DQM Read Mask @BL=4 CL=3 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 X Y Y Y DQM read latency=2 X X BA0,1 DQ REGE 0 0 0 0 masked Q0 Q0 Q0 Q0 masked Q0 Q0 Q0 ACT#0 READ#0 READ#0 READ#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 48 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM DQM Read Mask @BL=4 CL=3 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS /RAS tRCD /CAS /WE CKE DQM A0-9 A10 A11 X Y Y Y DQM read latency=3 X X BA0,1 DQ REGE 0 0 0 0 masked Q0 Q0 Q0 Q0 masked Q0 Q0 Q0 ACT#0 READ#0 READ#0 READ#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 49 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Power Down 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 CLK /CS /RAS /CAS /WE Standby Power Down Active Power Down CKE CKE latency=1 DQM A0-9 A10 A11 X X X BA0,1 DQ REGE 0 Precharge All ACT#0 Italic parameter indicates minimum case MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 50 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM CLK Suspend @BL=4 CL=3 0 1 2 3 4 5 6 7 8 9 10 BL=4,Buffer mode(REGE="L") 11 12 13 14 15 16 17 CLK /CS /RAS tRCD /CAS /WE CKE CKE latency=1 CKE latency=1 DQM A0-9 A10 A11 X Y Y X X BA0,1 DQ REGE 0 0 0 D0 D0 D0 D0 Q0 Q0 Q0 Q0 ACT#0 READ#0 WRITE#0 CLK suspended CLK suspended Italic parameter indicates minimum case 15/Oct./1999 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 51 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM CLK Suspend @BL=4 CL=3 0 1 2 3 4 5 6 7 8 9 10 BL=4,Latch mode(REGE="H") 11 12 13 14 15 16 17 CLK /CS /RAS tRCD /CAS /WE CKE CKE latency=2 CKE latency=2 DQM A0-9 A10 A11 X Y Y X X BA0,1 DQ REGE 0 0 0 D0 D0 D0 D0 Q0 Q0 Q0 Q0 ACT#0 READ#0 WRITE#0 CLK suspended CLK suspended Italic parameter indicates minimum case 15/Oct./1999 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 52 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Serial Presence Detect Table I Byte 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Function described Defines # bytes written into serial memory at module mfgr Total # bytes of SPD memory device Fundamental memory type # Row Addresses on this assembly # Column Addresses on this assembly # Module Banks on this assembly Data Width of this assembly... ... Data Width continuation Voltage interface standard of this assembly SDRAM Cycletime at Max. Supported CAS Latency (CL). SPD enrty data 128 256 Bytes SDRAM A0-A11 A0-A9 1BANK x72 0 LVTTL 10ns SPD DATA(hex) 80 08 04 0C 0A 01 48 00 01 A0 60 02 80 04 04 01 8F 04 06 01 01 1F 0E A0 D0 60 70 00 00 14 14 14 32 Cycle time for CL=3 SDRAM Access from Clock tAC for CL=3 DIMM Configuration type (Non-parity,Parity,ECC) Refresh Rate/Type SDRAM width,Primary DRAM Error Checking SDRAM data width Minimum Clock Delay,Back to Back Random Column Addresses ECC 6ns self refresh(15.625uS) x4 x4 1 1/2/4/8/Full page 4bank 2/3 0 0 buffered,registered Precharge All,Auto precharge Write1/Read Burst Burst Lengths Supported # Banks on Each SDRAM device CAS# Latency CS# Latency Write Latency SDRAM Module Attributes SDRAM Device Attributes:General SDRAM Cycle time(2nd highest CAS latency) Cycle time for CL=2 -8 -7 10ns 13ns 6ns 7ns N/A N/A 20ns 20ns 20ns 50ns 24 SDRAM Access form Clock(2nd highest CAS latency) -7 -8 tAC for CL=2 25 26 27 28 29 30 SDRAM Cycle time(3rd hig hest CAS latency) SDRAM Access form Clock(3rd highest CAS latency) Precharge to Active Minimum Row Active to Row Active Min. RAS to CAS Delay Min Active to Precharge Min MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 53 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Serial Presence Detect Table II 31 32 Density of each bank on module Command and Address signal input setup time Command and Address signal input hold time 128MByte 2ns 20 20 33 1ns 2ns 1ns option rev 1.2A Check sum for -7 Check sum for -8 10 20 34 35 36-61 62 63 Data signal input setup time Data signal input hold time Superset Information (may be used in future) SPD Revision Checksum for bytes 0-62 10 00 12 3F 7F 1CFFFFFFFFFFFFFF 01 02 03 04 4D483136533732444446412D372020202020 4D483136533732444446412D382020202020 64-71 72 Manufactures Jedec ID code per JEP-108E Manufacturing location MITSUBISHI Miyoshi,Japan Tajima,Japan NC,USA Germany 73-90 Manufactures Part Number MH16S72DDFA-7 MH16S72DDFA-8 91-92 93-94 95-98 99-125 126 127 128+ Revision Code Manufacturing date Assembly Serial Number Manufacture Specific Data Intetl specification frequency Intel specification CAS# Latency support Unused storage locations -7 -8 PCB revision year/week code serial number option 100MHz CL=2/3,AP,CK0 CL=3,AP,CK0 open rrrr yyww ssssssss 00 64 8F 8D 00 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 54 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM 133.35 3 8.89 11.43 6.35 36.83 24.495 42.18 6.35 54.61 127.35 1.27 3 43.18 3.9Max 1.27 MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 55 Preliminary Spec. Some contents are subject to change without notice. MITSUBISHI LSIs MH16S72DDFA-7, -8 1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM Keep safety first in your circuit designs! Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable,but there is always the possibility that trouble may occur with them. Trouble with semiconductors consideration to safety when making your circuit designs,with appropriate measures such as (i) placement of substitutive,auxiliary circuits,(ii) use of non-flammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1.These materials are intended as a reference to assist our customers in the selection of the Mitsubishi semiconductor product best suited to the customer's application;they do not convey any license under any intellectual property rights,or any other rights,belonging to Mitsubishi Electric Corporation or a third party. 2.Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any third-party's rights,originating in the use of any product data,diagrams,charts or circuit application examples contained in these materials. 3.All information contained in these materials,including product data, diagrams and charts,represent information on products at the time of publication of these materials,and are subject to change by Mitsubishi Electric Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for the latest product information before purchasing a product listed herein. 4.Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor when considering the use of a product contained herein for special applications,such as apparatus or systems for transportation, vehicular,medical,aerospace,nuclear,or undersea repeater use. 5.The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in whole or in part these materials. 6.If these products or technologies are subject the Japanese export control restrictions,they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 7.Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for further details on these materials or the products contained therein. MIT-DS-0347-0.1 MITSUBISHI ELECTRIC 15/Oct./1999 56 |
Price & Availability of MH16S72DDFA-8 |