Part Number Hot Search : 
2N5177 M29F800D 2SK1449 BL05A MC79M00 BL05A B11NM60 M0G131
Product Description
Full Text Search
 

To Download MGFL45V1920A04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
MGFL45V1920A
1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET DESCRIPTION
The MGFL45V1920A is an internally impedance-matched GaAs power FET especially designed for use in 1.9 - 2.0 GHz band amplifiers.The hermetically sealed metal-ceramic package guarantees high reliability.
176.+0'&4#9+0)
/+0
/+0
7PKVOKNNKOGVGTU
KPEJGU
r
r
FEATURES
Class A operation Internally matched to 50(ohm) system High output power P1dB = 32W (TYP.) @ f=1.9 - 2.0 GHz High power gain GLP = 13 dB (TYP.) @ f=1.9 - 2.0GHz High power added efficiency P.A.E. = 45 % (TYP.) @ f=1.9 - 2.0GHz Low distortion [item -51] IM3=-45dBc(TYP.) @Po=34.5dBm S.C.L.
r
r
r
r
r
r
/+0
/+0
QUALITY GRADE
IG
r
r
RECOMMENDED BIAS CONDITIONS
VDS = 10 (V) ID = 6.5 (A) RG=25 (ohm)


)#6' 5174%'
(.#0)' &4#+0
)(
(Ta=25deg.C) Ratings -15 -15 22 -61 76 100 175 -65 / +175 Unit V V A mA mA W deg.C deg.C
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter VGDO Gate to drain voltage VGSO Gate to source voltage ID Drain current IGR Reverse gate current IGF Forward gate current PT *1 Total power dissipation Tch Channel temperature Tstg Storage temperature *1 : Tc=25deg.C
< Keep safety first in your circuit designs! > Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them.Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1)placement of substitutive, auxiliary circuits, (2)use of non-flammable material or (3)prevention against any malfunction or mishap.
ELECTRICAL CARACTERISTICS
Symbol VGS(off) P1dB GLP ID P.A.E. IM3 *2
Rth(ch-c) *3
(Ta=25deg.C) Test conditions VDS = 3V , ID = 60mA Min. 44 VDS=10V, ID(RF off)=6.5A, f=1.9 - 2.0GHz 12 -42 Limits Typ. Max. -5 45 13 7.5 45 -45 1.5 Unit V dBm dB A % dBc
deg.C/W
Parameter Saturated drain current Output power at 1dB gain compression Linear power gain Drain current Power added efficiency 3rd order IM distortion Thermal resistance
delta Vf method
*2 : item -51,2 tone test,Po=34.5dBm Single Carrier Level,f=1.9,2.0GHz,dfelta f=5MHz
*3 : Channel-case
r
item 01 : 1.9 - 2.0 GHz band power amplifier item 51 : 1.9 - 2.0 GHz band digital radio communication
MITSUBISHI ELECTRIC
r
r
APPLICATION
r
r
June-'04
MITSUBISHI SEMICONDUCTOR
MGFL45V1920A
1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
TYPICAL CHARACTERISTICS
P1dB,GLP vs. Freq. 46 VDS=10V IDS=6.5A 45 Output power P1dB (dBm) P1dB 45 16 Linear power gain GLP (dB) Output power Po (dBm) 40 17 Po , P.A.E. vs. Pin 50 VDS=10V IDS=6.5A f=1.9GHz Po 50 70
44 GLP 43
15
35 P.A.E. 30
40
14
30
42
13 25 20
41 1.85
1.90
1.95 Frequency (GHz)
2.00
12 2.05
20 10 15 20 25 Input power Pin (dBm) 30 35
10
Po,IM3 vs. Pin 40 VDS=10V IDS=6.5A f1=1.900GHz f2=1.905GHz 0
Output power Po (dBm S.C.L.)
38
-10 Po -20 IM3 (dBc)
36
34 IM3
-30
32
-40
30
-50
28 15 17 19 21 23 25 Input power Pin (dBm S.C.L.) 27 29
-60
S parameters
f (GHz) 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
( Ta=25deg.C , VDS=10(V),IDS=6.5(A) ) S-Parameter (TYP.) S21 S12 Magn. Angle(deg) Magn. Angle(deg) 4.18 -151 0.03 -176 4.76 -170 0.03 161 5.21 167 0.03 135 5.43 145 0.04 108 5.34 122 0.04 84 5.07 102 0.04 59 4.74 84 0.04 41 4.48 70 0.03 25 4.23 54 0.03 7 4.05 40 0.03 -10 3.95 26 0.03 -24
S11 Magn. Angle(deg) 0.55 53 0.41 27 0.29 -16 0.28 -78 0.38 -124 0.49 -152 0.57 -170 0.62 178 0.65 166 0.66 156 0.66 146
Magn. 0.49 0.44 0.37 0.28 0.20 0.16 0.16 0.19 0.23 0.26 0.30
S22 Angle(deg) 66 51 33 11 -21 -61 -98 -120 -136 -147 -154
MITSUBISHI ELECTRIC
June-'04
Power added efficiency P.A.E. (%)
60
MITSUBISHI SEMICONDUCTOR
MGFL45V1920A
1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MITSUBISHI ELECTRIC
June-'04


▲Up To Search▲   

 
Price & Availability of MGFL45V1920A04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X