Part Number Hot Search : 
LB540Z MD180 BAS40 BYV95B EMK23 BGO847 P4SMBJ P4SMBJ
Product Description
Full Text Search
 

To Download MGFC5213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5213
K-Band 2-Stage Power Amplifier
DESCRIPTION
The MGFC5213 is a GaAs MMIC chip especially designed for 27.5 ~ 30.0 GHz band High Power Amplifier (HPA) .
BLOCK DIAGRAM
Vg1 Vg2 Vd1 Vd2
FEATURES
RF frequency : 27.5 to 30.0 GHz Linear gain : 9 dB P1dB : 29 dBm DC power : Vd = 5 V, Id1 + Id2 = 1080 mA
Vg1 Vg2 Vd1 Vd2 In Vd1 Out
ABSOLUTE MAXIMUM RATINGS (Ta = 25 C)
Symbol Vd1, Vd2 Vg1, Vg2 Id1 Id2 Pin Ta Tstg Tmax Parameter Drain supply voltage Gate supply voltage Drain current 1 Drain current 2 RF input power Backside ambient temp. Storage temp. Maximum assembly temp. Ratings 6 -3 ~ 0.5 480 960 25 -20 ~ +70 -65 ~ +175 +300 Units V V mA mA dBm C C C
ELECTRICAL CHARACTERISTICS (Ta = 25 C)
Symbol Gain VSWR in VSWR out P1dB Gain Input VSWR Output VSWR Output power at 1 dB compression point Parameter Conditions Min. Vd = 5 V Id1 = 360 mA Id2 = 720 mA (RF off) f = 27.5, 30.0 GHz Single tone 9.0 3.0 3.0 29.0 Limits Units Typ. Max. dB dBm
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5213
K-Band 2-Stage Power Amplifier
DIE SIZE AND BOND PAD LOCATION(UNIT : M)
Vg 1
Vg 2
Vd 1
Vd 2
GN D RFin GN D
Vd 1
GN D RFout GN D
Vg 1
Vg 2
Vd 1
Vd 2
27 5
13 0 86 5 106 0
156 0
194 0
X Dimention 1.94 mm Y Dimention 2.00 mm
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5213
K-Band 2-Stage Power Amplifier
TYPICAL CHARACTERISTICS
Small Signal Performances
(Vd = 5 V, Id1 = 360mA, Id2 = 720 mA, Ta = 25 C)
15
S21
10 5 0 -5 -10 -15 -20 26
S11
27 28 29 30
S22
31
Frequency [GHz]
Output Power Performances (Vd = 5 V, Id1 = 360mA, Id2 = 720 mA, Ta = 25 C)
35 50
f = 30 GHz
30 25 20 15 10 5 10 40 30 20 10 0 25
Pin [dBm] 15
20
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5213
K-Band 2-Stage Power Amplifier
AN EXAMPLE OF TEST CIRCUIT
Cb
Vg1 Vg2
Cb Cb
Vd1
Vd2
Cb
Vg1 Vg2
Vd1
Vd2
RFin Vd1
RFout
(Vg1) Vg2
Vd1
Vd2
: Chip Condenser ( 39 pF ) Cb > 100 F
MITSUBISHI ELECTRIC
as of July '98


▲Up To Search▲   

 
Price & Availability of MGFC5213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X