Part Number Hot Search : 
1N4700C TL072BCN 1GT101DC 74LV1G PAM2845 HT3810H A3010 VP531
Product Description
Full Text Search
 

To Download MGFC5211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5211
K-Band 2-Stage Power Amplifier
DESCRIPTION
The MGFC5211 is a GaAs MMIC chip especially designed for 21.2 ~ 23.6 GHz band High Power Amplifier (HPA) .
BLOCK DIAGRAM
Vg1 Vg2
FEATURES
RF frequency : 21.2 to 23.6 GHz Linear gain : 13 dB P1dB : 23 dBm DC power : Vd = 5 V, Id1 + Id2 = 270 mA
In
Out
Vd1
Vd2
ABSOLUTE MAXIMUM RATINGS (Ta = 25 C)
Symbol Vd1, Vd2 Vg1, Vg2 Id1 Id2 Pin Ta Tstg Tmax Parameter Drain supply voltage Gate supply voltage Drain current 1 Drain current 2 RF input power Backside ambient temp. Storage temp. Maximum assembly temp. Ratings 6 -3 ~ 0.5 120 240 16 -20 ~ +70 -65 ~ +175 +300 Units V V mA mA dBm C C C
ELECTRICAL CHARACTERISTICS (Ta = 25 C)
Limits Symbol Gain VSWR in VSWR out P1dB IM3 Gain Input VSWR Output VSWR Output power at 1 dB compression point Inter modulation level Parameter Conditions Min. Vd = 5 V Id1 = 90 mA Id2 = 180 mA (RF off) f = 21.2, 23.6 GHz Single tone f = 21.2, 23.6 GHz Tow tone(10MHz off) Pout = 20 dBm 13.0 2.2 2.2 23.0 (22.0) Typ. Max. dB dBm dBc Units
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5211
K-Band 2-Stage Power Amplifier
DIE SIZE AND BOND PAD LOCATION(UNIT : M)
1410 620
GND 950 GND RF in GND 550 R(Vd1) Vd1 R(Vd2) GND Vd2 Vg1 Vg2 GND RF out GND 550
340 530 935 1380 1940
X Dimention 1.94 mm Y Dimention 0.95 mm
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5211
K-Band 2-Stage Power Amplifier
TYPICAL CHARACTERISTICS
Small Signal Performances (Vd = 5 V, Id1 = 90 mA, Id2 = 180 mA, Ta = 25 C) 20 S21 10 0 -10 -20 -30 10 S11 S22
15
20 25 Frequency [GHz]
30
Output Power Performances (Vd = 5 V, Id1 = 90 mA, Id2 = 180 mA, Ta = 25 C) 50 30 f = 22.4 GHz 40 25 20 15 10 5 -10 -5 0 5 10 Pin [dBm] 15 30 20 10 0 20
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5211
K-Band 2-Stage Power Amplifier
AN EXAMPLE OF TEST CIRCUIT
Vg1 Cb Vg2 Cb
Vg1 RFin
Vg2 RFout
R(Vd1) Vd1
R(Vd2) GND
Vd2
Cb Vd1 Vd2
Cb
: Chip Condenser ( 39 pF ) Cb > 100 F
MITSUBISHI ELECTRIC
as of July '98


▲Up To Search▲   

 
Price & Availability of MGFC5211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X