Part Number Hot Search : 
SMBJ120A PSXT90 GP20A AS23XX SMBJ120A VT6102 ZN525 6270M
Product Description
Full Text Search
 

To Download MGFC5109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5109
Ka-Band 3-Stage Self Bias Low Noise Amplifier
DESCRIPTION
The MGFC5109 is a GaAs MMIC chip especially designed for 27.0 ~ 30.0 GHz band Low Noise Amplifier.(LNA) .
BLOCK DIAGRAM
FEATURES
RF frequency : 27.0 to 30.0 GHz Super Low Noise NF=2.5dB (TYP.)
In Vg1 Vg2 Vg3
Out
PHOTOGRAPH
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Symbol Vd Id Vg Pin Ta Drain bias voltage Drain bias current Gate bias voltage Maximum peak input power overdrive (Duration < 1sec) Operating temperature range Parameter Values 3 30 Unit V mA V dBm C
TBD TBD Limits
TARGET SPECIFICATIONS (Ta=25C)
Symbol Fop Gain Delta gain NF VSWR in VSWR out P1dB Output IP3 Vd Id Vg Parameter Operating frequency range Small signal gain Small signal gain flatness Noise figure Input VSWR Output VSWR Output power at 1 dB compression Output power at 3rdorder intercept point Drain bias voltage Drain bias current Gate bias voltage Freq=30GHz Vd=2.5V,Id=20mA On-wafer measurement 27.0 17.0 18.0 1.5 2.5 2.5:1 2.0:1 (5) TBD (17) TBD 2.5 30 No need dBm dBm V mA V as of July '98 30.0 Test conditions Min. Typ. Max. Unit GHz dB dB dB
MITSUBISHI ELECTRIC
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5109
Ka-Band 3-Stage Self Bias Low Noise Amplifier
DIE SIZE AND BOND PAD LOCATION(UNIT : m)
1824 1808 1308 808 308 116
Vd1
Vd2
Vd3
GND
GND RF-in GND Vg1 Vg2 Vg3
GND RF-out GND GND
145 645 1145 1645 1940
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5109
Ka-Band 3-Stage Self Bias Low Noise Amplifier
TYPICAL CHARACTERISTICS
Small Signal Performances
(Vd = 2.5 V, Id = 30 mA, Ta = 25 C ) 25 20 15 10 5 0
VSWR in VSWR out
NF
10 8 6 4 2 0
26
27
28 29 30 Frequency [GHz]
31
32
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5109
Ka-Band 3-Stage Self Bias Low Noise Amplifier
AN EXAMPLE OF TEST CIRCUIT
Cb *1 *2
Cb
Cb
:Chip capacitor (39pF) Cb > 100F
Vd1
Vd2
Vd3
GND
GND RF-in GND Vg1 Vg2 Vg3 GND
GND RF-out GND
*1 *2 *1 Length of bonding wire < 200 m *2 Number of bonding wire 3
MITSUBISHI ELECTRIC
as of July '98


▲Up To Search▲   

 
Price & Availability of MGFC5109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X