Part Number Hot Search : 
1N5264UR DS4212AN SI4642DY HN3C13F 2462B L3216Q AN970 FE30JPT
Product Description
Full Text Search
 

To Download MGFC40V647204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
MGFC40V6472
6.4 - 7.2GHz BAND 10W INTERNALLY MATCHED GaAs FET DESCRIPTION
The MGFC40V6472A is an internally impedance matched GaAs power FET especially designed for use in 6.4 - 7.2 GHz band amplifiers. The hermetically sealed metal-ceramic package guarantees high reliability.
OUTLINE DRAWING
24+/-0.3 R1.25 (1)
Unit: millimeters (inches)
FEATURES
Internally matched to 50 ohm system High output power P1dB = 10W (TYP.) @ f=6.4 - 7.2 GHz High power gain GLP =9 dB (TYP.) @ f=6.4 - 7.2 GHz High power added efficiency P.A.E. = 32 % (TYP.) @ f=6.4 - 7.2 GHz Low Distortion[Item-51] IM3=-45 dBc(TYP.)@Po=29 dBm S.C.L.
0.6+/-0.15 2MIN R1.2
(2) 8.0+/-0.2 17.4+/-0.3
15.8
2MIN
(3) 20.4+/-0.2 13.4 0.1 2.4+/-0.2
APPLICATION
item 01 : 6.4 - 7.2 GHz band power amplifier item 51 : 6.4 - 7.2 GHz band digital radio communication
QUALITY GRADE
IG
4.0+/-0.4 1.4
RECOMMENDED BIAS CONDITIONS
VDS = 10 (V) ID = 2.4 (A) Rg=50 (ohm)
(1): GATE (2): SOURCE (FLANGE) (3): DRAIN
Refer to Bias Procedure
GF-18
ABSOLUTE MAXIMUM RATINGS
Symbol VGDO VGSO ID IGR IGF PT Tch Tstg Parameter Gate to drain voltage Gate to source voltage Drain current Reverse gate current Forward gate current Total power dissipation Channel temperature Storage temperature Ratings -15 -15 7.5 -20 42 42.8 175 -65 / +175 Unit V V A mA mA W deg.C deg.C
< Keep safety first in your circuit designs! > Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1)placement of substitutive, auxiliary circuits, (2)use of non-flammable material or (3)prevention against any malfunction or mishap.
*1 : Tc=25 Deg.C
ABSOLUTE MAXIMUM RATINGS
Symbol IDSS Gm VGS(off) P1dB GLP ID PAE IM3 Parameter Saturated drain current Transconductance Gate to source cut-off voltage Output power at 1dB gain compression Linear power gain Drain current Power added efficiency 3rd order IM distortion *1 *2 Delta Vf method Test conditions Min VDS = 3V , VGS = 0V VDS = 3V , ID = 2.2A VDS = 3V , ID = 40mA -2 39.5 VDS=10V, ID(RF off)=2.4A, f=6.4-7.2GHz 7 -42 Limits Typ 4.5 2 -3 40.5 9 2.4 32 -45 Max 6 -4 3.5 A S V dBm dB A % dBc Deg.C/W Unit
Rth(ch-c) Thermal resistance
*1 : item -51,2 tone test,Po=29.0dBm Single Carrier Level,f=7.2GHz,Delta f=10MHz *2 : Channel-case
MITSUBISHI ELECTRIC
June/2004
MITSUBISHI SEMICONDUCTOR
MGFC40V6472
6.4 - 7.2GHz BAND 10W INTERNALLY MATCHED GaAs FET
MITSUBISHI ELECTRIC
June/2004


▲Up To Search▲   

 
Price & Availability of MGFC40V647204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X