|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI SEMICONDUCTOR MGFC39V7785A 7.7 ~ 8.5GHz BAND 8W INTERNALLY MATCHED GaAs FET DESCRIPTION The MGFC39V7785A is an internally impedance-matched GaAs power FET especially designed for use in 7.7 ~ 8.5 GHz band amplifiers.The hermetically sealed metalceramic package guarantees high reliability. OUTLINE DRAWING Unit : millimeters 21.0 +/-0.3 FEATURES Class A operation Internally matched to 50(ohm) system High output power P1dB = 8W (TYP.) @ f=7.7~8.5GHz High power gain GLP = 7.5 dB (TYP.) @ f=7.7~8.5GHz High power added efficiency P.A.E. = 27 % (TYP.) @ f=7.7~8.5GHz Low distortion [ item -51 ] IM3= -45 dBc(TYP.) @Po=28dBm S.C.L. 2MIN (1) 0.6 +/-0.15 12.9 +/-0.2 (2) (2) R-1.6 11.3 2.6 +/-0.2 2MIN (3) 10.7 17.0 +/-0.2 APPLICATION 4.5 +/-0.4 item 01 : 7.7~8.5 GHz band power amplifier item 51 : 7.7~8.5 GHz band digital radio communication IG RECOMMENDED BIAS CONDITIONS VDS = 10 (V) ID = 2.4 (A) RG= 50 (ohm) Refer to Bias Procedure (Ta=25 deg.C) Ratings -15 -15 7.5 -20 42 42.8 175 -65 / +175 Unit V V A mA mA W deg.C deg.C 0.2 QUALITY GRADE 1.6 12.0 GF-8 (1) GATE (2) SOURCE (FLANGE) (3) DRAIN ABSOLUTE MAXIMUM RATINGS Symbol Parameter VGDO Gate to drain voltage VGSO Gate to source voltage ID Drain current IGR Reverse gate current IGF Forward gate current PT Total power dissipation *1 Tch Channel temperature Tstg Storage temperature *1 : Tc=25 deg.C < Keep safety first in your circuit designs! > Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1)placement of substitutive, auxiliary circuits, (2)use of non-flammable material or (3)prevention against any malfunction or mishap. ELECTRICAL CHARACTERISTICS Symbol Parameter (Ta=25 deg.C) Test conditions Min. 38 6 -42 Limits Typ. 2 39.5 7.5 27 -45 Unit Max. 7.5 A S -4.5 V dBm dB 3 A % dBc 3.5 deg.C/W IDSS Saturated drain current VDS=3V, VGS=0V gm Transconductance VDS=3V, ID=2.2A VGS(off) Gate to source cut-off voltage VDS=3V, ID=20mA P1dB Output power at 1dB gain compression GLP Linear power gain VDS=10V, ID(RF off)=2.4A, f=7.7~8.5GHz ID Drain current P.A.E. Power added efficiency IM3 3rd order IM distortion *1 Rth(ch-c) Thermal resistance *2 Delta Vf method *1 : item -51, 2 tone test, Po=28dBm Single Carrier Level, f=8.5GHz, Delta f=10MHz *2 : Channel to case MITSUBISHI ELECTRIC 0.1 June/2004 MITSUBISHI SEMICONDUCTOR MGFC39V7785A 7.7 ~ 8.5GHz BAND 8W INTERNALLY MATCHED GaAs FET MITSUBISHI ELECTRIC June/2004 |
Price & Availability of MGFC39V7785A04 |